データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF630 データシート(PDF) 3 Page - Nell Semiconductor Co., Ltd

部品番号 IRF630
部品情報  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NELLSEMI [Nell Semiconductor Co., Ltd]
ホームページ  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF630 データシート(HTML) 3 Page - Nell Semiconductor Co., Ltd

  IRF630 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRF630 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRF630 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRF630 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF630 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRF630 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF630 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
ORDERING INFORMATION SCHEME
MOSFET series
Current & Voltage rating, lD & VDS
N-Channel, IR series
9A / 200V
IRF
630
A
Package type
A = TO-220AB
2
H = TO-263 (D PAK)
IRF630 Series
Fig.2 Typical transfer characteristics
Gate-to-Source voltage , V
(volts)
GS
Drain-to-Source voltage , VDS (volts)
Fig.1 Typical output characteristics,
T =25°C
C
Drain-to-Source voltage , V
(volts)
DS
Fig.3 Typical output characteristics,
T =150°C
C
Fig.4 Normalized On-Resistance vs. Temperature
Junction Temperature,T (°C)
J
1
10
4
1
10
-1
10
0
10
6
7
5
8
1
10
0
10
-1
10
2.5
2
1.5
1
0.5
0
-60 -40 -20
0
20
40
60 80 100 120 140 160
VGS
Top: 15V
10V
8V
7V
6V
5.5V
5V
Bottorm: 4.5V
20µs pulse width
T =25°C
C
4.5V
0
10
-1
10
1
10
0
10
-1
10
9
10
25°C
150°C
V
=50V
DS
20µs pulse width
10V
VGS
Top: 15V
10V
8V
7V
6V
5.5V
5V
Bottorm: 4.5V
4.5V
20µs pulse width
T =150°C
J
1
10
0
10
-1
10
l =5.9A
D
V
=10V
GS
3
www.nellsemi.com
Page 3 of 7


同様の部品番号 - IRF630

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
IRF630 PHILIPS-IRF630 Datasheet
97Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
Dc Components
IRF630 DCCOM-IRF630 Datasheet
206Kb / 2P
   TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
logo
List of Unclassifed Man...
IRF630 ETC2-IRF630 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
STMicroelectronics
IRF630 STMICROELECTRONICS-IRF630 Datasheet
104Kb / 9P
   N - CHANNEL 200V - 0.35ihm - 9A - TO-220/FP MESH OVERLAY] MOSFET
logo
Inchange Semiconductor ...
IRF630 ISC-IRF630 Datasheet
128Kb / 1P
   N-channel mosfet transistor
More results

同様の説明 - IRF630

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com