データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS8141YTHA7 データシート(PDF) 8 Page - Cherry Semiconductor Corporation

部品番号 CS8141YTHA7
部品情報  5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHERRY [Cherry Semiconductor Corporation]
ホームページ  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8141YTHA7 データシート(HTML) 8 Page - Cherry Semiconductor Corporation

Back Button CS8141YTHA7 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8141YTHA7 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8141YTHA7 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8141YTHA7 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8141YTHA7 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS8141YTHA7 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS8141YTHA7 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS8141YTHA7 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS8141YTHA7 Datasheet HTML 12Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
As long as ENABLE is high or ENABLE is low and the
Watchdog signal is normal, VOUT will be at 5V (typ). If
ENABLE is low and the Watchdog signal moves outside
programmable limits, the output transistor turns off and
the IC goes into SLEEP mode. Only the ENABLE circuitry
in the IC remains powered up, drawing a quiescent cur-
rent of 250µA.
The Watchdog monitors the frequency of an incoming
WDI signal. If the signal falls outside of the WDI window,
a frequency programmable pulse train is generated at the
lead (Figure 3) until the correct Watchdog input
signal reappears at the lead (ENABLE = HIGH).
The lower and upper window threshold limits of the
watchdog function are set by the value of CDELAY. The lim-
its are determined according to the following equations for
the CS8140:
(a)
tWDILOWER = (1.3 x 105)CDELAY or
fWDI(LOWER) = (7.69 x 10-6)CDELAY-1
(b)
tWDI(UPPER) = (3.82 x 10-4)CDELAY or
fWDI(UPPER) = (2.62 x 10-5)CDELAY-1
For the CS8141 the lower limit is determined by the equa-
tions in (a) above.
The capacitor CDELAY also determines the frequency of the
signal and the POWER-ON-
(POR) delay
period.
Function
The
function is activated when the Watchdog sig-
nal is outside of its preset window (Figure 3), when the
regulator is in its power up state (Figure 4a) or when VOUT
drops below VOUT -4.5% for more than 2µs (Figure 4b.)
If the Watchdog signal falls outside of the preset voltage
and frequency window, a frequency programmable pulse
train is generated at the
lead (Figure 3) until the
correct Watchdog input signal reappears at the lead. The
duration of the
pulse is determined by CDELAY
according to the following equation:
tWDI(
) = (1 x10
4)CDELAY
4a: Power
and Power Down
4b: Undervoltage Triggered
If an undervoltage condition exists, the voltage on the
lead goes low and the delay capacitor, CDELAY, is
discharged.
remains low until output is in regula-
tion, the voltage on CDELAY exceeds the upper switching
threshold and the Watchdog input signal is within its set
window limits (Figure 4). The delay after the output is in
regulation is:
tPOR(typ) = (4.75 x 105) CDELAY
The
delay circuit is also programmed with the
external cap CDELAY.
The output of the reset circuit is an open collector NPN.
is operational down to VOUT = 1V. Both
and
its delay are governed by comparators with hysteresis to
avoid undesirable oscillations.
RESET
RESET
RESET
RESET
RESET
RESET
VOUT
VOUT -4.5%
<2
mS
RESET
5V
tPOR
³2ms
RESET
VOUT
VR
HI
VR
LO
VR
LO
tPOR
RESET
VR
PEAK
RESET Circuit Waveforms with Delays Indicated
RESET
RESET
RESET
RESET
RESET
RESET
RESET
RESET
Circuit Description: continued
Application Notes
The CS8140 with its unique integration of linear regulator
and control features:
, ENABLE and WATCHDOG,
provides a single IC solution for a microprocessor power
supply. The reset delay, reset duration and watchdog fre-
quency limits are all determined by a single capacitor. For
a particular microprocessor the overriding requirement is
usually the reset delay (also known as power on reset).
The capacitor is chosen to meet this requirement and the
reset duration and watchdog frequency follow.
The reset delay is given by:
tPOR(typ) = (4.75 x 105)CDELAY
Assume that the reset delay must be 200ms minimum.
From the CS8140 data sheet the reset delay has a ±37% tol-
erance due to the regulator.
Assume the capacitor tolerance is ±10%.
tPOR (min) = (4.75 x 105 x 0.63) x CDELAY x 0.9
CDELAY (min) =
CDELAY = (min) = 0.743 µF
Closest standard value is 0.82µF.
Minimum and maximum delays using 0.82µF are 220ms
and 586ms.
tPOR (min)
2.69 x 105
RESET
CS8140 Design Example


同様の部品番号 - CS8141YTHA7

メーカー部品番号データシート部品情報
logo
Cherry Semiconductor Co...
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
logo
ON Semiconductor
CS8147 ONSEMI-CS8147 Datasheet
85Kb / 12P
   10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
logo
Cherry Semiconductor Co...
CS8147YT5 CHERRY-CS8147YT5 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
logo
ON Semiconductor
CS8147YT5 ONSEMI-CS8147YT5 Datasheet
85Kb / 12P
   10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
logo
Cherry Semiconductor Co...
CS8147YTHA5 CHERRY-CS8147YTHA5 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
More results

同様の説明 - CS8141YTHA7

メーカー部品番号データシート部品情報
logo
Cherry Semiconductor Co...
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
   5V, 1A Linear Regulator with and ENABLE RESET
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
NCV8518B ONSEMI-NCV8518B Datasheet
172Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
June, 2010 ??Rev. 1
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
   Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
logo
ON Semiconductor
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com