データシートサーチシステム |
|
LCDA15C-4 データシート(PDF) 1 Page - Socay Electornics Co., Ltd. |
|
LCDA15C-4 データシート(HTML) 1 Page - Socay Electornics Co., Ltd. |
1 / 3 page Transient Voltage Suppressors Array for ESD Protection Low Capacitance Revision January 06, 2014 1 / 3 @ SOCAY Electronics Co., Ltd. 2014 Specifications are subject to change without notice. Please refer to www.socay.com for current information. LCDAXXC-4 Series SOCAY Electronics Co., Ltd. www.socay.com SO-08 The LCDAXXC-4 is in an SO-08 package and may be used to protect two high-speed line pairs. The “flow-thru” design minimizes trace inductance and reduces voltage overshoot associated with ESD events. The low clamping voltage of the LCDAXXC-4 minimizes the stress on the protected IC. u 500 Watts Peak Pulse Power per Line (tp=8/20 μs) u Protects four I/O lines u Low capacitance for high-speed data lines u RoHS Compliant u IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact) u IEC61000-4-4 (EFT) 40A (5/50 ηs) u IEC61000-4-5 (Lightning) 24A (8/20 μs) u High-Speed Data Lines u Microprocessor Based Equipment u Test & Measurement Equipment u Notebooks, Desktops, and Servers u Instrumentation u Audio/Video Inputs u LAN/WAN Equipment u Peripherals u JEDEC SO-08 Package u Molding Compound Flammability Rating : UL 94V-0 u Weight 70 Milligrams (Approximate) u Quantity Per Reel : 500pcs u Reel Size : 7 inch u Lead Finish : Lead Free Symbol Parameter Value Units PPP Peak Pulse Power (tp=8/20 μs waveform) 500 W TL Lead Soldering Temperature 260 (10sec) ºC TSTG Storage Temperature Range -55 to +150 ºC TJ Operating Temperature Range -55 to +150 ºC Air Discharge ±15 IEC61000-4-2 (ESD) Contact Discharge ±8 KV IEC61000-4-4 (EFT) 40 A IEC61000-4-5 (Lightning) 24 A Mechanical Characteristics Description Feature Functional Diagram Applications Mechanical Characteristics |
同様の部品番号 - LCDA15C-4 |
|
同様の説明 - LCDA15C-4 |