データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS4205 データシート(PDF) 7 Page - Cirrus Logic

部品番号 CS4205
部品情報  CrystalClear Audio Codec 97 with Portable Computing
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4205 データシート(HTML) 7 Page - Cirrus Logic

Back Button CS4205 Datasheet HTML 3Page - Cirrus Logic CS4205 Datasheet HTML 4Page - Cirrus Logic CS4205 Datasheet HTML 5Page - Cirrus Logic CS4205 Datasheet HTML 6Page - Cirrus Logic CS4205 Datasheet HTML 7Page - Cirrus Logic CS4205 Datasheet HTML 8Page - Cirrus Logic CS4205 Datasheet HTML 9Page - Cirrus Logic CS4205 Datasheet HTML 10Page - Cirrus Logic CS4205 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
CS4205
DS489PP2
7
1. CHARACTERISTICS AND SPECIFICATIONS
ANALOG CHARACTERISTICS (Standard test conditions unless otherwise noted: T
ambient = 25° C,
AVdd = 5.0 V ±5%, DVdd = 3.3 V ±5%; 1 kHz Input Sine wave; Sample Frequency, Fs = 48 kHz; ZAL=100 kΩ/
1000 pF load for Mono and Line Outputs; CDL = 18 pF load (Note 1); Measurement bandwidth is 20 Hz - 20 kHz,
18-bit linear coding for ADC functions, 20-bit linear coding for DAC functions; Mixer registers set for unity gain.
Notes: 1. ZAL refers to the analog output pin loading and CDL refers to the digital output pin loading.
2. Parameter definitions are given in Section 15, Parameter and Term Definitions.
3. Path refers to the signal path used to generate this data. These paths are defined in Section 15,
Parameter and Term Definitions.
4. This specification is guaranteed by silicon characterization; it is not production tested.
Parameter
(Note 2)
Symbol
Path
(Note 3)
CS4205-KQ
Unit
Min
Typ
Max
Full Scale Input Voltage
Line Inputs
Mic Inputs
(10dB = 0, 20dB = 0)
Mic Inputs
(10dB = 1, 20dB = 0)
Mic Inputs
(10dB = 0, 20dB = 1)
Mic Inputs
(10dB = 1, 20dB = 1)
A-D
A-D
A-D
A-D
A-D
0.91
0.91
0.283
0.091
0.0283
1.00
1.00
0.315
0.10
0.0315
-
-
-
-
-
VRMS
VRMS
VRMS
VRMS
VRMS
Full Scale Output Voltage
Line and Mono Outputs
D-A
0.91
1.0
1.13
VRMS
Frequency Response
(Note 4)
Analog
Ac = ± 0.5 dB
DAC
Ac = ± 0.5 dB
ADC
Ac = ± 0.5 dB
FR
A-A
D-A
A-D
20
20
20
-
-
-
20,000
20,000
20,000
Hz
Hz
Hz
Dynamic Range
Stereo Analog Inputs to LINE_OUT
Mono Analog Input to LINE_OUT
DAC Dynamic Range
ADC Dynamic Range
DR
A-A
A-A
D-A
A-D
90
85
85
85
95
90
90
90
-
-
-
-
dB FS A
dB FS A
dB FS A
dB FS A
DAC SNR
(-20 dB FS input w/ CCIR-RMS filter on output)
SNR
D-A
-
70
-
dB
Total Harmonic Distortion + Noise
(-3 dB FS input signal):
Line Output
DAC
ADC
(all inputs)
THD+N
A-A
D-A
A-D
-
-
-
-90
-87
-84
-80
-80
-80
dB FS
dB FS
dB FS
Power Supply Rejection Ratio
(1 kHz, 0.5 VRMS w/ 5 V DC offset)
(Note 4)
40
60
-
dB
Interchannel Isolation
70
87
-
dB
Spurious Tone
(Note 4)
-
-100
-
dB FS
Input Impedance
(Note 4)
10
-
-
k


同様の部品番号 - CS4205

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4205 CIRRUS-CS4205 Datasheet
1Mb / 66P
   Audio Codec ??7 with Headphone Amplifier
CS4205 CIRRUS-CS4205 Datasheet
1Mb / 81P
   CrystalClear짰 Audio Codec ??7 for Portable Computing
CS4205-KQZ CIRRUS-CS4205-KQZ Datasheet
1Mb / 81P
   CrystalClear짰 Audio Codec ??7 for Portable Computing
CS4205 CIRRUS-CS4205_05 Datasheet
1Mb / 81P
   CrystalClear짰 Audio Codec ??7 for Portable Computing
More results

同様の説明 - CS4205

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4297A CIRRUS-CS4297A Datasheet
938Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4297 CIRRUS-CS4297 Datasheet
936Kb / 46P
   CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ Datasheet
474Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299 Datasheet
951Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299_06 Datasheet
1Mb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4201 CIRRUS-CS4201 Datasheet
1Mb / 68P
   CrystalClear Audio Codec 97 with headphone Amplifier
CS4299-BQ CIRRUS-CS4299-BQ_06 Datasheet
655Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4205 CIRRUS-CS4205_05 Datasheet
1Mb / 81P
   CrystalClear짰 Audio Codec ??7 for Portable Computing
CS4202 CIRRUS-CS4202 Datasheet
1Mb / 68P
   Audio Codec 97 with headphone Amplifier
logo
Wolfson Microelectronic...
WM9714L WOLFSON-WM9714L_06 Datasheet
1Mb / 94P
   AC 97 Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com