データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS4222-KS データシート(PDF) 2 Page - Cirrus Logic

部品番号 CS4222-KS
部品情報  20-Bit Stereo Audio Codec with Volume Control
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4222-KS データシート(HTML) 2 Page - Cirrus Logic

  CS4222-KS Datasheet HTML 1Page - Cirrus Logic CS4222-KS Datasheet HTML 2Page - Cirrus Logic CS4222-KS Datasheet HTML 3Page - Cirrus Logic CS4222-KS Datasheet HTML 4Page - Cirrus Logic CS4222-KS Datasheet HTML 5Page - Cirrus Logic CS4222-KS Datasheet HTML 6Page - Cirrus Logic CS4222-KS Datasheet HTML 7Page - Cirrus Logic CS4222-KS Datasheet HTML 8Page - Cirrus Logic CS4222-KS Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ANALOG CHARACTERISTICS ( TA = 25°C; VA, VD = +5V; Full Scale Input Sine wave,
997 Hz; Fs = 48 kHz; Measurement Bandwidth is 20 Hz to 20 kHz; Local components as shown in "Recom-
mended Connection Diagram"; SPI mode, Format 0, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Units
Analog Input Characteristics
ADC Resolution
-
-
20
Bits
Total Harmonic Distortion
THD
0.003
-
%
Dynamic Range
(A-weighted):
(unweighted):
TBD
TBD
99
96
-
-
dB
dB
Total Harmonic Distortion + Noise
-1 dB
(Note 1)
THD+N
-
-90
TBD
dB
Interchannel Isolation
(1 kHz)
-
90
-
dB
Interchannel Gain Mismatch
-
0.1
-
dB
Offset Error
(with High Pass Filter)
(HPF defeated with CAL)
-
-
-
TBD
0
-
LSB
LSB
Full Scale Input Voltage (Differential)
1.9
2.0
2.1
Vrms
Gain Drift
-
100
-
ppm/°C
Input Resistance
10
-
-
k
Input Capacitance
-
-
15
pF
Common Mode Input Voltage
-
2.3
-
V
A/D Decimation Filter Characteristics
Passband
(Note 2)
0
-
21.8
kHz
Passband Ripple
-
-
±0.01
dB
Stopband
(Note 2)
30
-
6114
kHz
Stopband Attenuation
(Note 3)
80
-
-
dB
Group Delay (Fs = Output Sample Rate)
(Note 4)
tgd
-15/Fs
-
s
Group Delay Variation vs. Frequency
∆ tgd
--
0
µs
High Pass Filter Characteristics
Frequency Response:
-3 dB
(Note 2)
-0.1 dB
-
-
3.7
20
-
-
Hz
Hz
Phase Deviation
@ 20 Hz
(Note 2)
-
10
-
Degree
Passband Ripple
-
-
0
dB
Notes:
1. Referenced to typical full-scale differential input voltage (2 Vrms)
2. Filter characteristics scale with output sample rate. For output sample rates, Fs, other than 48 kHz,
the 0.01 dB passband edge is 0.4535xFs and the stopband edge is 0.625xFs.
3. The analog modulator samples the input at 6.144 MHz for an Fs equal to 48 kHz. There is
no rejection of input signals which are multiples of the sampling frequency ( n x 6.144 MHz
±21.8 kHz
where n = 0,1,2,3...).
4. Group delay for Fs = 48 kHz, tgd = 15/48 kHz = 312
µs
* Parameter definitions are given at the end of this data sheet.
Specifications are subject to change without notice.
CS4222
2
DS236PP3


同様の部品番号 - CS4222-KS

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4222-KS CIRRUS-CS4222-KS Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
More results

同様の説明 - CS4222-KS

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4222 CIRRUS-CS4222_02 Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
logo
Wolfson Microelectronic...
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS4223 CIRRUS-CS4223 Datasheet
778Kb / 32P
   24-Bit 105 dB Audio Codec with Volume Control
CS4223 CIRRUS-CS4223_03 Datasheet
790Kb / 34P
   24-Bit 105 dB Audio Codec with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com