データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS4226 データシート(PDF) 1 Page - Cirrus Logic

部品番号 CS4226
部品情報  Surround Sound Codec
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4226 データシート(HTML) 1 Page - Cirrus Logic

  CS4226 Datasheet HTML 1Page - Cirrus Logic CS4226 Datasheet HTML 2Page - Cirrus Logic CS4226 Datasheet HTML 3Page - Cirrus Logic CS4226 Datasheet HTML 4Page - Cirrus Logic CS4226 Datasheet HTML 5Page - Cirrus Logic CS4226 Datasheet HTML 6Page - Cirrus Logic CS4226 Datasheet HTML 7Page - Cirrus Logic CS4226 Datasheet HTML 8Page - Cirrus Logic CS4226 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
1
Copyright
© Cirrus Logic, Inc. 1998
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CS4226
Surround Sound Codec
Features
l Stereo 20-bit A/D Converters
l Six 20-bit D/A Converters
l S/PDIF Receiver
— AC-3 & MPEG Auto-detect Capability
l 108 dB DAC Signal-to-Noise Ratio (EIAJ)
l Mono 20-bit A/D Converter
l Programmable Input Gain & Output
Attenuation
l On-chip Anti-aliasing and Output Smoothing
Filters
l De-emphasis for 32 kHz, 44.1 kHz, 48 kHz
Description
The CS4226 is a single-chip codec providing stereo an-
alog-to-digital and six digital-to-analog converters using
delta-sigma conversion techniques. This +5 V device
also contains volume control independently selectable
for each of the six D/A channels. An S/PDIF receiver is
included as a digital input channel. Applications include
Dolby Pro-logic, THX, DTS and Dolby Digital AC-3 home
theater systems, DSP based car audio systems, and
other multi-channel applications.
The CS4226 is packaged in a 44-pin plastic TQFP.
ORDERING INFORMATION
CS4226-KQ
-10° to +70° C 44-pin TQFP
CS4226-BQ
-40° to +85° C 44-pin TQFP
CDB4226
Evaluation Board
I
SCL/CCLK
DEM
SDA/CDOUT
VD+
AOUT1
LRCK
SCLK
SDIN1
SDOUT1
Control Port
DAC#1
Right
ADC
Left
ADC
Volume
Control
VA+
AOUT2
AIN1L
AIN1R
SDIN2
SDOUT2
OVL/ERR
DAC#4
DAC#2
DAC#3
DEM
MUX
Clock Osc/
Divider
CLKOUT XTI XTO
PLL
FILT
Volume
Control
Volume
Control
Volume
Control
LRCKAUX/RX3
SCLKAUX/RX2
DGND1 DGND2
S/PDIF RX/Auxiliary Input
AOUT3
AOUT4
Voltage
Reference
AIN2L/FREQ0
AIN2R/FREQ1
AIN3L/AUTODATA
AIN3R/AUDIO
AGND2
SDIN3
PDN
AD1/CDIN AD0/CS I2C/SPI
CMOUT
DAC#6
DAC#5
Volume
Control
Volume
Control
AOUT5
AOUT6
Mono
ADC
AINAUX
AGND1
RX1
DATAUX/RX4
HOLD/RUBIT
SEP ‘98
DS188F1


同様の部品番号 - CS4226

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4226 CIRRUS-CS4226 Datasheet
643Kb / 37P
   Surround Sound Codec
CS4226-BQ CIRRUS-CS4226-BQ Datasheet
643Kb / 37P
   Surround Sound Codec
CS4226-BQZ CIRRUS-CS4226-BQZ Datasheet
643Kb / 37P
   Surround Sound Codec
CS4226-DQ CIRRUS-CS4226-DQ Datasheet
643Kb / 37P
   Surround Sound Codec
CS4226-KQ CIRRUS-CS4226-KQ Datasheet
643Kb / 37P
   Surround Sound Codec
More results

同様の説明 - CS4226

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4226 CIRRUS-CS4226_04 Datasheet
643Kb / 37P
   Surround Sound Codec
logo
Wolfson Microelectronic...
WM9704Q WOLFSON-WM9704Q Datasheet
271Kb / 35P
   4-Channel Surround Sound Codec
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
CS4228A CIRRUS-CS4228A Datasheet
518Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec?
CS4228 CIRRUS-CS4228 Datasheet
487Kb / 30P
   24-Bit, 96 kHz Surround Sound Codec?
logo
NEC
UPC1891A NEC-UPC1891A Datasheet
993Kb / 28P
   MATRIX SURROUND-SOUND PROCESSOR
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
Mitsubishi Electric Sem...
M62498FP MITSUBISHI-M62498FP Datasheet
191Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
logo
Renesas Technology Corp
M61510FP RENESAS-M61510FP Datasheet
7Mb / 19P
   DIGTAL SOUND CONTROLLER WIHT SURROUND
logo
STMicroelectronics
TDA7346 STMICROELECTRONICS-TDA7346 Datasheet
122Kb / 14P
   DIGITAL CONTROLLED SURROUND SOUND MATRIX
February 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com