データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDB4221 データシート(PDF) 5 Page - Cirrus Logic

部品番号 CDB4221
部品情報  24-Bit Stereo Audio Codec with 3V Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4221 データシート(HTML) 5 Page - Cirrus Logic

  CDB4221 Datasheet HTML 1Page - Cirrus Logic CDB4221 Datasheet HTML 2Page - Cirrus Logic CDB4221 Datasheet HTML 3Page - Cirrus Logic CDB4221 Datasheet HTML 4Page - Cirrus Logic CDB4221 Datasheet HTML 5Page - Cirrus Logic CDB4221 Datasheet HTML 6Page - Cirrus Logic CDB4221 Datasheet HTML 7Page - Cirrus Logic CDB4221 Datasheet HTML 8Page - Cirrus Logic CDB4221 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
CS4220 CS4221
DS284PP3
5
ANALOG CHARACTERISTICS (CONTINUED)
Notes: 5. The passband and stopband edges scale with frequency. For input word rates, Fs, other than 48 kHz,
the 0.01 dB passband edge is 0.4535x Fs and the stopband edge is 0.5465x Fs.
6. Digital filter characteristics.
7. Measurement bandwidth is 10 Hz to 3 Fs.
Parameter
Symbol
CS4220/1 - KS
Unit
Min
Typ
Max
Analog Output Characteristics - Minimum Attenuation, 10 k
, 100 pF load; unless otherwise specified.
DAC Resolution
-
-
24
Bits
Signal-to-Noise, Idle-Channel Noise
(CS4221 only)
DAC
muted, A-weighted
97
105
-
dB
Dynamic Range
DAC not muted, A-weighted
DAC not muted, unweighted
95
92
100
97
-
-
dB
Total Harmonic Distortion
THD
-
0.003
-
%
Total Harmonic Distortion + Noise
THD+N
-
-92
-87
dB
Interchannel Isolation
(1 kHz)
-
90
-
dB
Interchannel Gain Mismatch
-
-
0.1
dB
Attenuation Step Size
All Outputs
0.35
0.5
0.65
dB
Programmable Output Attenuation Span
110
113.5
-
dB
Differential Offset Voltage
-
±10
-
mV
Common Mode Output Voltage
-
2.4
-
V
Full Scale Output Voltage
1.8
1.9
2.0
Vrms
Gain Drift
-
100
-
ppm/°
C
Out-of-Band Energy
Fs/2 to 2 Fs
-
-60
-
dBFs
Analog Output Load
Resistance
Capacitance
10
-
-
-
-
100
k
pF
Combined Digital and Analog Filter Characteristics
Frequency Response10 Hz to 20 kHz
-
±0.1
-
dB
Deviation from Linear Phase
-
±0.5
-
Degree
Passband: to 0.01 dB corner
(Notes 5 and 6)
0
-
21.8
kHz
Passband Ripple
(Note 6)
-
-
±0.01
dB
Stopband
(Notes 5 and 6)
26.2
-
-
kHz
Stopband Attenuation
(Note 7)
70
-
-
dB
Group Delay (Fs = Input Word Rate)
tgd
-16/Fs
-
s
Power Supply
Power Supply Current
VA
VD
VL
Total Power Down
-
-
-
-
46
9
3
0.4
60
20
5
-
mA
Power Supply Rejection Ratio
1 kHz
-
65
-
dB


同様の部品番号 - CDB4221

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CDB4222 CIRRUS-CDB4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
CDB4222 CIRRUS-CDB4222 Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
CDB4223 CIRRUS-CDB4223 Datasheet
778Kb / 32P
   24-Bit 105 dB Audio Codec with Volume Control
CDB4223 CIRRUS-CDB4223 Datasheet
790Kb / 34P
   24-Bit 105 dB Audio Codec with Volume Control
CDB4224 CIRRUS-CDB4224 Datasheet
778Kb / 32P
   24-Bit 105 dB Audio Codec with Volume Control
More results

同様の説明 - CDB4221

メーカー部品番号データシート部品情報
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
logo
Asahi Kasei Microsystem...
AK4621 AKM-AK4621 Datasheet
532Kb / 41P
   24-Bit 192kHz Stereo Audio CODEC
logo
Nuvoton Technology Corp...
WAU8822 NUVOTON-WAU8822 Datasheet
942Kb / 21P
   24-bit Stereo Audio Codec with Speaker Driver
NAU8822 NUVOTON-NAU8822 Datasheet
2Mb / 91P
   24-bit Stereo Audio Codec with Speaker Driver
NAU88U22A NUVOTON-NAU88U22A Datasheet
2Mb / 96P
   24-bit Stereo Audio Codec with Speaker Driver
NAU88C22 NUVOTON-NAU88C22 Datasheet
3Mb / 101P
   24-bit Stereo Audio Codec with Speaker Driver
logo
List of Unclassifed Man...
WAU8822YG ETC2-WAU8822YG Datasheet
942Kb / 2P
   24-bit Stereo Audio Codec with Speaker Driver
logo
Nuvoton Technology Corp...
NAU8822L NUVOTON-NAU8822L Datasheet
3Mb / 97P
   24-bit Stereo Audio Codec with Speaker Driver
NAU8822A NUVOTON-NAU8822A Datasheet
3Mb / 91P
   24-bit Stereo Audio Codec with Speaker Driver
logo
NXP Semiconductors
UDA1355H PHILIPS-UDA1355H Datasheet
315Kb / 76P
   Stereo audio codec with SPDIF interface
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com