データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDB4223 データシート(PDF) 1 Page - Cirrus Logic

部品番号 CDB4223
部品情報  24-Bit 105 dB Audio Codec with Volume Control
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4223 データシート(HTML) 1 Page - Cirrus Logic

  CDB4223 Datasheet HTML 1Page - Cirrus Logic CDB4223 Datasheet HTML 2Page - Cirrus Logic CDB4223 Datasheet HTML 3Page - Cirrus Logic CDB4223 Datasheet HTML 4Page - Cirrus Logic CDB4223 Datasheet HTML 5Page - Cirrus Logic CDB4223 Datasheet HTML 6Page - Cirrus Logic CDB4223 Datasheet HTML 7Page - Cirrus Logic CDB4223 Datasheet HTML 8Page - Cirrus Logic CDB4223 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 1999
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
24-Bit 105 dB Audio Codec with Volume Control
Features
l 105 dB Dynamic Range A/D Converters
l 105 dB Dynamic Range D/A Converters
l 110 dB DAC Signal-to-Noise Ratio (EIAJ)
l Analog Volume Control (CS4224 only)
l Differential Inputs / Outputs
l On-chip Anti-aliasing and Output Smoothing
Filters
l De-emphasis for 32, 44.1 and 48 kHz
l Supports Master and Slave Modes
l Single +5 V power supply
l On-Chip Crystal Oscillator
l 3 - 5 V Digital Interface
Description
The CS4223/4 is a highly integrated, high performance,
24-bit, audio codec providing stereo analog-to-digital
and stereo digital-to-analog converters using delta-sig-
ma conversion techniques. The device operates from a
single +5 V power supply, and features low power con-
sumption. Selectable de-emphasis filter for 32, 44.1, and
48 kHz sample rates is also included.
The CS4224 includes an analog volume control capable
of 113.5 dB attenuation in 0.5 dB steps. The analog vol-
ume control architecture preserves dynamic range
during attenuation. Volume control changes are imple-
mented using a “soft” ramping or zero crossing
technique.
Applications include digital effects processors, DAT, and
multitrack recorders.
ORDERING INFORMATION
CS4223-KS
-10 to +70 °C
28-pin SSOP
CS4223-BS
-40 to +85 °C
28-pin SSOP
CS4224-KS
-10 to +70 °C
28-pin SSOP
CS4224-BS
-40 to +85 °C
28-pin SSOP
CDB4223/4
Evaluation Board
I
SCL/CCLK SDA/CDIN AD0/CS
MCLK
VD
VA
RST
LRCK
SCLK
SDIN
SDOUT
DGND
AGND
AOUTL+
AOUTL-
AOUTR+
AOUTR-
AINL-
AINL+
AINR-
AINR+
Control Port
Left
DAC
Right
DAC
Voltage
Reference
Left
ADC
Right
ADC
Volume
Control
(DIF1)(DIF0)(DEM0)
I C/SPI
(DEM1)
2
Clock OSC
( ) = CS4223
Volume
Control
VL
XTI
XTO
* = CS4224
*
*
APR ‘00
DS290PP3
CS4223
CS4224


同様の部品番号 - CDB4223

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CDB4223 CIRRUS-CDB4223 Datasheet
790Kb / 34P
   24-Bit 105 dB Audio Codec with Volume Control
More results

同様の説明 - CDB4223

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4223 CIRRUS-CS4223_03 Datasheet
790Kb / 34P
   24-Bit 105 dB Audio Codec with Volume Control
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
CS4222 CIRRUS-CS4222_02 Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
logo
Wolfson Microelectronic...
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
WM8772 WOLFSON-WM8772_05 Datasheet
774Kb / 73P
   24-bit, 192kHz 6-Channel Codec with Volume Control
WM8772 WOLFSON-WM8772 Datasheet
678Kb / 70P
   24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
WM8770 WOLFSON-WM8770 Datasheet
564Kb / 52P
   24-bit, 192kHz 8-Channel Codec with Volume Control
logo
Cirrus Logic
CS4245 CIRRUS-CS4245 Datasheet
1Mb / 54P
   105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com