データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS4235-JQ データシート(PDF) 6 Page - Cirrus Logic

部品番号 CS4235-JQ
部品情報  CrystalClear Low Cost ISA Audio System
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4235-JQ データシート(HTML) 6 Page - Cirrus Logic

Back Button CS4235-JQ Datasheet HTML 2Page - Cirrus Logic CS4235-JQ Datasheet HTML 3Page - Cirrus Logic CS4235-JQ Datasheet HTML 4Page - Cirrus Logic CS4235-JQ Datasheet HTML 5Page - Cirrus Logic CS4235-JQ Datasheet HTML 6Page - Cirrus Logic CS4235-JQ Datasheet HTML 7Page - Cirrus Logic CS4235-JQ Datasheet HTML 8Page - Cirrus Logic CS4235-JQ Datasheet HTML 9Page - Cirrus Logic CS4235-JQ Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 94 page
background image
DIGITAL CHARACTERISTICS
(TA = 25 °C; VA, VDF1-VDF3 = +5 V, VD1 = +5 V; AGND, DGND1, SGND1-SGND4 = 0 V.)
Parameter
Symbol
Min
Max
Units
High-level Input Voltage
UP/DOWN/MUTE
Other Digital Inputs
XTALI
VIH
3.0
2.0
VDF-1.0
-
-
-
V
V
V
Low-level Input Voltage
VIL
-0.8
V
High-level Output Voltage:
ISA Bus Pins
I0 = -24.0 mA
IOCHRDY, SDA
(Note 6)
All Others
I0 = -1.0 mA
VOH
2.4
-
2.4
VD1
VDF
VDF
V
V
V
Low-level Output Voltage:
ISA Bus Pins
I0 = 24.0 mA
MCLK, SDOUT, MIDOUT, IOCHRDY
I0 = 8.0 mA
All Others
I0 = 4.0 mA
VOL
-
-
-
0.4
0.4
0.4
V
V
V
Input Leakage Current
(Digital Inputs)
-10
10
µA
Output Leakage Current
(High-Z Digital Outputs)
-10
10
µA
Note
6. Open Collector pins. High level output voltage dependent on external pull up (required) used and
number of peripherals (gates) attached.
ADC1/DAC1 DIGITAL FILTER CHARACTERISTICS (Note 1)
Parameter
Symbol
Min
Typ
Max
Units
Passband
0
-
0.40xFs
Hz
Frequency Response
-1.0
-
+0.5
dB
Passband Ripple
(0-0.40xFs)
-
-
±0.1
dB
Transition Band
0.40xFs
-
0.60xFs
Hz
Stop Band
0.60xFs
-
-
Hz
Stop Band Rejection
74
-
-
dB
Group Delay
-
-
10/Fs
s
Group Delay Variation vs. Frequency
ADC1
DAC1
-
-
-
-
0.0
0.1/Fs
µs
µs
RECOMMENDED OPERATING CONDITIONS
(AGND, DGND, SGND = 0 V, all voltages with respect to 0 V.)
Parameter
Symbol
Min
Typ
Max
Units
Power Supplies:
Digital
(Note 5)
Digital Filtered
Analog
VD1
VDF1-VDF3
VA
4.75
4.75
4.75
5.0
5.0
5.0
5.25
5.25
5.25
V
V
V
Operating Ambient Temperature
TA
025
70
°C
Note
5: VD1 supplies the power to the ISA interface pins.
CrystalClear
Low Cost ISA Audio System
TM
CS4235
6
DS252PP2


同様の部品番号 - CS4235-JQ

メーカー部品番号データシート部品情報
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

同様の説明 - CS4235-JQ

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4237B CIRRUS-CS4237B Datasheet
1Mb / 114P
   CrystalClear Advanced Audio System with 3D Sound
CS4281 CIRRUS-CS4281 Datasheet
549Kb / 36P
   CrystalClear PCI Audio interface
CS4297A CIRRUS-CS4297A Datasheet
938Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4614 CIRRUS-CS4614 Datasheet
221Kb / 24P
   CrystalClear SoundFusion PCI Audio Accelerator
CS4297 CIRRUS-CS4297 Datasheet
936Kb / 46P
   CrystalClear SoundFusion Audio Codec 97
CS4630 CIRRUS-CS4630 Datasheet
526Kb / 38P
   CrystalClear SoundFusion PCI Audio Accelerator
CS4299-BQ CIRRUS-CS4299-BQ Datasheet
474Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299 Datasheet
951Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299_06 Datasheet
1Mb / 52P
   CrystalClear SoundFusion Audio Codec 97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com