データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS4281 データシート(PDF) 5 Page - Cirrus Logic

部品番号 CS4281
部品情報  CrystalClear PCI Audio interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4281 データシート(HTML) 5 Page - Cirrus Logic

  CS4281 Datasheet HTML 1Page - Cirrus Logic CS4281 Datasheet HTML 2Page - Cirrus Logic CS4281 Datasheet HTML 3Page - Cirrus Logic CS4281 Datasheet HTML 4Page - Cirrus Logic CS4281 Datasheet HTML 5Page - Cirrus Logic CS4281 Datasheet HTML 6Page - Cirrus Logic CS4281 Datasheet HTML 7Page - Cirrus Logic CS4281 Datasheet HTML 8Page - Cirrus Logic CS4281 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
DS308PP4
5
CS4281
CrystalClear™ PCI Audio Interface
CIRRUS LOGIC PRODUCT DATA SHEET
DC CHARACTERISTICS (T
A = 70° C; PCIVDD = VAUX = CVDD = CRYVDD = 3.3 V; VDD5REF = 5 V;
PCIGND = CGND = CRYGND = 0 V; all voltages with respect to 0 V unless otherwise noted)
Notes: 9. The following signals are tested to 6 mA: FRAME#, TRDY#, IRDY#, DEVSEL#, STOP#, PERR#, and
INTA#. All other PCI interface signals are tested to 3 mA.
10. Input leakage currents include hi-Z output leakage for all bi-directional buffers with three-state outputs.
11. Maximum allowable leakage into the PME# open-drain pin when power is removed from VAUX.
Assumes no event occurred to drive PME# (idle state).
12. For AC-Link and VOLUP/DN pins, Vdd is VAUX. For all others Vdd is the core supply.
13. For open drain pins, high level output voltage is dependent on external pull-up used and number of
attached gates.
14. All inputs that do not include internal pull-ups or pull-downs, must be externally driven for proper
operation. If an input is not driven, it should be tied to power or ground, depending on the particular
function. If an I/O pin is not driven and programmed as an input, it should be tied to power or ground
through its own resistor.
Parameter
Symbol
Min
Typ
Max
Unit
PCI Interface Signal Pins
High level input voltage
VIH
2-
5.75
V
Low level input voltage
VIL
-0.5
-
0.8
V
High level output voltage
Iout = -2 mA
VOH
2.4
-
-
V
Low level output voltage
Iout = 3 mA, 6 mA
(Note 9)
VOL
--
0.55
V
High level leakage current
Vin = 2.7 V
(Note 10)
IIH
--
70
µA
Low level leakage current
Vin = 0.5 V
IIL
--
-70
µA
PME# power off input leakage Vin = 5.25 V
(Note 11)
IOFF
--
1
µA
Non-PCI Interface Signal Pins
(Note 12)
High level output voltage
Iout = -5 mA
(Note 13)
Voh
0.9
×Vdd
-
V
Low level output voltage
Iout = 5 mA
Vol
-0.1
×Vdd
V
High level input voltage
(Note 14)
Vih
0.65
×Vdd
Vdd+0.3
V
Low level input voltage
(Note 14)
Vil
-0.3
0.35
×Vdd
V
High level leakage current
Vin = 3.6 V
(Note 14)
Iih
-10
µA
Low level leakage current
Vin = 0
(Note 14)
Iil
--10
µA
Parameter
Min
Typ
Max
Unit
Power Supply Pins (Outputs Unloaded)
Power Supply Current:
VDD5REF
VAUX
PCIVDD/CVDD/CRYVDD Total
(Note 4)
-
-
-
0.6
TBD
TBD
-
20
TBD
mA
mA
mA
Low Power Mode Supply Current
-
TBD
-
mA


同様の部品番号 - CS4281

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS42888 CIRRUS-CS42888 Datasheet
1Mb / 61P
   108 dB, 192 kHz 4-In, 8-Out CODEC
CS42888 CIRRUS-CS42888 Datasheet
1Mb / 61P
   108 dB, 192 kHz 4-In, 8-Out CODEC
CS42888-CQZ CIRRUS-CS42888-CQZ Datasheet
1Mb / 61P
   108 dB, 192 kHz 4-In, 8-Out CODEC
CS42888-CQZ CIRRUS-CS42888-CQZ Datasheet
1Mb / 61P
   108 dB, 192 kHz 4-In, 8-Out CODEC
CS42888-CQZR CIRRUS-CS42888-CQZR Datasheet
1Mb / 61P
   108 dB, 192 kHz 4-In, 8-Out CODEC
More results

同様の説明 - CS4281

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4614 CIRRUS-CS4614 Datasheet
221Kb / 24P
   CrystalClear SoundFusion PCI Audio Accelerator
CS4630 CIRRUS-CS4630 Datasheet
526Kb / 38P
   CrystalClear SoundFusion PCI Audio Accelerator
CS4610 CIRRUS-CS4610 Datasheet
446Kb / 29P
   CrystalClear SoundFusion PCI Audio Accelerator
CS4297A CIRRUS-CS4297A Datasheet
938Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4297 CIRRUS-CS4297 Datasheet
936Kb / 46P
   CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ Datasheet
474Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299 Datasheet
951Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299_06 Datasheet
1Mb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ_06 Datasheet
655Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com