データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS42L50-KN データシート(PDF) 10 Page - Cirrus Logic

部品番号 CS42L50-KN
部品情報  Low Voltage, Stereo CODEC with headphone Amp
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50-KN データシート(HTML) 10 Page - Cirrus Logic

Back Button CS42L50-KN Datasheet HTML 6Page - Cirrus Logic CS42L50-KN Datasheet HTML 7Page - Cirrus Logic CS42L50-KN Datasheet HTML 8Page - Cirrus Logic CS42L50-KN Datasheet HTML 9Page - Cirrus Logic CS42L50-KN Datasheet HTML 10Page - Cirrus Logic CS42L50-KN Datasheet HTML 11Page - Cirrus Logic CS42L50-KN Datasheet HTML 12Page - Cirrus Logic CS42L50-KN Datasheet HTML 13Page - Cirrus Logic CS42L50-KN Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
CS42L50
10
DS544PP1
POWER AND THERMAL CHARACTERISTICS (GND = 0 V; All voltages with respect to
ground. All measurements taken with all zeros input and open outputs, unless otherwise specified.)
Notes: 13. Power Down Mode is defined as RST = LO with all clocks and data lines held static.
14. Valid with the recommended capacitor values on FILT+_ADC, FILT+_DAC, VQ_DAC, and VQ_ADC as
shown in Figure 4. Increasing the capacitance will also increase the PSRR. Note that care should be
taken when selecting capacitor type, as any leakage current in excess of 1.0 µA will cause degradation
in analog performance. A small ceramic capacitor in parallel with a larger electrolytic is recommended.
Parameters
Symbol
Min
Typ
Max
Units
Power Supplies
Power Supply Current-
VA=1.8 V
Normal Operation
VA_HP=1.8 V
VL=1.8 V
IA
IA_HP
ID_L
-
-
-
13.3
1.5
154
-
-
-
mA
mA
µA
Power Supply Current-
VA=3.0 V
Normal Operation
VA_HP=3.0 V
VL=3.0 V
IA
IA_HP
ID_L
-
-
-
20
1.5
270
-
-
-
mA
mA
µA
Power Supply Current-
All Supplies=1.8 V
Power Down Mode (Note 13)
All Supplies =3.0V
-
-
150
350
-
-
µA
µA
Total Power Dissipation-
All Supplies=1.8 V
Normal Operation
All Supplies=3.0 V
-
-
27
65
TBD
TBD
mW
mW
Maximum Headphone Power Dissipation
(1 kHz full-scale sine wave
VA=1.8 V
into 16 ohm load)
VA=3.0 V
-
-
15
26
-
-
mW
mW
Package Thermal Resistance
θJA
-55
-
°C/Watt
Power Supply Rejection Ratio (Note 14)
(1 kHz)
(60 Hz)
PSRR
-
-
60
40
-
-
dB
dB


同様の部品番号 - CS42L50-KN

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
   Low Power, Stereo CODEC with Headphone Amp
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
CS42L51-CNZ CIRRUS-CS42L51-CNZ Datasheet
1Mb / 83P
   Low Power, Stereo CODEC with Headphone Amp
CS42L51-CNZ CIRRUS-CS42L51-CNZ Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
CS42L51-CNZR CIRRUS-CS42L51-CNZR Datasheet
1Mb / 83P
   Low Power, Stereo CODEC with Headphone Amp
More results

同様の説明 - CS42L50-KN

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
   Low Power Stereo Codec with Headphone Amp
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
   Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
logo
Cirrus Logic
CS43L43 CIRRUS-CS43L43 Datasheet
973Kb / 36P
   Low Voltage,Stereo DAC With Headphone Amp
CS43L42 CIRRUS-CS43L42 Datasheet
1Mb / 40P
   Low Voltage,Stereo DAC With Headphone Amp
CS42L56 CIRRUS-CS42L56 Datasheet
3Mb / 92P
   Ultralow Power, Stereo Codec with Class H Headphone Amp
Version 2.1, January 2000
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com