データシートサーチシステム |
|
CDB43122 データシート(PDF) 9 Page - Cirrus Logic |
|
CDB43122 データシート(HTML) 9 Page - Cirrus Logic |
9 / 28 page CS43122 9 SWITCHING CHARACTERISTICS (T A= -10 to 70° C; Logic 0 = AGND = DGND; Logic 1 = VD = 5.25 to 3.0 Volts; CL =20pF) Parameter Symbol Min Typ Max Unit Input Sample Rate (Operational Mode 0) (Operational Mode 1) (Operational Mode 2) Fs Fs Fs 16 45 95 - - - 55 105 200 kHz kHz kHz LRCK Duty Cycle 45 50 55 % MCLK Frequency (Operational Mode 0, 256 Fs) (Operational Mode 1, 128 Fs) (Operational Mode 2, 64 Fs) 4.096 - 14.08 MHz MCLK Frequency (Operational Mode 0, 384 Fs) (Operational Mode 1, 192 Fs) (Operational Mode 2, 96 Fs) 6.144 - 21.12 MHz MCLK Frequency (Operational Mode 0, 512 Fs) (Operational Mode 1, 256 Fs) (Operational Mode 2 , 128 Fs) 8.192 - 28.16 MHz MCLK Frequency (Operational Mode 0, 768 Fs) (Operational Mode 1, 384 Fs) (Operational Mode 2 , 192 Fs) 12.288 - 42.24 MHz MCLK Duty Cycle 40 50 60 % SCLK Frequency (Operational Mode 0) (Operational Mode 1) (Operational Mode 2) - - - - - - 256×Fs 128×Fs 64×Fs Hz Hz Hz SCLK rising to LRCK edge delay tslrd 20 - - ns SCLK rising to LRCK edge setup time tslrs 20 - - ns SDATA valid to SCLK rising setup time tsdlrs 20 - - ns SCLK rising to SDATA hold time tsdh 20 - - ns sclkh t slrs t slrd t sdlrs t sdh t sclkl t SDATA SCLK LRCK Figure 1. Serial Audio Input Timing |
同様の部品番号 - CDB43122 |
|
同様の説明 - CDB43122 |