データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDB4340A データシート(PDF) 9 Page - Cirrus Logic

部品番号 CDB4340A
部品情報  24-Bit, 192 kHz Stereo DAC for Audio?
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4340A データシート(HTML) 9 Page - Cirrus Logic

Back Button CDB4340A Datasheet HTML 5Page - Cirrus Logic CDB4340A Datasheet HTML 6Page - Cirrus Logic CDB4340A Datasheet HTML 7Page - Cirrus Logic CDB4340A Datasheet HTML 8Page - Cirrus Logic CDB4340A Datasheet HTML 9Page - Cirrus Logic CDB4340A Datasheet HTML 10Page - Cirrus Logic CDB4340A Datasheet HTML 11Page - Cirrus Logic CDB4340A Datasheet HTML 12Page - Cirrus Logic CDB4340A Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
CS4340A
DS590PP2
9
3.6
Power-up Sequence
Reliable power-up can be accomplished by keeping the device in reset until the power supply and config-
uration pins are stable, and the clocks are locked to the appropriate frequencies discussed in section 3.3. It
is also recommended that reset be enabled if the analog supply drops below the minimum specified oper-
ating voltage to prevent power glitch related issues.
3.7
Popguard® Transient Control
The CS4340A uses Popguard® technology to minimize the effects of output transients during power-up
and power-down. This technology, when used with external DC-blocking capacitors in series with the au-
dio outputs, minimizes the audio transients commonly produced by single-ended single-supply converters.
It is activated inside the DAC when RST is enabled/disabled and requires no other external control, aside
from choosing the appropriate DC-blocking capacitors.
3.7.1
Power-up
When the device is initially powered-up, the audio outputs, AOUTL and AOUTR, are clamped to
AGND. Following a delay of approximately 1000 sample periods, each output begins to ramp to-
ward the quiescent voltage. Approximately 10,000 LRCK cycles later, the outputs reach VQ and
audio output begins. This gradual voltage ramping allows time for the external DC-blocking capac-
itors to charge to the quiescent voltage, minimizing the power-up transient.
3.7.2
Power-down
To prevent transients at power-down, the device must first enter its power-down state by enabling
RST. When this occurs, audio output ceases and the internal output buffers are disconnected from
AOUTL and AOUTR. In their place, a soft-start current sink is substituted which allows the DC-
blocking capacitors to slowly discharge. Once this charge is dissipated, the power to the device
may be turned off and the system is ready for the next power-on.
3.7.3
Discharge Time
To prevent an audio transient at the next power-on, it is necessary to ensure that the DC-blocking
capacitors have fully discharged before turning on the power or exiting the power-down state. If
not, a transient will occur when the audio outputs are initially clamped to AGND. The time that the
device must remain in the power-down state is related to the value of the DC-blocking capacitance.
For example, with a 3.3 µF capacitor, the minimum power-down time will be approximately
0.4 seconds.


同様の部品番号 - CDB4340A

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CDB4340A CIRRUS-CDB4340A Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
More results

同様の説明 - CDB4340A

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com