データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS4391-KZ データシート(PDF) 10 Page - Cirrus Logic

部品番号 CS4391-KZ
部品情報  24-Bit, 192 kHz Stereo DAC with Volume Control?
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4391-KZ データシート(HTML) 10 Page - Cirrus Logic

Back Button CS4391-KZ Datasheet HTML 6Page - Cirrus Logic CS4391-KZ Datasheet HTML 7Page - Cirrus Logic CS4391-KZ Datasheet HTML 8Page - Cirrus Logic CS4391-KZ Datasheet HTML 9Page - Cirrus Logic CS4391-KZ Datasheet HTML 10Page - Cirrus Logic CS4391-KZ Datasheet HTML 11Page - Cirrus Logic CS4391-KZ Datasheet HTML 12Page - Cirrus Logic CS4391-KZ Datasheet HTML 13Page - Cirrus Logic CS4391-KZ Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
CS4391
10
DS335PP3
SWITCHING CHARACTERISTICS - I2C CONTROL PORT
(TA = 25° C; VL = 5.5 to 1.8 Volts; Inputs: logic 0 = AGND, logic 1 = VL, CL = 30 pF)
Notes: 23. Data must be held for sufficient time to bridge the 300 ns transition time of SCL.
Parameter
Symbol
Min
Max
Unit
I2C® Mode
SCL Clock Frequency
fscl
-100
KHz
RST Rising Edge to Start
tirs
500
-
ns
Bus Free Time Between Transmissions
tbuf
4.7
-
µs
Start Condition Hold Time (prior to first clock pulse)
thdst
4.0
-
µs
Clock Low time
tlow
4.7
-
µs
Clock High Time
thigh
4.0
-
µs
Setup Time for Repeated Start Condition
tsust
4.7
-
µs
SDA Hold Time from SCL Falling
(Note 23)
thdd
0-
µs
SDA Setup time to SCL Rising
tsud
250
-
ns
Rise Time of Both SDA and SCL Lines
tr
-1
µs
Fall Time of Both SDA and SCL Lines
tf
-300
ns
Setup Time for Stop Condition
tsusp
4.7
-
µs
t
buf
t
hdst
t
hdst
t
low
t r
t f
t
hdd
t
high
t sud
t sust
t susp
Stop
Start
Start
Stop
Repeated
SDA
SCL
t
irs
RST
Figure 3. I2C Control Port Timing


同様の部品番号 - CS4391-KZ

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4391-KZ CIRRUS-CS4391-KZ Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
CS4391-KZ ETC2-CS4391-KZ Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Cirrus Logic
CS4391-KZZ CIRRUS-CS4391-KZZ Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
More results

同様の説明 - CS4391-KZ

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391A CIRRUS-CS4391A Datasheet
748Kb / 40P
   24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
CS4341A CIRRUS-CS4341A Datasheet
716Kb / 32P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341 CIRRUS-CS4341_05 Datasheet
909Kb / 34P
   24-Bit, 96 kHz Stereo DAC with Volume Control
CS4341 CIRRUS-CS4341 Datasheet
923Kb / 36P
   24-Bit, 96 kHz Stereo DAC with Volume Control?
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com