データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4N30 データシート(PDF) 2 Page - Unisonic Technologies

部品番号 4N30
部品情報  4A, 300V N-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N30 データシート(HTML) 2 Page - Unisonic Technologies

  4N30 Datasheet HTML 1Page - Unisonic Technologies 4N30 Datasheet HTML 2Page - Unisonic Technologies 4N30 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4N30
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
VER.A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
300
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
ID
4
A
Avalanche Current
IAR
4
A
Avalanche Energy
Single Pulsed
EAS
52
mJ
Repetitive
EAR
52
mJ
Power Dissipation
PD
1.14
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VDS=0V
300
V
Drain-Source Leakage Current
IDSS
VDS=300V
1
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+20V, VDS=0V
±100 nA
Reverse
VGS=-20V, VDS=0V
±100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
ID=250µA
2
4
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=4A
2
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1MHz
850
pF
Output Capacitance
COSS
250
pF
Reverse Transfer Capacitance
CRSS
200
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VDD=50V, ID=4A, IG=100µA,
VGS=10V
3.2
nC
Gate to Source Charge
QGS
0.64
nC
Gate to Drain Charge
QGD
1.6
nC
Turn-ON Delay Time
tD(ON)
VDD=30V, ID=4A, RG=25Ω,
VGS=0~10V
6
ns
Rise Time
tR
38
ns
Turn-OFF Delay Time
tD(OFF)
11
ns
Fall-Time
tF
13
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
4
A
Maximum Body-Diode Pulsed Current
ISM
16
A
Drain-Source Diode Forward Voltage
VSD
IS=4A
0.1
1.48
V


同様の部品番号 - 4N30

メーカー部品番号データシート部品情報
logo
Motorola, Inc
4N30 MOTOROLA-4N30 Datasheet
287Kb / 6P
   STANDARD THRU HOLE CASE 730A-04
logo
QT Optoelectronics
4N30 QT-4N30 Datasheet
136Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
Toshiba Semiconductor
4N30 TOSHIBA-4N30 Datasheet
301Kb / 6P
   TOSHBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
logo
ISOCOM COMPONENTS
4N30 ISOCOM-4N30 Datasheet
343Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
More results

同様の説明 - 4N30

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
4N30Z UTC-4N30Z Datasheet
180Kb / 3P
   4A, 300V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AON7460 AOSMD-AON7460 Datasheet
512Kb / 6P
   300V,4A N-Channel MOSFET
logo
Unisonic Technologies
UF3N30 UTC-UF3N30 Datasheet
134Kb / 3P
   3A, 300V N-CHANNEL POWER MOSFET
UF3N30Z UTC-UF3N30Z Datasheet
148Kb / 3P
   3A, 300V N-CHANNEL POWER MOSFET
UF2N30Z UTC-UF2N30Z Datasheet
145Kb / 3P
   2A, 300V N-CHANNEL POWER MOSFET
12N30 UTC-12N30 Datasheet
164Kb / 5P
   12A, 300V N-CHANNEL POWER MOSFET
10N30 UTC-10N30 Datasheet
156Kb / 4P
   10A, 300V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FQB9N30 FAIRCHILD-FQB9N30 Datasheet
647Kb / 9P
   300V N-Channel MOSFET
FDP46N30 FAIRCHILD-FDP46N30 Datasheet
697Kb / 8P
   300V N-Channel MOSFET
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com