データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6N10Z データシート(PDF) 2 Page - Unisonic Technologies

部品番号 6N10Z
部品情報  6.5 Amps, 100 Volts N-CHANNEL POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N10Z データシート(HTML) 2 Page - Unisonic Technologies

  6N10Z Datasheet HTML 1Page - Unisonic Technologies 6N10Z Datasheet HTML 2Page - Unisonic Technologies 6N10Z Datasheet HTML 3Page - Unisonic Technologies 6N10Z Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6N10Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-920.B
ABSOLUTE MAXIMUM RATINGS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
Continuous
ID
6.5
A
Pulsed
IDM
8.0
A
Repetitive Avalanche Energy
(Duty Cycle ≤1%)
L=0.1mH
EAR
1.25
mJ
Power Dissipation
PD
16
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note : Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
100
°C/W
Junction to Case
θJC
7.5
°C/W
Notes: θJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal
reference is defined as the solder mounting surface of the drain pins.
θJC is guaranteed by design while θJA is determined by the user’s board deign.


同様の部品番号 - 6N10Z

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
6N10 UTC-6N10 Datasheet
147Kb / 4P
   6 Amps, 100 Volts N-CHANNEL POWER MOSFET
logo
IXYS Corporation
6N100F IXYS-6N100F Datasheet
820Kb / 4P
   Power MOSFETs
logo
Unisonic Technologies
6N10G-AA3-R UTC-6N10G-AA3-R Datasheet
223Kb / 4P
   N-CHANNEL POWER MOSFET
6N10G-TN3-R UTC-6N10G-TN3-R Datasheet
147Kb / 4P
   6 Amps, 100 Volts N-CHANNEL POWER MOSFET
6N10G-TN3-R UTC-6N10G-TN3-R Datasheet
223Kb / 4P
   N-CHANNEL POWER MOSFET
More results

同様の説明 - 6N10Z

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
7N10 UTC-7N10 Datasheet
170Kb / 6P
   7 Amps, 100 Volts N-CHANNEL POWER MOSFET
logo
Chongqing Pingwei Enter...
8N10P CHONGQING-8N10P Datasheet
511Kb / 7P
   8 Amps,100 Volts N-CHANNEL Power MOSFET
12N10P CHONGQING-12N10P Datasheet
532Kb / 7P
   12 Amps,100 Volts N-CHANNEL Power MOSFET
logo
Unisonic Technologies
UT2N10 UTC-UT2N10 Datasheet
150Kb / 3P
   2 Amps,100 Volts N-CHANNEL POWER MOSFET
UF8010 UTC-UF8010 Datasheet
215Kb / 6P
   80 Amps, 100 Volts N-CHANNEL POWER MOSFET
UT12N10 UTC-UT12N10 Datasheet
150Kb / 4P
   12 Amps, 100 Volts N-CHANNEL POWER MOSFET
6N10 UTC-6N10 Datasheet
147Kb / 4P
   6 Amps, 100 Volts N-CHANNEL POWER MOSFET
logo
Solid States Devices, I...
SFF120-28Q SSDI-SFF120-28Q Datasheet
265Kb / 2P
   9.2 AMPS 100 VOLTS 0.35S QUAD N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTP52N10G ONSEMI-NTP52N10G Datasheet
164Kb / 7P
   Power MOSFET 60 Amps, 100 Volts
March, 2006 ??Rev. 4
NTP52N10 ONSEMI-NTP52N10 Datasheet
72Kb / 8P
   Power MOSFET 52 Amps, 100 Volts
December, 2003 ??Rev. 2
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com