データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES111 データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 ES111
部品情報  Electro-Wash짰 NX New & Improved! Cleaner Degreaser
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

ES111 データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  ES111 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES111 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES111 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES111 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ITW CHEMTRONICS
®
MSDS #1611
Page 2 of 2
SECTION 9: PHYSICAL AND CHEMICAL PROPERTIES
Physical State: Clear, colorless liquid
Solubility in Water: Negligible
Odor: Slight Ethereal Odor
Specific Gravity: 1.55
pH: NA
(Water =1)
Composite Vapor Pressure: 289 mmHg @ 68
° F
Evaporation Rate: >1 (Butyl acetate=1)
Boiling Point: 130
°F (54C)
Percent Volatile: 100%
Vapor Density: 7.0 (air = 1)
SECTION 10: STABILITY AND REACTIVITY
Stability - This product is stable.
Conditions to Avoid: Steam, oxidizers, elevated temperatures. Do not spray near open flames, red hot surfaces or other sources of ignition.
Incompatibility: Do not mix with alkali metals, pure oxygen, strong base, open flames, and welding arcs. This product should not be used in long term contact with
aluminum or zinc or their alloys.
Products of Decomposition: Thermal decomposition may release carbon monoxide, carbon dioxide and incompletely burned hydrocarbons as well as hydrochloric and
hydrofluoric acid vapor.
Hazardous Polymerization: Will not occur
Conditions to Avoid: Finely divided active metals, alkali and alkaline earth metals
SECTION 11: TOXICOLOGICAL INFORMATION
Inhalation:
Ingestion:
AK225ca / AK225cb
LC50 rat 37,300 ppm/36,800 ppm (4hr)*
AK225ca / AK225cb
LD50/rat >5000 mg/kg*
Ethanol
LC50 rat
20,000 ppm/10 hr *
Ethanol
LD50/rat
7060 mg/kg *
Tetrafluoroethane
Rat ALC 567,000ppm/4hrs*
Methanol
LD50 rat
5628 mg/kg*
Methanol
LC50 rat
64,000 ppm/4hrs*
Skin
Eye:
AK225ca / AK225cb
LD50rabbit
>2,000 mg/kg*
AK225ca / AK225cb
Not an irritant*
Ethanol
LD50rabbit
400 mg open MLD *
Ethanol
500 mg SEV *
Methanol
20mg/24H
MLD *
Methanol
rabbit
40 mg MOD *
*Information provided by manufacturer.
Cancer Information: No ingredients in this product are listed as human carcinogens by IARC or NTP.
Reproductive effects: none
Teratogenic effects: none
Mutagenic effects: none
SECTION 12: ECOLOGICAL INFORMATION
Avoid runoff into storm sewers and ditches which lead to waterways. Water runoff can cause environmental damage.
REPORTING
US regulations require reporting spills of this material that could reach any surface waters.
The toll free number for the US Coast Guard National Response Center is: 1-800-424-8802
SECTION 13: DISPOSAL CONSIDERATIONS
Dispose of in accordance with all federal, state and local regulations. Water runoff can cause environmental damage.
SECTION 14: TRANSPORTATION INFORMATION
Proper
Sub.
Pkg.
Hazard
Pkg.
Max.
Shipping Name
UN Number
Class
Risk
Group
Label
Instr.
Quantity
Air:
Aerosols non-flammable
UN 1950
2.2
NA
NA.
Non-flammable gas
203
75 k.g; 150k.g.
Ground:
Consumer Commodity
NA
ORM-D
NA
NA
ORM-D
Pkg.
173.306
ORM-D
Auth.
SECTION 15: REGULATORY INFORMATION
SECTION 313 SUPPLIER NOTIFICATION
This product contains the following chemicals subject to the reporting requirements of Section 313 of the Emergency Planning and Community Right-To-Know Act of
1986 (40 CFR 372).
Chemical Name
CAS No.
Wt. % Range
HCFC-225ca
422-56-0
20.0 - 40.0
HCFC-225cb
507-55-1
20.0 - 40.0
Methanol
67-56-1
0.1-1.0
This information should be included on all MSDSs copied and distributed for this material.
TOXIC SUBSTANCES CONTROL ACT (TSCA).
All ingredients of this product are listed on the TSCA Inventory.
WHMIS: Class A; Class D2B
This product has been classified according to the hazard criteria of the CPR and the MSDS contains all of the information required by the CPR.
SECTION 16: OTHER INFORMATION
This product is a Level 1 aerosol. Do not puncture or incinerate containers. Normal ventilation for standard manufacturing practices is usually adequate. Local exhaust
should be used when large amounts are released. This MSDS is applicable to products manufactured after June 25, 2004 (date code of 4176 or higher).
To the best of our knowledge, the information contained herein is accurate. However, all materials may present unknown hazards and should be used with caution. In
particular, improper use of our products and their inappropriate combination with other products and substances may produce harmful results which cannot be
anticipated. Final determination of the suitability of any material is the sole responsibility of the user. Although certain hazards are described herein, we cannot
guarantee that these are the only hazards that may exist.


同様の部品番号 - ES111

メーカー部品番号データシート部品情報
logo
SICK AG
ES11-SA1A4 SICK-ES11-SA1A4 Datasheet
1Mb / 7P
   SAFETY COMMAND DEVICES
ES11-SA2B8 SICK-ES11-SA2B8 Datasheet
1Mb / 8P
   SAFETY COMMAND DEVICES
ES11-SC4D8 SICK-ES11-SC4D8 Datasheet
1Mb / 8P
   SAFETY COMMAND DEVICES
logo
Honeywell Solid State E...
ES110 HONEYWELL-ES110 Datasheet
736Kb / 11P
   Temperature Sensors Line Guide
logo
Copal Electronics
ES115A10-Z COPAL-ES115A10-Z Datasheet
825Kb / 2P
   Miniature Slide Switches
More results

同様の説明 - ES111

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
7532 FAIRCHILD-7532 Datasheet
123Kb / 15P
   A New PSPICE Electro-Thermal Subcircuit
7534 FAIRCHILD-7534 Datasheet
131Kb / 16P
   A New PSPICE Electro-Thermal Subcircuit
logo
NTE Electronics
RX200-20 NTE-RX200-20 Datasheet
45Kb / 7P
   ECG Electronics Degreaser
logo
Littelfuse
SL1026 LITTELFUSE-SL1026 Datasheet
70Kb / 1P
   New Improved Littelfuse 1026 maximum duty arrester series
logo
NTE Electronics
RX201-16 NTE-RX201-16 Datasheet
120Kb / 7P
   ECG Electronics Degreaser & Wash
logo
Rosenberger Hochfrequen...
98W005-000 ROSENBERGER-98W005-000 Datasheet
133Kb / 1P
   Click Cleaner
logo
Hamamatsu Corporation
R9220 HAMAMATSU-R9220 Datasheet
142Kb / 4P
   PHOTOMULTIPLIER TUBE High QE Multialkali Photocathode New Electro-Optical Design
logo
List of Unclassifed Man...
521F ETC-521F Datasheet
115Kb / 1P
   SOLDER PASTES/CLEANER
logo
NTE Electronics
RX500-6 NTE-RX500-6 Datasheet
47Kb / 8P
   ECG Cleaner/Lubricant
logo
List of Unclassifed Man...
SE4002 ETC1-SE4002 Datasheet
900Kb / 3P
   spray extraction cleaner
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com