データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM8S26A データシート(PDF) 4 Page - Socay Electornics Co., Ltd.

部品番号 SM8S26A
部品情報  Surface Mount Transient Voltage Suppressors (TVS)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOCAY [Socay Electornics Co., Ltd.]
ホームページ  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SM8S26A データシート(HTML) 4 Page - Socay Electornics Co., Ltd.

  SM8S26A Datasheet HTML 1Page - Socay Electornics Co., Ltd. SM8S26A Datasheet HTML 2Page - Socay Electornics Co., Ltd. SM8S26A Datasheet HTML 3Page - Socay Electornics Co., Ltd. SM8S26A Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision February 21, 2014
4 / 4
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SM8S Series
10 To 43 V
6600W
SOCAY Electronics Co., Ltd.
www.socay.com
Case
DO-218AB
Molding compound meets UL 94 V-0 flammability
rating Base P/N HE3 - RoHS compliant, AEC-Q101 qualified
Polarity
Heat sink is anode
Terminal
Matte tin plated leads, solderable per J-STD-002 and JESD
22-B102
HE3 suffix meets JESD 201 class 2 whisker test
Part Number
Component Package
Quantity
Packaging Option
SM8SXXXA
DO-218AB
500
13" diameter plastic tape and reel,
anode towards the sprocket hole
Mechanical Data
Packaging
Part Numbering
Part Marking
S M 8S
××× A
5% VBR VOLTAGE TOLERANCE
VR VOLTAGE
SERIES
SM8S
XXX
Socay Logo
VR Voltage
Series
Package Outline Dimensions
Unit: inches (millimeters)


同様の部品番号 - SM8S26A

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SM8S26A VISHAY-SM8S26A Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
logo
SUNMATE electronic Co.,...
SM8S26A SUNMATE-SM8S26A Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
SM8S26A LEIDITECH-SM8S26A Datasheet
1Mb / 6P
   6600W Transient Voltage Suppressor
logo
Vishay Siliconix
SM8S26A VISHAY-SM8S26A Datasheet
115Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Shanghai Shunye Electro...
SM8S26A SHUNYE-SM8S26A Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
More results

同様の説明 - SM8S26A

メーカー部品番号データシート部品情報
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com