データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

G1052 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 G1052
部品情報  Stay Connected with Heyco Bushings, Grommets, Bumpers & Feet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

G1052 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  G1052 Datasheet HTML 1Page - List of Unclassifed Manufacturers G1052 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
“ S ta y C o n n e c te d w ith H e y c o ” Bushings, Grommets, Bumpers & Feet
5-17
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
Used to protect through holes.
Help eliminate sharp edges so your
wires are protected and add aesthetic
value to your application.
113 sizes available that will
accommodate mounting holes ranging
from .250˝ (6,4 mm) to holes as large
as 2.375˝ (60,3 mm) diameter and
panel thicknesses from .063˝ (1,6 mm)
to .188˝ (4,8 mm).
Rubber grommets are constructed of
SBR (unless otherwise noted) with an
operating temperature range of
-40°F (-40°C) to 221°F (105°C).
SBR grommets have good water
resistant characteristics and are
suitable for most moderate chemicals
and wet or dry organic acids.
Provides vibration dampening.
C
B
A
Heyco® Rubber Grommets
For Panels .063˝ (1,6 mm) Thick
MOUNTING
PART NO.
DESCRIPTION
PART DIMENSIONS
HOLE
AB
C
DIAMETER
Black
Inside
Head
Overall
Diameter
Diameter
Height
in.
mm.
in.
mm.
in.
mm.
in.
mm.
For .063˝ (1,6 mm) Thick Panels
G1004
RG 250-4-2
.125
3,2
.344
8,7
.188
4,8
.250
6,4
G1005
RG 250-5-2
.156
4,0
.375
9,5
G1006
RG 250-5-2A
.156
4,0
.438
11,1
.375
9,5
G1017
RG 312-6-2
.188
4,8
.406
10,3
.219
5,6
.312
7,9
G1018*
RG 312-6-2A
.188
4,8
.438
11,1
.188
4,8
G1019
RG 312-6-2B
.188
4,8
.500
12,7
.250
6,4
G1026
RG 312-7-2
.219
5,6
.438
11,1
.188
4,8
.375
9,5
G1037**
RG 375-8-2
.250
6,4
.563
14,3
.250
6,4
G1042
RG 375-9-2
.281
7,1
G1052
RG 437-8-2
.250
6,4
.625
15,9
.188
4,8
.437
11,1
G1053***
RG 437-8-2A
.250
6,4
.625
15,9
.313
8,0
G1061
RG 437-10-2
.313
8,0
.625
15,9
.281
7,1
.500
12,7
G1089
RG 500-12-2
.375
9,5
.625
15,9
.250
6,4
G1090
RG 500-12-2A
.375
9,5
.688
17,5
.281
7,1
.562
14,3
G1112
RG 562-10-2
.313
8,0
.813
20,7
.313
8,0
G1123
RG 562-14-2
.438
11,1
.750
19,1
.250
6,4
.625
15,9
G1130
RG 625-12-2
.375
9,5
.875
22,2
.313
8,0
G1137
RG 625-16-2
.500
12,7
.813
20,7
.281
7,1
G1150
RG 687-14-2
.438
11,1
.938
23,8
.313
8,0
.687
17,5
G1151
RG 687-14-2A
.438
11,1
.938
23,8
.348
8,8
G1155
RG 687-16-2
.500
12,7
.875
22,2
.250
6,4
G1174
RG 750-12-2
.375
9,5
1.000
25,4
.375
9,5
.750
19,1
G1176
RG 750-16-2
.500
12,7
.875
22,2
.250
6,4
G1177
RG 750-16-2A
.500
12,7
1.000
25,4
.812
20,6
G1192
RG 812-16-2
.500
12,7
1.063
27,0
.313
8,0
G1197
RG 812-18-2
.563
14,3
.875
22,2
G1208
RG 875-10-2
.313
8,0
1.375
34,9
.250
6,4
G1215
RG 875-20-2
.625
15,9
1.125
28,6
.313
8,0
G1242
RG 1000-12-2
.375
9,5
1.250
31,8
.250
6,4
1.000
25,4
G1246
RG 1000-16-2
.500
12,7
G1252
RG 1000-22-2
.688
17,5
1.313
33,4
.375
9,5
G1258
RG 1000-24-2
.750
19,1
1.250
31,8
.297
7,5
1.062
27,0
G1269
RG 1062-24-2
.750
19,1
1.375
34,9
.375
9,5
G1290
RG 1250-16-2
.500
12,7
1.500
38,1
G1294
RG 1250-20-2
.625
15,9
.250
6,4
1.250
31,8
G1298
RG 1250-24-2
.750
19,1
1.625
41,3
G1303
RG 1250-28-2
.875
22,2
1.625
41,3
.438
11,1
G1311
RG 1250-32-2
1.000
25,4
1.563
39,7
.313
8,0
1.375
34,9
G1320
RG 1375-32-2
1.000
25,4
1.750
44,5
.438
11,1
Standard color black. *Nitrile **EPDM ***Isoprene
Quick
Specs
Material
SBR (Styrene Butadiene)
Temperature Rating
-40°F (-40°C) to 221oF (105°C)


同様の部品番号 - G1052

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
G1052 ETC2-G1052 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
logo
Heyco.
G1052 HEYCO-G1052 Datasheet
92Kb / 1P
   Rubber Grommets
More results

同様の説明 - G1052

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
G1418 ETC2-G1418 Datasheet
74Kb / 1P
   Stay Connected with Heyco Bushings, Grommets, Bumpers Feet
774 ETC2-774 Datasheet
362Kb / 1P
   GROMMETS , BUSHINGS
G1329 ETC2-G1329 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
G1423 ETC2-G1423 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
G1349 ETC2-G1349 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
logo
Heyco.
1063 HEYCO-1063 Datasheet
172Kb / 1P
   Heyco® Liquid Tight Strain Relief Bushings
1853 HEYCO-1853 Datasheet
159Kb / 1P
   Heyco® RDD Lockit™ Strain Relief Bushings – Straight-Thru
logo
Richco, Inc.
RBS-15 RICHCO-RBS-15 Datasheet
185Kb / 1P
   RICHCO BUMPERS
logo
List of Unclassifed Man...
561-MP2L10 ETC2-561-MP2L10 Datasheet
221Kb / 3P
   Strain Relief Bushings
logo
Richco, Inc.
PGSB-24 RICHCO-PGSB-24 Datasheet
137Kb / 1P
   SNAP BUSHINGS CLOSED
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com