データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCC120S データシート(PDF) 4 Page - Clare, Inc.

部品番号 LCC120S
部品情報  COMMON INPUT OptoMOS Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CLARE [Clare, Inc.]
ホームページ  http://www.clare.com
Logo CLARE - Clare, Inc.

LCC120S データシート(HTML) 4 Page - Clare, Inc.

  LCC120S Datasheet HTML 1Page - Clare, Inc. LCC120S Datasheet HTML 2Page - Clare, Inc. LCC120S Datasheet HTML 3Page - Clare, Inc. LCC120S Datasheet HTML 4Page - Clare, Inc. LCC120S Datasheet HTML 5Page - Clare, Inc. LCC120S Datasheet HTML 6Page - Clare, Inc. LCC120S Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.clare.com
4
LCC120
Rev. 7
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
LCC120 - FormB
Typical Turn-Off vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
10mA
15mA
20mA
LCC120 - Form A
Typical Load Current vs. Temperature
Temperature (
°C)
250
200
150
100
50
0
-40
-20
0
20
40
60
80
120
100
30mA
20mA
10mA
LCC120 - Form B
Typical Load Current vs. Temperature
Temperature (
°C)
250
200
150
100
50
0
-40
-20
0
20
40
60
80
120
100
10mA
LCC120
Typical Leakage vs. Temperature
(Measured across Pins 5 & 6 or 7 & 8)
Temperature (
°C)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
LCC120 - FormA
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
350
345
340
335
330
325
320
315
310
305
-20
0
20
40
60
80
100
LCC120 - FormB
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
320
310
300
290
280
270
260
250
240
-20
0
20
40
60
80
100
LCC120 - FormA
Typical Turn-On vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
10mA
15mA
20mA
LCC120 - FormB
Typical Turn-On vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
10mA
LCC120 - FormA
Typical Turn-Off vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
10mA
LCC120
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA
LCC120 - FormA
Typical Turn-On vs. LED Forward Current
(Load Current = 170mADC)
LED Forward Current (mA)
0
5
1015202530354045
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
50
LCC120 - FormB
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 10mADC)
1.0
1.8
2.6
2.2
1.4
0.6
Turn-Off (ms)
30
25
20
15
10
5
0


同様の部品番号 - LCC120S

メーカー部品番号データシート部品情報
logo
IXYS Corporation
LCC120S IXYS-LCC120S Datasheet
133Kb / 8P
   1-Form-C OptoMOS Relay
LCC120STR IXYS-LCC120STR Datasheet
133Kb / 8P
   1-Form-C OptoMOS Relay
More results

同様の説明 - LCC120S

メーカー部品番号データシート部品情報
logo
Clare, Inc.
LCA211 CLARE-LCA211 Datasheet
73Kb / 4P
   COMMON INPUT OptoMOS Relay
LCC110 CLARE-LCC110 Datasheet
126Kb / 8P
   Common Input OptoMOS Relay
logo
IXYS Corporation
LCA210L IXYS-LCA210L Datasheet
122Kb / 7P
   Common Input, Dual-Pole OptoMOS Relay
LCA220 IXYS-LCA220 Datasheet
123Kb / 7P
   Common Input, Dual Single-Pole OptoMOS Relay
logo
Clare, Inc.
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
   Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
   Single Pole OptoMOS Relay
XAA170 CLARE-XAA170 Datasheet
117Kb / 7P
   DUAL POLE OptoMOS Relay
LAA127 CLARE-LAA127 Datasheet
113Kb / 7P
   DUAL POLE OptoMOS Relay
LBB110 CLARE-LBB110 Datasheet
149Kb / 7P
   DUAL POLE OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
   Single Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com