データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQD11P06TM データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FQD11P06TM
部品情報  P-Channel QFET짰 MOSFET -60 V, -9.4 A, 185 m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD11P06TM データシート(HTML) 4 Page - Fairchild Semiconductor

  FQD11P06TM Datasheet HTML 1Page - Fairchild Semiconductor FQD11P06TM Datasheet HTML 2Page - Fairchild Semiconductor FQD11P06TM Datasheet HTML 3Page - Fairchild Semiconductor FQD11P06TM Datasheet HTML 4Page - Fairchild Semiconductor FQD11P06TM Datasheet HTML 5Page - Fairchild Semiconductor FQD11P06TM Datasheet HTML 6Page - Fairchild Semiconductor FQD11P06TM Datasheet HTML 7Page - Fairchild Semiconductor FQD11P06TM Datasheet HTML 8Page - Fairchild Semiconductor FQD11P06TM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
Typical Characteristics (Continued)
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
N o te s :
1 . Z
θ
JC(t) = 3 . 2 8
/W M a x .
2 . D u ty F a c to r, D = t
1 /t 2
3 . T
JM - T C = P DM * Z θ JC(t )
s in g le p u ls e
D= 0 .5
0.0 2
0.2
0.0 5
0.1
0.01
25
50
75
100
125
150
0
2
4
6
8
10
T
C, Case Temperature [
]
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
DC
10 ms
1 ms
100 µs
Operation in This Area
is Limited byR
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
Notes :
1. V
GS = -10 V
2. I
D = -4.7 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes:
1. V
GS = 0 V
2. I
D = -250 µ A
T
J, Junction Temperature [
oC]
-V
DS, Drain-Source Voltage [V]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
t
1 , S q u a r e W a v e P u ls e D u r a tio n [s e c ]
Figure 11. Transient Thermal Response Curve
t1
PDM
t2
©2000 Fairchild Semiconductor Corporation
FQD11P06 / FQU11P06 Rev. C2


同様の部品番号 - FQD11P06TM

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
FQD11P06TM VBSEMI-FQD11P06TM Datasheet
990Kb / 8P
   P-Channel 60-V (D-S) MOSFET
logo
BYCHIP ELECTRONICS CO.,...
FQD11P06TM BYCHIP-FQD11P06TM Datasheet
912Kb / 4P
   P-channel Enhancement Mode Power MOSFET
More results

同様の説明 - FQD11P06TM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQB8P10TM FAIRCHILD-FQB8P10TM Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -100 V, -8.0 A, 185 m廓
FQB27P06TM FAIRCHILD-FQB27P06TM Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -60 V, -27 A, 70 m廓
FQPF47P06YDTU FAIRCHILD-FQPF47P06YDTU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -30 A, 26 m廓
FQU17P06TU FAIRCHILD-FQU17P06TU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -12 A, 135 m廓
FQD7P06TM FAIRCHILD-FQD7P06TM Datasheet
543Kb / 8P
   P-Channel QFET짰 MOSFET - 60 V, - 5.4 A, 450 m?
FQD20N06LTM FAIRCHILD-FQD20N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
FQB50N06LTM FAIRCHILD-FQB50N06LTM Datasheet
836Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 52.4 A, 21 m廓
FQD13N06LTM FAIRCHILD-FQD13N06LTM Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET 60 V, 11 A, 115 m廓
FQI50N06TU FAIRCHILD-FQI50N06TU Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 60 V, 50 A, 22 m廓
FQD13N06TM FAIRCHILD-FQD13N06TM Datasheet
803Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 10 A, 140 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com