データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M-8888-01T データシート(PDF) 10 Page - Clare, Inc.

部品番号 M-8888-01T
部品情報  DTMF Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CLARE [Clare, Inc.]
ホームページ  http://www.clare.com
Logo CLARE - Clare, Inc.

M-8888-01T データシート(HTML) 10 Page - Clare, Inc.

Back Button M-8888-01T Datasheet HTML 6Page - Clare, Inc. M-8888-01T Datasheet HTML 7Page - Clare, Inc. M-8888-01T Datasheet HTML 8Page - Clare, Inc. M-8888-01T Datasheet HTML 9Page - Clare, Inc. M-8888-01T Datasheet HTML 10Page - Clare, Inc. M-8888-01T Datasheet HTML 11Page - Clare, Inc. M-8888-01T Datasheet HTML 12Page - Clare, Inc. M-8888-01T Datasheet HTML 13Page - Clare, Inc. M-8888-01T Datasheet HTML 14Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.clare.com
10
M-8888
Rev. 1
Electrical Characteristics - Gain Setting Amplifier
Parameter
Symbol
Min
Typ*
Max
Units
Input leakage current (V
SS ≤ VIN ≤ VDD)IIN
-
100
-
nA
Input resistance
R
IN
-10
-
M
Input offset voltage
V
OS
-25
-
mV
Power supply rejection (1 KHz)
PSRR
-
60
-
dB
Common mode rejection (-3.0 V
≤ V
IN ≤ 3.0V)
CMRR
-
60
-
dB
DC open-loop voltage gain
A
VOL
-65
-
dB
Unity gain bandwidth
BW
-
1.5
-
MHz
Output voltage swing (R
L ≥ 100 KΩ to VSS)VO
-
4.5
-
V
PP
Maximum capcitive load, GS
C
L
-
100
-
pF
Maximum resistive load, GS
R
L
-50
-
k
Common mode range (no load)
V
CM
-
3.0
-
V
PP
All voltages referenced to V
SS unless otherwise noted. VDD = 5.0V ± 5%; VSS = 0 V; fC = 3.579545 MHz; TA = -40°C to +85°C
*Typical values are for use as design aids only, and are not guaranteed or subject to production testing.
Timing Diagrams
AC Characteristics (Continued)
Parameter
Symbol
Min
Typ*
Max
Units
DTMF Clock
Crystal clock frequency
f
C
3.5759
3.5795
3.5831
MHz
Clock input rise time (external clock)
t
LHCL
-
-
110
ns
Clock input fall time (external clock)
t
HLCL
-
-
100
ns
Clock input duty cycle (external clock)
DC
CL
40
50
60
%
Capacitive load, OSC2
C
LO
--
30
pF
Voltages referenced to V
SS unless otherwise noted. VDD = 5.0V ± 5%; VSS = 0 V; fC = 3.579545 MHz; TA = -40°C to +85°C
*Typical values are for use as design aids only and are not guaranteed or subject to production testing.
Notes:
1. dBm = decibels above or below a reference power of 1 mW into a 600
Ω load.
2. Digit sequence consists of all 16 DTMF tones.
3. Tone duration = 40 ms. Tone pause = 40 ms.
4. Nominal DTMF frequencies are used.
5. Both tones in the composite signal have an equal amplitude.
6. The tone pair is deviated by ± 1.5% ± 2 Hz.
7. Bandwidth limited (3 kHz) Gaussian noise.
8. The precise dial tone frequencies are 350 and 440 Hz (± 2%).
9. For an error rate of less than 1 in 10,000.
10. Referenced to the lowest amplitude tone in the DTMF signal.
11. Referenced to the minimum valid accept level.


同様の部品番号 - M-8888-01T

メーカー部品番号データシート部品情報
logo
Clare, Inc.
M-8888-01T CLARE-M-8888-01T Datasheet
457Kb / 14P
   DTMF Transceiver
More results

同様の説明 - M-8888-01T

メーカー部品番号データシート部品情報
logo
OKI electronic componet...
MSM7524 OKI-MSM7524 Datasheet
128Kb / 21P
   DTMF Transceiver
ML7005 OKI-ML7005 Datasheet
202Kb / 25P
   DTMF Transceiver
logo
Clare, Inc.
M8880 CLARE-M8880 Datasheet
562Kb / 13P
   DTMF Transceiver
logo
LAPIS Semiconductor Co....
ML7005 LAPIS-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
logo
Clare, Inc.
M8888-R1 CLARE-M8888-R1 Datasheet
457Kb / 14P
   DTMF Transceiver
logo
List of Unclassifed Man...
ML7005 ETC2-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
   CMOS Integrated DTMF Transceiver
logo
Clare, Inc.
M-8880 CLARE-M-8880 Datasheet
841Kb / 13P
   M-8880 DTMF Transceiver
logo
Zarlink Semiconductor I...
MT8889C ZARLINK-MT8889C Datasheet
494Kb / 31P
   Integrated DTMF Transceiver with Adaptive Micro Interface
MT8888C ZARLINK-MT8888C Datasheet
684Kb / 25P
   Integrated DTMF Transceiver with Intel Micro Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com