データシートサーチシステム |
|
SA-7231B データシート(PDF) 4 Page - List of Unclassifed Manufacturers |
|
SA-7231B データシート(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 14 page ■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request. COPAL ELECTRONICS ■ CODE FORMAT No. of positions 16 positions 10 positions Position 01234567 8 9 ABC DE F ●●●●●●●● ●●●● ●●●● ●● ●● ●● ●● ●●●●●●●● ●●●●●●●● ●●●● ●●●● ●● ●● ●● ●● ●●●●●●●● Code Real code 8 4 2 1 8 4 2 1 Complemen- tary code ● …Contact closed ■ RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS ■ SIZE OF P.C.B. PROCESSING <Top setting> ● A type ● B type <Low-profile side setting & forward support terminal type (B type)> <Side setting> ● A type ● B type <Low-profile side setting & sideling support terminal type (B type)> (Unit: mm) Note) The zero point is the center of mounting. 1.6 6 1.27 N (N = 1~4) = 5.08 0.76 1.6 2 10.6 1.27 N (N = 1~4) = 5.08 0.76 2 0 6 – 1.2 2.54 2.54 0 6 – 1.2 2.54 2.54 0 6 – 1.6 2.54 2.54 2.54 0 6 – 1.6 2.54 SA-7000 ROTARY CODED SWITCHES (SMD) 6 – 0.8 φ 2.54 2.54 6 – 0.8 φ 2.54 2.54 <Top setting> ● C type <Side setting> ● C type ▼ Operating face |
同様の部品番号 - SA-7231B |
|
同様の説明 - SA-7231B |