データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M-984-02P データシート(PDF) 1 Page - Clare, Inc.

部品番号 M-984-02P
部品情報  Special Information Tone Detector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CLARE [Clare, Inc.]
ホームページ  http://www.clare.com
Logo CLARE - Clare, Inc.

M-984-02P データシート(HTML) 1 Page - Clare, Inc.

  M-984-02P Datasheet HTML 1Page - Clare, Inc. M-984-02P Datasheet HTML 2Page - Clare, Inc. M-984-02P Datasheet HTML 3Page - Clare, Inc. M-984-02P Datasheet HTML 4Page - Clare, Inc. M-984-02P Datasheet HTML 5Page - Clare, Inc. M-984-02P Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.clare.com
DS-M984-02-R3
M-984-02
Special Information Tone Detector
1
Block Diagram
Pin Diagram
Ordering Information
Part #
Description
M-984-02P
14-pin plastic DIP
M-984-02S
16-pin plastic, SOIC
M-984-02T
16-pin SOIC, Tape and Reel
Description
The M-984-02 Special Information Tone Detector is a
monolithic integrated circuit designed to provide reli-
able detection of many common telephone network
status signals. In particular, it detects the signals
known as Special Information Tones (SITs) or error
tones as defined by the CCITT, and single tones often
used as dial tone, audible ringing, and other general
progress indications. The M-984-02 uses CMOS
switched capacitor filters and a crystal time base to
achieve the high stability and accuracy specified. Each
tone detection window has an associated output pin,
which can be placed in a high impedance state for use
with time-share microcomputer bus applications.
In comparison with the earlier M-984, the M-984-02
has wider acceptance bands for SIT tones to facilitate
reception of tape-loop tones, lower power consump-
tion at 5V operation, 3V operation, superior tempera-
ture performance, lower cost, and is available in DIP,
SOIC, and SOIC tape and reel versions.
Features
Detects single-frequency tones used for error
indication and call progress in telephone systems
Provides detection windows for:
400/425 Hz (Call Progress)
950 Hz (Special and error indication)
1400 Hz (Special and error indication)
1800 Hz (Special and error indication)
Separate tri-state outputs for each tone window
Inexpensive 3.58 MHz crystal time base
Auxiliary 3.58 MHz clock output
14-pin DIP package and 16-pin SOIC package
Single supply 3 to 5 volt (low power CMOS)
Wide dynamic range (30 dBm)
Applications
Automatic dialers
Modems
Telecom test equipment
Telephone traffic measurement,
Service evaluation
Billing equipment


同様の部品番号 - M-984-02P

メーカー部品番号データシート部品情報
logo
Clare, Inc.
M-980-02 CLARE-M-980-02 Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
logo
IXYS Corporation
M-980-02 IXYS-M-980-02 Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
logo
Clare, Inc.
M-980-02P CLARE-M-980-02P Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
logo
IXYS Corporation
M-980-02P IXYS-M-980-02P Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
logo
Clare, Inc.
M-980-02S CLARE-M-980-02S Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
More results

同様の説明 - M-984-02P

メーカー部品番号データシート部品情報
logo
CML Microcircuits
MX643 CMLMICRO-MX643 Datasheet
210Kb / 12P
   International Special Information Tone Identification
logo
Clare, Inc.
M-985-01 CLARE-M-985-01 Datasheet
241Kb / 8P
   Precise Call Progress and Special Information Tone Generator
logo
Micro Linear Corporatio...
ML2031 MICRO-LINEAR-ML2031 Datasheet
459Kb / 9P
   TONE DETECTOR
logo
Mixed Signal Integratio...
MSDETC MSI-MSDETC Datasheet
47Kb / 4P
   Tone Detector
logo
CML Microcircuits
MX105A CMLMICRO-MX105A Datasheet
160Kb / 15P
   Tone Detector
FX105P CMLMICRO-FX105P Datasheet
259Kb / 8P
   Tone Detector
FX105A CMLMICRO-FX105A Datasheet
351Kb / 16P
   Tone Detector
logo
Holtek Semiconductor In...
HT9033 HOLTEK-HT9033 Datasheet
140Kb / 9P
   CAS Tone Detector
logo
CML Microcircuits
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
   Call Progress Tone Detector
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
   Call Progress Tone Detector
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com