データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M-986-2R2 データシート(PDF) 2 Page - Clare, Inc.

部品番号 M-986-2R2
部品情報  MFC Transceivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CLARE [Clare, Inc.]
ホームページ  http://www.clare.com
Logo CLARE - Clare, Inc.

M-986-2R2 データシート(HTML) 2 Page - Clare, Inc.

  M-986-2R2 Datasheet HTML 1Page - Clare, Inc. M-986-2R2 Datasheet HTML 2Page - Clare, Inc. M-986-2R2 Datasheet HTML 3Page - Clare, Inc. M-986-2R2 Datasheet HTML 4Page - Clare, Inc. M-986-2R2 Datasheet HTML 5Page - Clare, Inc. M-986-2R2 Datasheet HTML 6Page - Clare, Inc. M-986-2R2 Datasheet HTML 7Page - Clare, Inc. M-986-2R2 Datasheet HTML 8Page - Clare, Inc. M-986-2R2 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Configuration Bytes
Configuration Byte 1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
ECLK
IOM
ENC1
EOD1
CMP1
FB1
ECLK
Channels 1 & 2
1 = External codec clock; 0 = Internal codec clock
IOM
Channels 1 & 2
1 = Binary input/output; 0 = 2-of-6 input/output
ENC1
Channel 1
1 = Enable channel; 0 = Disable channel
EOD1
Channel 1
1 = Indicate end of digit; 0 = No end of digit indication
CMP1
Channel 1
1 = Automatic Compelled mode; 0 = Manual mode
FB1
Channel 1
1 = Forward mode (Tx forward frequencies and Rx backward frequencies)
0 = Backward mode (Tx backward frequencies and Rx forward frequencies)
Configuration Byte 2
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
1
0
0
ENC2
EOD2
CMP2
FB2
ENC2
Channel 2
1 = Enable channel; 0 = Disable channel
EOD2
Channel 2
1 = Indicate end of digit; 0 = No end of digit indication
CMP2
Channel 2
1 = Automatic Compelled mode; 0 = Manual mode
FB2
Channel 2
1 = Forward mode (Tx forward frequencies and Rx backward frequencies)
0 = Backward mode(Tx backward frequencies and Rx forward frequencies)
www.clare.com
2
M-986-2R2
Rev. 3
Function Description
The M-986 can be set up for various operating modes
by writing two configuration bytes to the coprocessor
port.
Configuration Options
External/Internal Codec Clock (ECLK): If external
codec clocking is selected, an external clocking source
provides an 8kHz transmit framing clock and an 8kHz
receive framing clock. It also provides a serial bit clock
with a frequency that is a multiple of 8 kHz between
2.496 MHz and 216 kHz for exchange of data via the
serial ports. When internal codec clocking is selected,
the M-986 provides an 8kHz framing clock and a 2.048
MHz serial bit clock.
Binary/2 of 6 Input/Output (IOM): When the 2-of-6
input/output is selected, the M-986 encodes the
received R2 MF tone pair into in a 6-bit format, where
each bit represents one of the six possible frequencies.
A logic high level indicates the presence of a frequen-
cy. The digital input to the M-986 that selects the trans-
mitted R2 MF tone pair must also be coded in the
2-of-6 format.
When binary input/output is selected, the M-986
encodes the received R2 MF tone pair into a 4 bit bina-
ry format. The digital input to the M-986 that selects the
transmitted R2 MF tone pair must also be coded in a 4
bit binary format.
Enable/Disable Channel (ENC): When a channel is
disabled, the receiver does not process its codec input
for R2 MF tones, and the transmitter does not respond
to transmit commands. If a transmit command is given
while the channel is enabled, the “tone off” command
must be given before the channel is disabled.
Disabling the channel does not automatically shut off
the transmitter. When a channel is enabled, the receiv-
er and transmitter for that channel function normally.
End-of-Digit Indication (EOD): The end-of-digit indica-
tion option configures the M-986 to inform the host
processor when the far end terminates transmission of
the R2 MF tone it is sending. If this option is disabled,
the host processor will not be notified when tone
transmission terminates.
Automatic Compelled/Manual Sequence Signaling
(CMP): When manual mode is selected, R2 MF tone
transmission is turned on and off only via command
from the host processor.
If the automatic mode is selected, the transmitter and
receiver perform the compelled signaling handshake
automatically. The specifics of operation are different
for the forward and backward configurations.
In forward mode, the transceiver can exist in two
states, STATE 1 and STATE 2:
STATE 1: No backward signal detected.
Transmitter under control of the host.
STATE 2: Backward signal detected.
Transmitter off unconditionally.


同様の部品番号 - M-986-2R2

メーカー部品番号データシート部品情報
logo
Clare, Inc.
M-986-2A1 CLARE-M-986-2A1 Datasheet
499Kb / 13P
   MF Transceiver
M-986-2A1P CLARE-M-986-2A1P Datasheet
499Kb / 13P
   MF Transceiver
M-986-2A1PL CLARE-M-986-2A1PL Datasheet
499Kb / 13P
   MF Transceiver
More results

同様の説明 - M-986-2R2

メーカー部品番号データシート部品情報
logo
Qualiflow Therm
RS485 QUALIFLOW-RS485 Datasheet
1Mb / 4P
   MFC Accessories
logo
MKS Instruments.
MF1 MKS-MF1 Datasheet
587Kb / 4P
   Compact, General purpose MFC
logo
United Monolithic Semic...
CHR2297 UMS-CHR2297 Datasheet
315Kb / 6P
   36-44GHz Multifunction (MFC) Down-Converter
logo
Zarlink Semiconductor I...
MT9161B ZARLINK-MT9161B Datasheet
422Kb / 30P
   5 Volt Multi-Featured Codec (MFC)
MT91L61 ZARLINK-MT91L61 Datasheet
529Kb / 33P
   3 Volt Multi-Featured Codec (MFC)
logo
Mitel Networks Corporat...
MT91L60 MITEL-MT91L60 Datasheet
166Kb / 20P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT9160B MITEL-MT9160B Datasheet
13Kb / 2P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9160 MITEL-MT9160 Datasheet
402Kb / 28P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT91L61 MITEL-MT91L61 Datasheet
146Kb / 32P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT9161B MITEL-MT9161B Datasheet
154Kb / 30P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com