データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M-991-02SM データシート(PDF) 3 Page - Clare, Inc.

部品番号 M-991-02SM
部品情報  Call Progress Tone Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CLARE [Clare, Inc.]
ホームページ  http://www.clare.com
Logo CLARE - Clare, Inc.

M-991-02SM データシート(HTML) 3 Page - Clare, Inc.

  M-991-02SM Datasheet HTML 1Page - Clare, Inc. M-991-02SM Datasheet HTML 2Page - Clare, Inc. M-991-02SM Datasheet HTML 3Page - Clare, Inc. M-991-02SM Datasheet HTML 4Page - Clare, Inc. M-991-02SM Datasheet HTML 5Page - Clare, Inc. M-991-02SM Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Data/Tone Selection
D0
D1
D2
D3
Frequency (Hz)
Use
12
0000
350
440
Dial Tone
0
0
0
1
400
off
Special
0010
440
off
Alert Tone
0011
440
480
Audible Ring
0100
440
620
Pre-empt
0101
480
off
Bell high tone
0110
480
620
Reorder(Bell low)
0111
350
off
Special
1000
620
off
Special
1001
941
1209
DTMF “
*
Pin Function
Pin
Function
CE
Latches data and enables output (active
low input).
D0 - D3
Data input pins. (See Data/Tone Selection.)
D4-D5
Leave open.
MUTE
Output indicates that a signal is being generated at
OUTDRIVE.
OUTDRIVE
Linear buffered tone output.
V
DD
Most positive power supply input pin.
V
REF
Internally generated mid-power supply voltage
(output).
V
SS
Most negative power supply input pin.
X
IN
Crystal oscillator or digital clock input.
X
OUT
Crystal oscillator output.
M-991
www.clare.com
3
Rev. 1
Call Progress Tone Generation
Call progress tones are audible tones sent from
switching systems to calling parties (or equipment) to
indicate the status of calls. Calling parties can identify
the success of a placed call by what is heard after dial-
ing. The M-991 series utilizes a highly linear tone gen-
erator that produces the unique frequencies (singly or
in pairs) that are common to call progress signals.
Duration and frequency selection are digitally con-
trolled (see the Data/Tone Selection table below for
data settings for a particular tone output). A typical
control sequence for the M-991 is: (1) set data lines to
desired frequency selection, (2) wait for data lines to
settle, (3) drive the chip enable (CE) low, (4) maintain
CE low for desired tone duration (Note: data lines may
be changed after data hold time), and (4) return CE to
a logic high. (Commonly used call progress tones are
shown in the Data/Tone Selection table below.) In a
bus-oriented system, noise on the data lines may
propagate through the device and appear at the out-
put. To safeguard against this, use an external latch to
lock the data into the device. In addition, it is good
practice to bypass the V
REF pin to ground with a small
capacitor (0.01 mF) to reduce power supply noise. The
designer should be aware of device timing require-
ments and design accordingly. The data input pins
may be tied high (+5 VDC) or low (ground) as required,
but D4 and D5 must be left open. Beware of hardwiring
the CE pin for dedicated tone generation. This input is
edge triggered. An RC network like that shown in the
Power-on Reset Circuit on Page 4 should be used to
momentarily reset the device immediately following
power-up to ensure proper operation.
Standard Call Progress Tones
Tone Name
Frequency (Hz)
Interruption Rate
12
Dial
350
440
Steady
Reorder
480
620
Repeat, tones on and off 250 ms ± 25 ms each.
Busy
480
620
Repeat, tones on and off 500 ms ± 50 ms each.
Audible Ring
440
480
Reat, tones on 2 ± 0.2 s, tones off 4 ± 0.4 s
Recall Dial
350
440
Three bursts tones on and off 100 ms ± 20 ms each followed by dial tone.
Special AR
440
480
Tones on 1 ± 0.2s, followed by single 440 Hz on for 0.2s on, and silence for 3 ±
0.3 s, repeat.
Intercept
440
620
Repeat alternating tones, each on for 230 ms ± 70 ms with total cycle of 500 ±
50 ms.
Call Waiting
440
Off
One burst 200 ± 100 ms
Busy Verification
440
Off
One burst of tone on 1.75 ± 0.25 s before attendant intrudes, followed by burst
of tone 0.65 ± 0.15 s on, 8 to 20 s apart for as long as the call lasts
Executive Override
440
Off
One burst of tone for 3 ± 1 s before overriding station intrudes
Confirmation
350
440
Three bursts on and off 100 ms each or 100 ms on, 100 ms off, 300 ms on


同様の部品番号 - M-991-02SM

メーカー部品番号データシート部品情報
logo
Clare, Inc.
M-993 CLARE-M-993 Datasheet
140Kb / 6P
   Region 1 MF Tone Generator
More results

同様の説明 - M-991-02SM

メーカー部品番号データシート部品情報
logo
CML Microcircuits
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
   Call Progress Tone Detector
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
   Call Progress Tone Decoder
logo
CML Microcircuits
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
   Call Progress Tone Detector
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
   Call Progress Tone Detector
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
   Call Progress Tone Decoder
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
   Call Progress Tone Detector
logo
Clare, Inc.
M-985-01 CLARE-M-985-01 Datasheet
241Kb / 8P
   Precise Call Progress and Special Information Tone Generator
M-982-02 CLARE-M-982-02 Datasheet
200Kb / 7P
   Precise Call Progress Tone Detector
logo
List of Unclassifed Man...
BU8877 ETC-BU8877 Datasheet
102Kb / 3P
   Call Progress Tone Decoder for Telephone
logo
Holtek Semiconductor In...
HT9020 HOLTEK-HT9020 Datasheet
476Kb / 12P
   Call Progress Tone Decoder & ABR Controller
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com