データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1.0 データシート(PDF) 1 Page - Clare, Inc.

部品番号 TA1.0
部品情報  HIGH-ENERGY TRIGGERED SPARK GAPS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CLARE [Clare, Inc.]
ホームページ  http://www.clare.com
Logo CLARE - Clare, Inc.

TA1.0 データシート(HTML) 1 Page - Clare, Inc.

  TA1.0 Datasheet HTML 1Page - Clare, Inc. TA1.0 Datasheet HTML 2Page - Clare, Inc. TA1.0 Datasheet HTML 3Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HIGH-ENERGY TRIGGERED SPARK GAPS
558
DESCRIPTION
North America: 1-800-CPCLARE
Europe: 32-11-300868
Asia: 886-2-2523-6368
Japan: 81-3-3980-2212
Triggergaps
DESCRIPTION
STANDARD VOLTAGES
APPLICATIONS
FEATURES
CP Clare's Triggergaps are high-energy spark gaps that are capable of switching stored energy in a fraction of a
microsecond. Triggergaps require no standby power, are extremely rugged, and require only a low-energy, high-
voltage triggering pulse. The miniature TA series (1-15kV) provides switching capability for pulses with energy
content as high as 50 joules. The larger TB series (2.5-25 kV) will reliably switch pulses with up to 300 joules of
energy. The TG-221 to 226 (1-60 kV) can switch pulses with energy contents of up to 6000 joules and feature
adjustable self-breakdown voltages.
s Tight self-breakdown voltage tolerance
(
±10%;TA & TB series)
s Adjustable self-breakdown voltage
(TG-221 to TG-226)
s Rugged ceramic-metal construction
s Refractory metal electrodes
s Corrosion-resistant stainless steel
external surfaces (TB series)
s High current surge generators
s Exploding bridge wire systems
s Crowbars
s Flashtube triggers
Series or P/N
Self-Breakdown
Units
Voltage (typ)
TA
1.0
kV
2.0
kV
5.0
kV
7.0
kV
10.0
kV
15.0
kV
TB
2.5
kV
5.0
kV
10.0
kV
15.0
kV
20.0
kV
25.0
kV
TG-221
1.0-20.0
kV
TG-222
18.0-40.0
kV
TG-224
1.0-20.0
kV
TG-225
18.0-40.0
kV
TG-226
35.0-60.0
kV


同様の部品番号 - TA1.0

メーカー部品番号データシート部品情報
logo
TiMOTION Technology Co....
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
   Max. load 6,000N (push), 4,000N (pull)
20200603-F
logo
List of Unclassifed Man...
TA100 ETC1-TA100 Datasheet
170Kb / 1P
   Power Chip Resistors Thick Film on Alumina Substrate
logo
Ohmite Mfg. Co.
TA100 OHMITE-TA100 Datasheet
239Kb / 2P
   Power Chip짰 Thick Film on Alumina Substrate
TA100 OHMITE-TA100 Datasheet
333Kb / 2P
   High Power Density
logo
Microchip Technology
TA100 MICROCHIP-TA100 Datasheet
718Kb / 28P
   CryptoAutomotive??TA100 (B5) Summary Data Sheet
Rev D
More results

同様の説明 - TA1.0

メーカー部品番号データシート部品情報
logo
Clare, Inc.
TX45 CLARE-TX45 Datasheet
186Kb / 4P
   HIGH-ENERGY TRIGGERED SPARK GAPS
logo
PerkinElmer Optoelectro...
GP-89 PERKINELMER-GP-89 Datasheet
67Kb / 4P
   Triggered Spark Gaps
GP-485 PERKINELMER-GP-485 Datasheet
71Kb / 6P
   Mini-Triggered Spark Gaps and Transformers
logo
Taiyo Yuden (U.S.A.), I...
AG20PC152F-L3N TAIYO-YUDEN-AG20PC152F-L3N Datasheet
360Kb / 2P
   SPARK GAPS
logo
List of Unclassifed Man...
AG15P152FB ETC2-AG15P152FB Datasheet
360Kb / 2P
   SPARK GAPS
logo
PerkinElmer Optoelectro...
GPV-63 PERKINELMER-GPV-63 Datasheet
59Kb / 4P
   Triggered Vacuum Gaps
logo
Clare, Inc.
TG-6 CLARE-TG-6 Datasheet
195Kb / 7P
   HIGH ENERGY SPARK GAP DEVICES
logo
Okaya Electric America,...
3RMES-121 OKAYA-3RMES-121 Datasheet
239Kb / 1P
   SPARK QUENCHER
XA120033 OKAYA-XA120033_14 Datasheet
49Kb / 1P
   SPARK QUENCHER
S120033 OKAYA-S120033 Datasheet
292Kb / 1P
   SPARK QUENCHER
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com