データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1.0 データシート(PDF) 3 Page - Clare, Inc.

部品番号 TA1.0
部品情報  HIGH-ENERGY TRIGGERED SPARK GAPS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CLARE [Clare, Inc.]
ホームページ  http://www.clare.com
Logo CLARE - Clare, Inc.

TA1.0 データシート(HTML) 3 Page - Clare, Inc.

  TA1.0 Datasheet HTML 1Page - Clare, Inc. TA1.0 Datasheet HTML 2Page - Clare, Inc. TA1.0 Datasheet HTML 3Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HIGH-ENERGY TRIGGERED SPARK GAPS
SPECIFICATIONS
560
North America: 1-800-CPCLARE
Europe: 32-11-300868
Asia: 886-2-2523-6368
Japan: 81-3-3980-2212
16.67
± 0.79 DIA.
(0.656
± 0.031)
25.40
± 1.59
(1.000
± 0.063)
1.59 DIA. TYP.
(0.063)
12.70
± 1.59
(0.500
± 0.063)
11.11 MAX.
(0.438)
TA SERIES
A
4.76
± 1.59
(0.188
± 0.063)
Triggergaps
All characteristics at 25˚C
TG-221
TG-222
TG-224
PARAMETER
CONDITIONS
SYMBOL MIN TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX UNITS
Device Specifications
Self-Breakdown Voltage
100V/s
E
Z
1.0
-
20.0
18.0
-
40.0
1.0
-
20.0
kV
Applied Voltage
E
bb
0.5
-
18.0
15.0
-
35.0
0.5
-
19.0
kV
Dimension A
-
-
2.25
-
-
3.25
-
-
3.00
-
inches
Dimension B
-
-
2.50
-
-
2.50
-
-
4.50
-
inches
Life Ratings
Peak Current
PW=30
µs
-
20
--
20
--
50
--kA
Discharge Life3
1000 shots into 1
-
3000
-
-
3000
-
-
6000
-
-
J
TG-225
TG-226
PARAMETER
CONDITIONS
SYMBOL MIN TYP
MAX
MIN
TYP
MAX
UNITS
Device Specifications
Self-Breakdown Voltage
100V/s
E
Z
18.0
-
40.0
35.0
-
60.0
kV
AppliedVoltage
E
bb
15.0
-
35.0
30.0
-
55.0
kV
Dimension A
-
-
3.50
-
-
4.50
-
inches
Dimension B
-
-
4.50
-
-
4.50
-
inches
Life Ratings
Peak Current
PW=30
µs
-
50
-
-
50
-
-
kA
Discharge Life3
1000 shots into 1
-
6000
-
-
6000
-
-
J
1 The trigger voltages given in these tables are the minimum triggering voltages necessary for triggering at the corresponding applied voltage limits. As the applied trigger voltage
increases, the trigger voltage required for triggering decreases. It is assumed that the trigger is applied across the trigger and adjacent main electrodes — higher trigger voltages are
required if it is applied across the trigger voltage and opposite main electrodes.
2 End point for life testing is a 15% reduction in the self-breakdown voltage.
3 Because the self-breakdown voltage of these devices is adjustable, the trigger voltage required for any particular applied voltage cannot be specified. Clare suggests setting the self-
breakdown voltage to at least 115% of the maximum applied voltage.
DIMENSIONS
mm
(inches)
MECHANICAL DIMENSIONS
ORDERING INFORMATION
A DIA.
C
B
TB SERIES
TRIGGER
ADJACENT
OPPOSITE
Triggergaps with self-breakdown voltages other than the standard val-
ues listed (in the ranges of 1-15kV for the TA series and 2.5-25kV for the
TB series) are available upon request.
A complete part number is represented by the digits below. Self-break-
down voltages are expressed in kV. For example, TA-5.0 is a 5kV TA
series device and TB-25.0 is a 25kV TB series device. The TG-221
to 226 are ordered by the appropriate part number as given in the
specifications.
TA- X.X
for 1.0-9.0kV
TA- XX.X
for 10.0-15.0kV
TB- X.X
for 2.5-9.0kV
TB- XX.X
for 10.0-25.0kV
Series
TA
TB
Self-breakdown voltage
See specification tables


同様の部品番号 - TA1.0

メーカー部品番号データシート部品情報
logo
TiMOTION Technology Co....
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
   Max. load 6,000N (push), 4,000N (pull)
20200603-F
logo
List of Unclassifed Man...
TA100 ETC1-TA100 Datasheet
170Kb / 1P
   Power Chip Resistors Thick Film on Alumina Substrate
logo
Ohmite Mfg. Co.
TA100 OHMITE-TA100 Datasheet
239Kb / 2P
   Power Chip짰 Thick Film on Alumina Substrate
TA100 OHMITE-TA100 Datasheet
333Kb / 2P
   High Power Density
logo
Microchip Technology
TA100 MICROCHIP-TA100 Datasheet
718Kb / 28P
   CryptoAutomotive??TA100 (B5) Summary Data Sheet
Rev D
More results

同様の説明 - TA1.0

メーカー部品番号データシート部品情報
logo
Clare, Inc.
TX45 CLARE-TX45 Datasheet
186Kb / 4P
   HIGH-ENERGY TRIGGERED SPARK GAPS
logo
PerkinElmer Optoelectro...
GP-89 PERKINELMER-GP-89 Datasheet
67Kb / 4P
   Triggered Spark Gaps
GP-485 PERKINELMER-GP-485 Datasheet
71Kb / 6P
   Mini-Triggered Spark Gaps and Transformers
logo
Taiyo Yuden (U.S.A.), I...
AG20PC152F-L3N TAIYO-YUDEN-AG20PC152F-L3N Datasheet
360Kb / 2P
   SPARK GAPS
logo
List of Unclassifed Man...
AG15P152FB ETC2-AG15P152FB Datasheet
360Kb / 2P
   SPARK GAPS
logo
PerkinElmer Optoelectro...
GPV-63 PERKINELMER-GPV-63 Datasheet
59Kb / 4P
   Triggered Vacuum Gaps
logo
Clare, Inc.
TG-6 CLARE-TG-6 Datasheet
195Kb / 7P
   HIGH ENERGY SPARK GAP DEVICES
logo
Okaya Electric America,...
3RMES-121 OKAYA-3RMES-121 Datasheet
239Kb / 1P
   SPARK QUENCHER
XA120033 OKAYA-XA120033_14 Datasheet
49Kb / 1P
   SPARK QUENCHER
S120033 OKAYA-S120033 Datasheet
292Kb / 1P
   SPARK QUENCHER
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com