データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN1532MX データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FIN1532MX
部品情報  5V LVDS 4-Bit High Speed Differential Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1532MX データシート(HTML) 4 Page - Fairchild Semiconductor

  FIN1532MX Datasheet HTML 1Page - Fairchild Semiconductor FIN1532MX Datasheet HTML 2Page - Fairchild Semiconductor FIN1532MX Datasheet HTML 3Page - Fairchild Semiconductor FIN1532MX Datasheet HTML 4Page - Fairchild Semiconductor FIN1532MX Datasheet HTML 5Page - Fairchild Semiconductor FIN1532MX Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
FIGURE 2. LVDS Input to LVTTL Output AC Waveforms
Test Circuit for LVTTL Outputs
FIGURE 3. AC Loading Circuit for LVTTL Outputs
Voltage Waveforms Enable and Disable Times
Note A: CL includes probes and jig capacitance
Note B: All LVTTL input pulses have the following characteristics: Frequency
= 10 MHz, t
R or tF = 2 ns
FIGURE 4. LVTTL Outputs Test Circuit and AC Waveforms


同様の部品番号 - FIN1532MX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN1532M FAIRCHILD-FIN1532M Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532MTC FAIRCHILD-FIN1532MTC Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532MTCX FAIRCHILD-FIN1532MTCX Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
More results

同様の説明 - FIN1532MX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN1532 FAIRCHILD-FIN1532 Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532MTCX FAIRCHILD-FIN1532MTCX Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1531 FAIRCHILD-FIN1531 Datasheet
206Kb / 6P
   5V LVDS 4-Bit High Speed Differential Driver
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
logo
Fairchild Semiconductor
FIN1002 FAIRCHILD-FIN1002 Datasheet
1,019Kb / 7P
   LVDS 1-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1002 ONSEMI-FIN1002 Datasheet
977Kb / 11P
   LVDS 1-Bit, High-Speed Differential Receiver
July 2016 Rev. 1.2
logo
Fairchild Semiconductor
FIN1048 FAIRCHILD-FIN1048 Datasheet
249Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MTCX FAIRCHILD-FIN1048MTCX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MX FAIRCHILD-FIN1048MX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com