データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

380LX472M025H012 データシート(PDF) 6 Page - List of Unclassifed Manufacturers

部品番号 380LX472M025H012
部品情報  Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

380LX472M025H012 データシート(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 380LX472M025H012 Datasheet HTML 2Page - List of Unclassifed Manufacturers 380LX472M025H012 Datasheet HTML 3Page - List of Unclassifed Manufacturers 380LX472M025H012 Datasheet HTML 4Page - List of Unclassifed Manufacturers 380LX472M025H012 Datasheet HTML 5Page - List of Unclassifed Manufacturers 380LX472M025H012 Datasheet HTML 6Page - List of Unclassifed Manufacturers 380LX472M025H012 Datasheet HTML 7Page - List of Unclassifed Manufacturers 380LX472M025H012 Datasheet HTML 8Page - List of Unclassifed Manufacturers 380LX472M025H012 Datasheet HTML 9Page - List of Unclassifed Manufacturers 380LX472M025H012 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Cap.
(µF)
Max. ESR
Ω@ 25 °C
Ripple Amps
Max. @ 85 °C
Nominal
Size D x L
Cap.
(µF)
Max. ESR
Ω@ 25 °C
Ripple Amps
Max. @ 85 °C
Nominal
Size D x L
Catalog Part Number
Catalog Part Number
120 Hz 20 kHz 120 Hz 20 kHz
(mm)
120 Hz 20 kHz120 Hz20 kHz (mm)
25 Vdc (32 Vdc Surge)
35 Vdc (44 Vdc Surge)
100000
382LX104M025N082
0.012 0.011
12.00
13.40
40 x 80
47000
382LX473M035N062
0.016 0.013 9.60 11.00
40 x 63
120000
382LX124M025B082V
0.012 0.011
15.29
17.58
50 x 80
56000
382LX563M035B052V
0.015 0.012 10.94 12.58
50 x 50
150000
382LX154M025N102
0.011 0.010
14.07
16.18 40 x 105
56000
382LX563M035N082
0.015 0.012 10.30 11.90
40 x 80
150000
382LX154M025B092V
0.011 0.010
16.01
18.41
50 x 92
68000
380LX683M035A102
0.010 0.008 10.62 12.21 35 x 105
180000
382LX184M025B102V
0.010 0.009
16.89
19.42 50 x 105
68000
382LX683M035B062V
0.013 0.011 11.93 13.72
50 x 63
35 Vdc (44 Vdc Surge)
82000
382LX823M035N102
0.012 0.009 12.02 13.82 40 x 105
2200
380LX222M035H202
0.211 0.160
1.40
1.60
22 x 20
82000
382LX823M035B082V
0.012 0.010 13.06 15.02
50 x 80
2200
380LX222M035H012
0.166 0.125
1.50
1.75
22 x 25
100000
382LX104M035B092V
0.011 0.009 13.97 16.07
50 x 92
3300
380LX332M035H012
0.110 0.085
2.30
2.60
22 x 25
120000
382LX124M035B102V
0.010 0.008 14.86 17.09 50 x 105
3300
380LX332M035J202
0.120 0.090
1.70
2.00
25 x 20
50 Vdc (63 Vdc Surge)
3900
380LX392M035H012
0.095 0.070
2.70
3.10
22 x 25
1500
380LX152M050H202
0.255 0.200 1.20
1.40
22 x 20
4700
380LX472M035H022
0.080 0.060
3.30
3.70
22 x 30
1500
380LX152M050H012
0.220 0.170 1.25
1.45
22 x 25
4700
380LX472M035J012
0.080 0.060
3.30
3.70
25 x 25
2200
380LX222M050H012
0.150 0.115 1.80
2.10
22 x 25
4700
380LX472M035K202
0.090 0.066
2.00
2.30
30 x 20
2200
380LX222M050J202
0.175 0.130 1.40
1.60
25 x 20
5600
380LX562M035H022
0.083 0.063
3.40
3.90
22 x 30
2700
380LX272M050H012
0.125 0.095 2.20
2.60
22 x 25
5600
380LX562M035J012
0.083 0.063
3.40
3.90
25 x 25
3300
380LX332M050H022
0.100 0.075 2.70
3.10
22 x 30
6800
380LX682M035H032
0.068 0.051
3.70
4.20
22 x 35
3300
380LX332M050J012
0.158 0.118 2.70
3.10
25 x 25
6800
380LX682M035A202
0.070 0.053
2.40
2.80
35 x 20
3300
380LX332M050K202
0.117 0.090 1.70
2.00
30 x 20
6800
380LX682M035J022
0.069 0.051
3.70
4.20
25 x 30
3900
380LX392M050H022
0.085 0.065 2.80
3.20
22 x 30
8200
380LX822M035H042
0.057 0.043
4.00
4.60
22 x 40
3900
380LX392M050J012
0.085 0.065 2.80
3.20
25 x 25
8200
380LX822M035J032
0.057 0.043
4.00
4.60
25 x 35
4700
380LX472M050H032
0.110 0.082 3.00
3.50
22 x 35
10000
380LX103M035H452
0.050 0.037
4.40
5.10
22 x 45
4700
380LX472M050J022
0.110 0.082 3.00
3.50
25 x 30
10000
380LX103M035J042
0.050 0.037
4.40
5.10
25 x 40
4700
380LX472M050K012
0.110 0.082 3.00
3.50
30 x 25
10000
380LX103M035K022
0.050 0.037
4.40
5.10
30 x 30
4700
380LX472M050A202
0.080 0.060 2.10
2.40
35 x 20
10000
380LX103M035A012
0.050 0.037
4.40
5.10
35 x 25
5600
380LX562M050H042
0.060 0.045 3.40
3.90
22 x 40
12000
380LX123M035J452
0.044 0.033
5.10
5.80
25 x 45
5600
380LX562M050J032
0.060 0.045 3.40
3.90
25 x 35
12000
380LX123M035K032
0.044 0.033
5.10
5.80
30 x 35
5600
380LX562M050K022
0.060 0.045 3.40
3.90
30 x 30
12000
380LX123M035A022
0.044 0.033
5.10
5.80
35 x 30
6800
380LX682M050H052
0.050 0.040 3.90
4.40
22 x 50
15000
380LX153M035J052
0.057 0.044
5.60
6.40
25 x 50
6800
380LX682M050J042
0.050 0.040 3.90
4.40
25 x 40
15000
380LX153M035K042
0.036 0.027
5.60
6.40
30 x 40
6800
380LX682M050K022
0.050 0.040 3.90
4.40
30 x 30
15000
380LX153M035A022
0.036 0.027
5.60
6.40
35 x 30
8200
380LX822M050J452
0.040 0.030 4.40
5.10
25 x 45
18000
380LX183M035K452
0.048 0.037
5.70
6.50
30 x 45
8200
380LX822M050K032
0.040 0.030 4.40
5.10
30 x 35
18000
380LX183M035A032
0.048 0.037
5.70
6.50
35 x 35
10000
380LX103M050J052
0.040 0.030 5.00
5.70
25 x 50
22000
380LX223M035K052
0.026 0.020
6.10
7.00
30 x 50
10000
380LX103M050K042
0.040 0.030 5.00
5.70
30 x 40
22000
380LX223M035A042
0.026 0.020
6.10
7.00
35 x 40
10000
380LX103M050A022
0.040 0.030 5.00
5.70
35 x 30
27000
380LX273M035A452
0.021 0.017
6.80
7.90
35 x 45
12000
380LX123M050K452
0.033 0.025 5.60
6.40
30 x 45
27000
382LX273M035N042
0.021 0.017
6.80
7.90
40 x 40
12000
380LX123M050A032
0.033 0.025 5.60
6.40
35 x 35
33000
380LX333M035A052
0.018 0.014
7.15
8.22
35 x 50
15000
380LX153M050K052
0.037 0.028 6.40
7.40
30 x 50
33000
380L333M035A062
0.018 0.009
7.80
8.70
35 x 63
15000
380LX153M050A042
0.037 0.028 6.40
7.40
35 x 40
39000
380LX393M035A062
0.015 0.012
7.90
9.10
35 x 63
18000
380L183M050A062
0.018 0.010 7.80
8.70
35 x 63
39000
380L393M035A072
0.015 0.008
8.60
9.50
35 x 70
18000
380LX183M050A452
0.022 0.017 6.90
7.90
35 x 45
39000
382LX393M035N052
0.017 0.014
8.00
9.20
40 x 50
18000
382LX183M050N042
0.023 0.017 6.94
7.98
40 x 40
47000
380LX473M035A082
0.015 0.011
9.50
10.90
35 x 80
22000
380L223M050A072
0.025 0.020 8.60
9.50
35 x 70
Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum
2, 4 and 5 pin styles available
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800


同様の部品番号 - 380LX472M025H012

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
380LX472M025H012 ETC2-380LX472M025H012 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
logo
Cornell Dubilier Electr...
380LX472M025H012 CDE-380LX472M025H012 Datasheet
575Kb / 12P
   Latest available ratings, worldwide
380LX472M025H012 CDE-380LX472M025H012 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

同様の説明 - 380LX472M025H012

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
380LX472M016H202 ETC2-380LX472M016H202 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com