データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

380LX472M050H032 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 380LX472M050H032
部品情報  Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

380LX472M050H032 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  380LX472M050H032 Datasheet HTML 1Page - List of Unclassifed Manufacturers 380LX472M050H032 Datasheet HTML 2Page - List of Unclassifed Manufacturers 380LX472M050H032 Datasheet HTML 3Page - List of Unclassifed Manufacturers 380LX472M050H032 Datasheet HTML 4Page - List of Unclassifed Manufacturers 380LX472M050H032 Datasheet HTML 5Page - List of Unclassifed Manufacturers 380LX472M050H032 Datasheet HTML 6Page - List of Unclassifed Manufacturers 380LX472M050H032 Datasheet HTML 7Page - List of Unclassifed Manufacturers 380LX472M050H032 Datasheet HTML 8Page - List of Unclassifed Manufacturers 380LX472M050H032 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Temperature Range
–40 °C to +85 °C ≤ 250 Vdc
–25 °C to +85 °C ≥ 315 Vdc
Rated Voltage Range
16 Vdc to 500 Vdc
Capacitance Range
33 µF to 270,000 µF
Capacitance Tolerance
± 20%
Leakage Current
≤3√CV µA at 5 min
Ripple Current Multipliers
Low Temperature Characteristics
Impedance ratio: Z
–20⁰C ∕ Z+25⁰C
≤ 8 (16–50 Vdc)
≤ 4 (63–100 Vdc)
≤ 3 (150–500 Vdc)
Endurance Life Test
3,000 h @ full load at +85 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
1,000 h @ 85 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Vibration
10 to 55 Hz, 0.06” and 10 g max, 2 h in each plane
RoHS Compliant
The excellent value of Type 380L/LX capacitors finds application in
switching power supply input and output circuits and even motor
drives where the high surface area of multiple units in parallel
approaches the ripple capability of our Type 520C computer-grade
capacitor. Type 380LX delivers more capacitance per can size while
Type 380L available in the largest case sizes gives lower ESR for the
same capacitance. Types 382L and 382LX give the choice of 4 or 5
leads for stable, reverse proof mounting.
Highlights
- Latest available ratings, worldwide
- Top performance in power supplies and motor drives
- Big selection of 46 case sizes
- 2, 4 and 5 leads available
Specifications
Frequency
45 ºC
60 ºC
70 ºC
85 ºC
1.5
1.4
1.3
1.0
50 Hz 60 Hz 120 Hz 500 kHz 1 kHz
10
kHz &
Up
16 - 100 WV 0.93
0.95
1.00
1.05
1.08
1.15
160 - 450 WV 0.75
0.80
1.00
1.20
1.25
1.40
Ambient Temperature
Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum
2, 4 and 5 pin styles available
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800


同様の部品番号 - 380LX472M050H032

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
380LX472M050H032 ETC2-380LX472M050H032 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
logo
Cornell Dubilier Electr...
380LX472M050H032 CDE-380LX472M050H032 Datasheet
464Kb / 12P
   High-Capacitance Snap-In
380LX472M050H032 CDE-380LX472M050H032 Datasheet
575Kb / 12P
   Latest available ratings, worldwide
380LX472M050H032 CDE-380LX472M050H032 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

同様の説明 - 380LX472M050H032

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
380LX472M016H202 ETC2-380LX472M016H202 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com