データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

380LX472M050J022 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 380LX472M050J022
部品情報  Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

380LX472M050J022 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  380LX472M050J022 Datasheet HTML 1Page - List of Unclassifed Manufacturers 380LX472M050J022 Datasheet HTML 2Page - List of Unclassifed Manufacturers 380LX472M050J022 Datasheet HTML 3Page - List of Unclassifed Manufacturers 380LX472M050J022 Datasheet HTML 4Page - List of Unclassifed Manufacturers 380LX472M050J022 Datasheet HTML 5Page - List of Unclassifed Manufacturers 380LX472M050J022 Datasheet HTML 6Page - List of Unclassifed Manufacturers 380LX472M050J022 Datasheet HTML 7Page - List of Unclassifed Manufacturers 380LX472M050J022 Datasheet HTML 8Page - List of Unclassifed Manufacturers 380LX472M050J022 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
±
382LX
272
M
200
N05
2
V
+D
Case
Blank = no end disk if <250 V
Type
Cap
Tolerance
Voltage
Code Insulation
# of pins
D = end disk, any voltage
380L / LX (2 pins)
272 = 2700 µF
M = ±20% 200 = 200 Vdc
2 = PVC
Blank = 2 pins / 4 pins snap-in 6.3mm L
382L / LX (4 or 5 pins) 333 = 33000 µF
A = 2 pins / 4 pins snap-in 4.0mm L
VS = 5 pins snap-in 6.3mm L
V = 5 pins standoff
Outline Drawings
Connection
Terminal
40 mm Dia.
50 mm Dia.
A
dummy
negative (–)
B
dummy
dummy
C
positive (+)
positive (+)
D
dummy
positive (+)
negative (–)
negative (–)
Notes:
* Use dummy terminals for mechanical support only. Make
no electrical connection because they resistively connect
through the electrolyte to the negative terminal.
** Safety Vent may be on the bottom or on the side of the can.
Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum
2, 4 and 5 pin styles available
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Part Numbering System
Two Pins
380L/LX (22 through 40 mm diameter)
Four Pins
382L/LX (35 and 40mm diameter)
Five Pins
382L/LX (40 and 50mm diameter)
Available in 5 pins
Available in 2 and 4 pins
1.5 0.2
2.0max.
6.3 mm pin length
Top of
Capacitor
Body
0.8
+0.2
-0.1
Available in 2, 4 and 5 pins
Top of
Capacitor
Body
1.5 0.1
0.6 min.
0.7
3.75 0.1
5 pin Standoff pin
style (add “V” to end
of part#)
1.5 0.2
2.0max.
4.0 mm pin length
option (add “A” to end
of part#)
Top of
Capacitor
Body
0.8 +0.2
-0.1
3.5
Available in 2 and 4 pins
Note that for 200 volts and under the insulating end disc is optional - If one is needed add a (+D) to the end of the part numbering system.
6.3 pin length
4.0 pin length
Dimensions shown are in mm
L ± 2 max.
L ± 2 max.


同様の部品番号 - 380LX472M050J022

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
380LX472M050J022 ETC2-380LX472M050J022 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
logo
Cornell Dubilier Electr...
380LX472M050J022 CDE-380LX472M050J022 Datasheet
464Kb / 12P
   High-Capacitance Snap-In
380LX472M050J022 CDE-380LX472M050J022 Datasheet
575Kb / 12P
   Latest available ratings, worldwide
380LX472M050J022 CDE-380LX472M050J022 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

同様の説明 - 380LX472M050J022

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
380LX472M016H202 ETC2-380LX472M016H202 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com