データシートサーチシステム |
|
NEXA105Z55V445x185F データシート(PDF) 1 Page - NIC-Components Corp. |
|
NEXA105Z55V445x185F データシート(HTML) 1 Page - NIC-Components Corp. |
|
1 / 1 page 1 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com SPECIFICATIONS ARE SUBJECT TO CHANGE Memory Back-Up Capacitors NEXA Series FEATURES • DOUBLE LAYER CONSTRUCTION • VERY HIGH CURRENT DISCHARGE (UP TO 1 AMP) • IDEAL AS MEMORY BACK-UP POWER SUPPLY • SUITABLE FOR FLOW SOLDERING • LEAD-FREE FINISH NIC P/N Capacitance Value (F) Charge Discharge Rated Voltage (VDC) Max. Current @ 30 minutes (mA) Max. ESR @ 1KHz ( Ω) Typical DCR ( Ω) NEXA223Z11V16x25F 0.022 0.035 11 0.066 20 33 NEXA473Z5.5V15x15.5F 0.047 0.075 5.5 0.071 20 17 NEXA104Z5.5V21.5 x 15.5F 0.1 0.16 5.5 0.15 8 8 NEXA104Z11V28.5x25.5F 0.1 0.16 11 0.30 8 6.4 NEXA224Z5.5V28.5x16.5F 0.22 0.35 5.5 0.33 5 4.5 NEXA224Z11V36.5x27.5F 0.22 0.35 11 0.66 6 3.1 NEXA474Z5.5V36.5x16.5F 0.47 0.75 5.5 0.71 3.5 2.2 NEXA474Z11V44.5x28.5F 0.47 0.75 11 1.41 4 2.1 NEXA105Z5.5V44.5x18.5F 1.0 1.6 5.5 1.5 2.5 1.1 Rated Voltage Range 5.5 ~ 11VDC Rated Capacitance Range 0.022F ~ 1.0F (22,000 μF ~ 1,000,000μF) Operating Temp. Range -25°C ~ +70°C Capacitance Tolerance +80%/-20% (Z) Load Life Test @ 70°C 1,000 hours Δ Capacitance Change Less than -15% of initial measured value Maximum ESR Less than 120% of the specified maximum value Current at 30 minutes Less than 200% of the specified maximum value Temperature Cycling (5 cycles, -25 ~ +70°C Δ Capacitance Change Within +80%/-20% of specified value Maximum ESR Less than specified maximum value Current at 30 minutes Less than specified maximum value Humidity Resistance (240 hours @ 40°C/90% RH) Δ Capacitance Change Less than -10% of initial measured value Maximum ESR Less than 120% of the specified maximum value Current at 30 minutes Less than 120% of the specified maximum value NIC P/N DIMENSIONS (mm) DH S LL d1 d2 NEXA223Z11V16x25F 16.0 25 5.1 5.0 0.4 1.2 NEXA473Z5.5V15x15.5F 16.0 15.5 5.1 5.0 0.4 1.2 NEXA104Z5.5V21.5x15.5F 21.5 15.5 7.6 5.5 0.6 1.2 NEXA104Z11V28.5x25.5F 28.5 25.5 10.2 9.5 0.6 1.4 NEXA224Z5.5V28.5x16.5F 28.5 16.5 10.2 9.5 0.6 1.4 NEXA224Z11V36.5x27.5F 36.5 27.5 15 9.5 1.0 1.4 NEXA474Z5.5V36.5x16.5F 36.5 16.5 15 9.5 0.6 1.7 NEXA474Z11V44.5x28.5F 44.5 28.5 20 9.5 1.0 1.4 NEXA105Z5.5V44.5x18.5F 44.5 18.5 20 9.5 1.0 1.4 CASE DIMENSIONS (mm) STANDARD VALUES AND SPECIFICATIONS CHARACTERISTICS PRECAUTIONS WASHING is NOT RECOMMENDED. Additional guidelines and precautions can be found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC’s technical support personnel: tpmg@niccomp.com *See Part Number System for Details RoHS Compliant includes all homogeneous materials Super Capacitor Super Capacitor Application Guide Application Guide TERMINATION FINISH: Pb-FREE (99%Sn/1%Cu) + - H max. S ±0.5 D ±0.5 LL min. 0.3mm m in. d1 ±0.1 d2 ±0.1 + - |
同様の部品番号 - NEXA105Z55V445x185F |
|
同様の説明 - NEXA105Z55V445x185F |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |