データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P-8190 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 P-8190
部品情報  POWER TRANS FORMERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

P-8190 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  P-8190 Datasheet HTML 1Page - List of Unclassifed Manufacturers P-8190 Datasheet HTML 2Page - List of Unclassifed Manufacturers P-8190 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image

P O W E R T R A N S F O R M E R S
www.stancor.com
Single Secondary
All Primaries 50/60 Hz.
For outline drawings refer to page 12.
Insulation
DImensIons-Inches
sTAncoR
Test
PART
Primary
secondary
Rms
Termination
case
mounting
Weight
Agency
sec. nUmBeR
Volts
Volts
Amps. style
Volts
Pri.
sec.
h
W
D
mW
mD
(lbs.) certification
A
P-8130
117
12.6 C.T.
2.00
A
1500
Leads
Leads
2.00
3.25
2.13
2.81
-
1.40
P-8715
230
12.6 C.T.
2.00
A
1500
Leads
Leads
2.00
3.25
2.13
2.81
-
1.40
-
P-8358
117
12.6 C.T.
3.00
A
1500
Leads
Leads
2.38
3.75
2.25
3.13
-
1.60
-
P-8641
117
12.6 C.T.
4.00
A
1500
Leads
Leads
2.62
4.00
2.38
3.56
-
2.30
-
B
P-8644
117
12.6 C.T.
10.0
C
1500
Leads
Leads
4.25
3.44
3.38
2.75
2.69
6.30
-
P-8553
115
14.0 C.T.
0.25
A
1500
Leads
Leads
1.38
2.38
1.44
2.00
-
0.40
-
P-8555
115
14.0 C.T.
1.00
A
1500
Leads
Leads
2.00
3.25
1.75
2.81
-
1.20
-
P-8557
115
14.0 C.T.
4.00
NV
1500
Leads
Leads
3.00
2.56
2.44
2.00
2.25
3.00
-
C
P-8558
115
14.0 C.T.
6.00
NV
1500
Leads
Leads
3.50
2.81
2.88
2.25
2.38
4.00
-
P-8691
115
18.0 C.T.
1.00
A
1500
Leads
Leads
2.00
3.31
2.13
2.81
-
1.50
-
P-8692
115
18.0 C.T.
1.50
A
1500
Leads
Leads
2.38
3.75
2.13
3.13
-
1.70
-
P-8693
115
18.0 C.T.
2.00
A
1500
Leads
Leads
2.38
3.75
2.25
3.13
-
2.00
-
D
P-8504
115/230
20.0 C.T.
0.25
A
2500
Leads
Leads
1.44
2.38
1.38
2.00
-
0.40
-
P-8505
115/230
20.0 C.T.
0.30
A
2500
Leads
Leads
1.44
2.38
1.38
2.00
-
0.60
-
P-8507
115/230
20.0 C.T.
0.50
A
2500
Leads
Leads
1.75
2.88
1.63
2.38
-
0.80
-
P-8508
115/230
20.0 C.T.
1.00
A
2500
Leads
Leads
2.00
3.25
2.25
2.81
-
1.40
-
E
P-8604
117
20.0 C.T.
1.00
A
1500
Leads
Leads
2.00
3.25
2.13
2.81
-
1.40
P-8559
115
20.0 C.T.
2.00
A
1500
Leads
Leads
2.56
4.00
2.25
3.56
-
2.50
-
P-8560
115
20.0 C.T.
4.00
NV
1500
Leads
Leads
3.50
2.81
3.06
2.25
2.06
4.00
-
P-8551
115
24.0
1.00
A
1500
Leads
Leads
1.94
3.25
2.13
2.81
-
1.40
-
F
P-8694
115
24.0
2.00
A
1500
Leads
Leads
2.63
4.00
2.00
3.56
-
2.30
-
P-8394
117
24.0 C.T.
0.085
A
1500
Leads
Leads
1.25
2.13
1.25
1.75
-
0.25
-
P-8395
117
24.0 C.T.
0.20
A
1500
Leads
Leads
1.38
2.38
1.38
2.00
-
0.35
P-8721
230
24.0 C.T.
0.20
A
1500
Leads
Leads
1.38
2.38
1.38
2.00
-
0.35
-
G
P-8578
115/230
24.0 C.T.
0.20
A
1500
Leads
Leads
1.38
2.38
1.50
2.00
-
0.30
-
P-8396
117
24.0 C.T.
0.40
A
1500
Leads
Leads
1.75
2.88
1.63
2.38
-
0.60
P-8722
230
24.0 C.T.
0.40
A
1500
Leads
Leads
1.75
2.88
1.63
2.38
-
0.60
-
P-8397
117
24.0 C.T.
0.70
A
1500
Leads
Leads
2.00
3.25
1.75
2.81
-
0.85
H
P-8723
230
24.0 C.T.
0.70
A
1500
Leads
Leads
2.00
3.25
1.75
2.81
-
0.85
-
P-8661
117
24.0 C.T.
1.00
A
1500
Leads
Leads
2.00
3.25
2.06
2.81
-
1.40
P-8575
115/230
24.0 C.T.
1.00
A
1500
Leads
Leads
2.00
3.25
2.06
2.81
-
1.30
P-8662
117
24.0 C.T.
2.00
A
1500
Leads
Leads
2.62
4.00
2.38
3.56
-
2.30
-
I
P-8663
117
24.0 C.T.
4.00
NV
1500
Leads
Leads
3.88
3.19
2.81
2.50
2.13
4.00
P-8664
117
24.0 C.T.
6.00
NV
1500
Leads
Leads
4.19
3.44
3.00
2.75
2.25
5.70
-
P-8665
117
24.0 C.T.
8.00
NV
1500
Leads
Leads
4.19
3.44
3.38
2.75
2.75
7.30
-
P-8695
115
24.0 C.T.
10.0
NV
1500
Leads
Leads
4.31
3.44
3.50
2.75
3.13
8.00
-
styleA
stylenV
stylec
Agency Certification Note: UL Recognized (File E68100, Guide #XPTQ2)


同様の部品番号 - P-8190

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
P-8139-032 MOLEX4-P-8139-032 Datasheet
238Kb / 2P
   Avikrimp??Quick Disconnect, Female, for 12-14 (3.30-2.00) Wire, Box, Tab 4.75mm(.187") x 0.81mm (.032")
P-8139-032T MOLEX4-P-8139-032T Datasheet
238Kb / 3P
   Avikrimp??Quick Disconnect, Female, for 12-14 (3.30-2.00) Wire, Mylar Tape, Tab4.75mm (.187") x 0.81mm (.032")
P-8139T MOLEX4-P-8139T Datasheet
238Kb / 3P
   Avikrimp??Quick Disconnect
P-8142 MOLEX4-P-8142 Datasheet
238Kb / 2P
   Avikrimp??Quick Disconnect, Female, for 12-14 (3.30-2.00) Wire, Box, Tab 6.35mm(.250") x 0.81mm (.032")
P-8142T MOLEX4-P-8142T Datasheet
238Kb / 3P
   Avikrimp??Quick Disconnect, Female, for 12-14 (3.30-2.00) Wire, Mylar Tape, Tab6.35mm (.250") x 0.81mm (.032")
More results

同様の説明 - P-8190

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LB-12230 ETC2-LB-12230 Datasheet
312Kb / 2P
   PRINTED CIRCUIT TRANS FORMERS
E13003 ETC2-E13003 Datasheet
5Mb / 2P
   POWER TRANS ISTOR
logo
Ferroxcube Internationa...
CPVS-ER14.5-1S-10P-Z FERROXCUBE-CPVS-ER14.5-1S-10P-Z Datasheet
31Kb / 1P
   COIL FORMERS
CPVS-ER11-1S-10P-Z FERROXCUBE-CPVS-ER11-1S-10P-Z Datasheet
31Kb / 1P
   COIL FORMERS
logo
EPCOS
B66319G0000X130 EPCOS-B66319G0000X130_10 Datasheet
444Kb / 6P
   EF coil formers
B66311G0000X130 EPCOS-B66311G0000X130_10 Datasheet
518Kb / 9P
   EF coil formers
B66305G0000X130 EPCOS-B66305G0000X130_10 Datasheet
465Kb / 9P
   EF coil formers
B66307G0000X130 EPCOS-B66307G0000X130_10 Datasheet
75Kb / 7P
   EF coil formers
logo
TRIAD MAGNETICS
FS56-350 TRIAD-FS56-350 Datasheet
47Kb / 1P
   POWER TRANS FORMER, PC MOUNT:SPLIT PACK
logo
rfsolutions.ltd
ZULU-868 RFSOLUTIONS-ZULU-868 Datasheet
1Mb / 9P
   RT Trans-controller
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com