データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM78LXXA3-B-BK-G データシート(PDF) 6 Page - Cystech Electonics Corp.

部品番号 LM78LXXA3-B-BK-G
部品情報  LM78LXXA3/M3 CYStek Product Specification
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM78LXXA3-B-BK-G データシート(HTML) 6 Page - Cystech Electonics Corp.

Back Button LM78LXXA3-B-BK-G Datasheet HTML 2Page - Cystech Electonics Corp. LM78LXXA3-B-BK-G Datasheet HTML 3Page - Cystech Electonics Corp. LM78LXXA3-B-BK-G Datasheet HTML 4Page - Cystech Electonics Corp. LM78LXXA3-B-BK-G Datasheet HTML 5Page - Cystech Electonics Corp. LM78LXXA3-B-BK-G Datasheet HTML 6Page - Cystech Electonics Corp. LM78LXXA3-B-BK-G Datasheet HTML 7Page - Cystech Electonics Corp. LM78LXXA3-B-BK-G Datasheet HTML 8Page - Cystech Electonics Corp. LM78LXXA3-B-BK-G Datasheet HTML 9Page - Cystech Electonics Corp. LM78LXXA3-B-BK-G Datasheet HTML 10Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CYStech Electronics Corp.
Spec. No. : C515A3
Issued Date : 2014.01.15
Revised Date :
Page No. : 6/14
LM78LXXA3/M3
CYStek Product Specification
LM78L15 (Vin=23V, Io=80mA, Tj=25
°C, Cin=0.33uF, Cout=0.1uF, unless otherwise noted) (Note 1)
Symbol
Parameter
Min
Typ
Max
Conditions
Units
A-rank(3%)
14.55
15
15.45
Vo
B-rank(5%)
Output Voltage
14.25
-
15.75
Vin=23V, Io=80mA,Tj=25
°C
17.5V
≤Vin≤30V, 1mA≤Io≤80mA
Vin=23V,1mA
≤Io≤140mA (Note 2)
V
-
25
150
17.5V
≤Vin≤30V
ΔVo
Line Regulation
-
15
75
19V
≤Vin≤30V
mV
-
20
150
1mA
≤Io≤200mA
ΔVo
Load Regulation
-
25
150
1mA
≤Io≤80mA
mV
IQ
Quiescent Current
-
2.2
6.5
Tj=25
°C, Vin=23V, Io=80mA
mA
-
-
1.5
19V
≤Vin≤30V
ΔIQ
Quiescent Current
Change
-
-
0.1
1mA
≤Io≤80mA
mA
Vn
Output Noise Voltage
-
90
-
10Hz
≤f≤100KHz
μV
ΔVin / ΔVout
Ripple Rejection
34
63
-
18.5V
≤Vin≤28.5V, f=120Hz
dB
ΔVo/ΔTj
Temperature Stability
-
-1.3
-
Io=5mA, 0
°C ≤Tj≤125°C
mV/℃
VD
Dropout Voltage
-
1.7
-
Io=80mA
V
LM78L18 (Vin=26V, Io=80mA, Tj=25
°C, Cin=0.33uF, Cout=0.1uF, unless otherwise noted) (Note 1)
Symbol
Parameter
Min
Typ
Max
Conditions
Units
A-rank(3%)
17.46
18
18.54
Vo
B-rank(5%)
Output Voltage
17.10
-
18.90
Vin=26V, Io=80mA,Tj=25
°C
21V
≤Vin≤33V, 1mA≤Io≤80mA
Vin=26V,1mA
≤Io≤140mA (Note 2)
V
-
70
360
20.5V
≤Vin≤33V
ΔVo
Line Regulation
-
64
300
22V
≤Vin≤33V
mV
-
27
180
1mA
≤Io≤200mA
ΔVo
Load Regulation
-
19
90
1mA
≤Io≤80mA
mV
IQ
Quiescent Current
-
3.5
6.5
Tj=25
°C, Vin=26V, Io=80mA
mA
-
-
1.5
21V
≤Vin≤33V
ΔIQ
Quiescent Current
Change
-
-
0.1
1mA
≤Io≤80mA
mA
Vn
Output Noise Voltage
-
89
-
10Hz
≤f≤100KHz
μV
ΔVin / ΔVout
Ripple Rejection
32
36
-
21.5V
≤Vin≤31.5V, f=120Hz
dB
ΔVo/ΔTj
Temperature Stability
-
-1.8
-
Io=5mA, 0
°C ≤Tj≤125°C
mV/℃
VD
Dropout Voltage
-
1.7
-
Io=80mA
V


同様の部品番号 - LM78LXXA3-B-BK-G

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
LM78LXXA3-B-BK-G CYSTEKEC-LM78LXXA3-B-BK-G Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78LXXA3-B-BK-G CYSTEKEC-LM78LXXA3-B-BK-G Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78LXXA3-B-BK-G CYSTEKEC-LM78LXXA3-B-BK-G Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78LXXA3-B-BK-G CYSTEKEC-LM78LXXA3-B-BK-G Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78LXXA3-B-BK-G CYSTEKEC-LM78LXXA3-B-BK-G Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
More results

同様の説明 - LM78LXXA3-B-BK-G

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
BTA3513J3 CYSTEKEC-BTA3513J3 Datasheet
325Kb / 8P
   CYStek Product Specification
MTP4835J3 CYSTEKEC-MTP4835J3 Datasheet
291Kb / 9P
   MTP4835J3 CYStek Product Specification
SK24SA CYSTEKEC-SK24SA Datasheet
280Kb / 6P
   SK2XSA CYStek Product Specification
MTB60A06Q8 CYSTEKEC-MTB60A06Q8 Datasheet
313Kb / 9P
   MTB60A06Q8 CYStek Product Specification
MTDN9946Q8 CYSTEKEC-MTDN9946Q8 Datasheet
391Kb / 7P
   MTDN9946Q8 CYStek Product Specification
QDM3 CYSTEKEC-QDM3 Datasheet
244Kb / 6P
   QDM3 CYStek Product Specification
BTA2029Y3 CYSTEKEC-BTA2029Y3 Datasheet
306Kb / 7P
   BTA2029Y3 CYStek Product Specification
MTA17A02CDN6 CYSTEKEC-MTA17A02CDN6 Datasheet
357Kb / 9P
   MTA17A02CDN6 CYStek Product Specification
MTEB4N15J3 CYSTEKEC-MTEB4N15J3 Datasheet
318Kb / 9P
   MTEB4N15J3 CYStek Product Specification
MTEF1P15Q8 CYSTEKEC-MTEF1P15Q8 Datasheet
309Kb / 9P
   MTEF1P15Q8 CYStek Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com