データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STB24NM60N データシート(PDF) 7 Page - STMicroelectronics

部品番号 STB24NM60N
部品情報  N-channel 600 V, 0.168, 17 A MDmesh II Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB24NM60N データシート(HTML) 7 Page - STMicroelectronics

Back Button STB24NM60N Datasheet HTML 3Page - STMicroelectronics STB24NM60N Datasheet HTML 4Page - STMicroelectronics STB24NM60N Datasheet HTML 5Page - STMicroelectronics STB24NM60N Datasheet HTML 6Page - STMicroelectronics STB24NM60N Datasheet HTML 7Page - STMicroelectronics STB24NM60N Datasheet HTML 8Page - STMicroelectronics STB24NM60N Datasheet HTML 9Page - STMicroelectronics STB24NM60N Datasheet HTML 10Page - STMicroelectronics STB24NM60N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
STB24NM60N
Electrical characteristics
Doc ID 010008 Rev 1
7/15
Figure 8.
Capacitance variations
Figure 9.
Output capacitance stored energy
Figure 10.
Normalized gate threshold voltage
vs temperature
Figure 11.
Normalized on resistance vs
temperature
Figure 12.
Normalized BVDSS vs temperature
Figure 13.
Source-drain diode forward
characteristics
C
3100
2100
1100
100
0
40
VDS(V)
(pF)
20
4100
60
Ciss
Coss
Crss
5100
6100
AM08535v1
Eoss
1.0
0
0
100
VDS(V)
(µJ)
2.0
200
3.0
300
400
4.0
500
6.0
5.0
7.0
8.0
9.0
500
AM08536v1
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
-25
1.10
75
25
50
100
ID = 250 µA
AM08537v1
RDS(on)
2.0
1.5
1.0
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
ID= 8 A
AM08538v1
BVDSS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.92
0.95
0.98
1.00
1.03
1.06
ID= 1 mA
AM08539v1
VSD
0
4
ISD(A)
(V)
2
10
6
8
0.4
0.6
0.8
1.0
TJ=-50°C
TJ=150°C
TJ=25°C
0.2
1.2
1.4
0
12
AM09005v1


同様の部品番号 - STB24NM60N

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
STB24NM60N ISC-STB24NM60N Datasheet
314Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - STB24NM60N

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STF24NM60N STMICROELECTRONICS-STF24NM60N Datasheet
996Kb / 19P
   N-channel 600 V, 0.168 廓, 17 A MDmesh??II Power MOSFET
STB24N60M2 STMICROELECTRONICS-STB24N60M2 Datasheet
1Mb / 22P
   N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in D2PAK
STB22NM60N STMICROELECTRONICS-STB22NM60N Datasheet
994Kb / 23P
   N-channel 600 V, 0.2 廓, 16 A MDmesh??II Power MOSFET
STW55NM60N STMICROELECTRONICS-STW55NM60N Datasheet
329Kb / 12P
   N-channel 600 V, 0.047 ?? 51 A, MDmesh??II Power MOSFET TO-247
July 2008 Rev 4
STF24N60M2 STMICROELECTRONICS-STF24N60M2 Datasheet
1Mb / 14P
   N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in TO-220FP and I2PAKFP packages
STFH24N60M2 STMICROELECTRONICS-STFH24N60M2 Datasheet
747Kb / 12P
   N-channel 600 V, 0.168 ??typ., 18 A MDmesh??M2 Power MOSFET in a TO-220FP wide creepage package
June 2016 Rev 2
STFI34NM60N STMICROELECTRONICS-STFI34NM60N Datasheet
851Kb / 1P
   N-channel 600 V, 0.092, 31.5 A MDmesh II Power MOSFET in a PAKFP package
STW56NM60N STMICROELECTRONICS-STW56NM60N Datasheet
415Kb / 11P
   N-channel 600 V, 0.05 廓, 45 A TO-247 MDmesh??II Power MOSFET
STF26NM60N-H STMICROELECTRONICS-STF26NM60N-H Datasheet
707Kb / 12P
   N-channel 600 V, 0.135 ?? 20 A MDmesh??II Power MOSFET in TO-220FP
January 2010 Rev 1
STW43NM60N STMICROELECTRONICS-STW43NM60N Datasheet
500Kb / 12P
   N-channel 600 V, 0.075 廓, 35 A MDmesh??II Power MOSFET TO-247
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com