データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STU8NM60ND データシート(PDF) 4 Page - STMicroelectronics

部品番号 STU8NM60ND
部品情報  N-channel 600 V, 0.59 , 7 A, FDmesh II Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU8NM60ND データシート(HTML) 4 Page - STMicroelectronics

  STU8NM60ND Datasheet HTML 1Page - STMicroelectronics STU8NM60ND Datasheet HTML 2Page - STMicroelectronics STU8NM60ND Datasheet HTML 3Page - STMicroelectronics STU8NM60ND Datasheet HTML 4Page - STMicroelectronics STU8NM60ND Datasheet HTML 5Page - STMicroelectronics STU8NM60ND Datasheet HTML 6Page - STMicroelectronics STU8NM60ND Datasheet HTML 7Page - STMicroelectronics STU8NM60ND Datasheet HTML 8Page - STMicroelectronics STU8NM60ND Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
STx8NM60ND
4/17
2
Electrical characteristics
(TCASE= 25 °C unless otherwise specified)
Table 5.
On/off states
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 1 mA, VGS = 0
600
V
dv/dt(1)
1.
Characteristics value at turn off on inductive load
Drain-source voltage slope
VDD = 480 V, ID = 7 A,
VGS =10 V
45
V/ns
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = Max rating,
VDS = Max rating,Tc = 125 °C
1
100
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
3
4
5
V
RDS(on)
Static drain-source on
resistance
VGS = 10V, ID = 3.5 A
0.59
0.70
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
gfs
(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward transconductance
VDS = 15 V, ID= 5 A
7.5
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 50 V, f = 1 MHz, VGS = 0
560
37
4
pF
pF
pF
Coss eq.
(2)
2.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
Equivalent output
capacitance
VGS = 0, VDS = 0 to 480 V
90
pF
RG
Gate input resistance
f = 1 MHz Gate DC Bias = 0
Test Signal Level = 20 mV
Open Drain
6
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 480 V, ID = 7 A
VGS = 10 V
Figure 19
22
4
13
nC
nC
nC


同様の部品番号 - STU8NM60ND

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
STU8NM60ND ISC-STU8NM60ND Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - STU8NM60ND

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STB36NM60N STMICROELECTRONICS-STB36NM60N Datasheet
1Mb / 18P
   Automotive-grade N-channel 600 V, 0.097 typ., 29 A FDmesh II
October 2013 Rev 3
STD13NM60ND STMICROELECTRONICS-STD13NM60ND Datasheet
1Mb / 21P
   N-channel 600 V, 0.32 typ., 11 A, FDmesh II Power MOSFET (with fast diode) in DPAK
STB18NM60ND STMICROELECTRONICS-STB18NM60ND Datasheet
1Mb / 22P
   N-channel 600 V - 0.25 typ., 13 A FDmesh II Power MOSFET (with fast diode) in D2PAK
STW55NM60ND STMICROELECTRONICS-STW55NM60ND Datasheet
147Kb / 9P
   N-channel 600 V - 0.047 廓 - 51 A TO-247 FDmesh??II Power MOSFET (with fast diode)
STF22NM60ND STMICROELECTRONICS-STF22NM60ND Datasheet
790Kb / 13P
   Automotive-grade N-channel 600 V, 0.17 ??typ., 17 A FDmesh??II Power MOSFET in a TO-220FP package
August 2015 Rev 2
STL23NM60ND STMICROELECTRONICS-STL23NM60ND Datasheet
473Kb / 11P
   N-channel 600 V, 0.150 廓, 19.5 A, FDmesh??II Power MOSFET (with fast diode) PowerFLAT??(8x8) HV
STW54NM65ND STMICROELECTRONICS-STW54NM65ND Datasheet
550Kb / 13P
   N-channel 650 V, 0.055 廓, 49 A TO-247 FDmesh??II Power MOSFET
STB23NM60ND STMICROELECTRONICS-STB23NM60ND Datasheet
343Kb / 15P
   N-channel 600 V - 0.150 廓 - 20 A - D2/I2PAK - TO-220/FP - TO-247 FDmesh??II Power MOSFET
STF10NM60ND STMICROELECTRONICS-STF10NM60ND Datasheet
1Mb / 19P
   N-channel 600 V, 0.57, 8 A, DPAK, TO-220FP, TO-220 FDmesh II Power MOSFET (with fast diode)
November 2011 Rev 2
STD11NM60ND STMICROELECTRONICS-STD11NM60ND_10 Datasheet
756Kb / 19P
   N-channel 600 V, 0.37 廓, 10 A, FDmesh??II Power MOSFET I2PAK, TO-220, TO-220FP, IPAK, DPAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com