データシートサーチシステム |
|
CB08YTYH151 データシート(PDF) 1 Page - List of Unclassifed Manufacturers |
|
CB08YTYH151 データシート(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 8 page Rev Date: 03/30/2011 1 www.seielect.com This specification may be changed at any time without prior notice marketing@seielect.com Please confirm technical specifications before you order and/or use. CB Series Multilayer Ferrite Chip Bead Inductor Stackpole Electronics, Inc. Resistive Product Solutions Features: • Standard chip bead used to suppress lower frequency and lower current signals • Offers impedance over a broad frequency range • High current option available up to 6A • Suitable for flow and reflow soldering • Available in 8 sizes • For inductance values outside those listed in the datasheet, contact factory • Find Frequency Curves, Environmental and Packaging specifications in related supplemental documents Applications: • DC power lines • RF transceiver modules • Computer and peripheral products • Communication appliances • Cellular phones • I/O ports • Signal lines • Bluetooth module CB02 6 - 600 Ω 500 - 100 mA CB02 10 Ω 1000 mA CB03 11 - 2700 Ω 500 - 50 mA CB03 11 - 1000 Ω 4000 - 800 mA CB05 7 - 2700 Ω 600 - 100 mA CB05 11 - 1000 Ω 6000 - 1500 mA CB04 19 - 2700 Ω 600 - 200 mA CB04 19 - 1500 Ω 6000 - 800 mA CB06 25 - 70 Ω 500 mA - - - CB10 32 - 90 Ω 500 mA CB10 60 - 90 Ω 4000 - 3000 mA CB08 50 - 170 Ω 600 - 500 mA CB08 50 - 150 Ω 6000 - 2000 mA CB12 70 - 120 Ω 500 mA CB12 70 - 120 Ω 6000 - 4000 mA General Purpose and High Q High Current Impedance and Current Ranges Size Code Code Code Type CB 02 Code Y H High Code Inductance 03 Y Q N General 9R00 9 Ohm 05 11R0 11 Ohm 04 450R 450 Ohm 06 1K50 1500 Ohm 10 08 12 1812 Tape & Reel T Type ui : 200 ui : 75 Quantity 10,000 4,000 3,000 1204 1206 1210 1808 2,000 2,500 1,000 1812 1206, 1808 1210 0402 Four characters with the multiplier used as the decimal holder. 0603 25% 0603, 0805 0805 1204 Ferrite Bead 0402 Tol Product Series Code Tolerance Description Size Inductance Inductance Value How to Order 1234 5678 9 10 11 12 13 14 C B 0 805 Y T Y N 11 R 0 Legacy Part Number (before January 3, 2011): Type Description Code EIA Code Tolerance Code Type Code Type Code Type Code Impedance CB Ferrite Bead 02 0402 Y ±25% T Tape & Reel Y ui : 200 H High 090 9Ω 03 0603 Q ui : 75 N General 110 11Ω 05 0805 451 450Ω 04 1204 152 1500Ω 06 1206 10 1210 08 1808 12 1812 CB SEI Type Dimensions 05 Tolerance Y Packaging T Impedance 110 D esign Code Y Current N |
同様の部品番号 - CB08YTYH151 |
|
同様の説明 - CB08YTYH151 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |