データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-181-06DE データシート(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-181-06DE
部品情報  Phototransistor Optocoupler SMD Mini-Flat Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-181-06DE データシート(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-181-06DE Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-06DE Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-06DE Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-06DE Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-06DE Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-06DE Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Figure 10. Response time vs. load resistance.
Figure 11. Frequency response.
Figure 4. Forward current vs. forward voltage.
Figure 5. Current transfer ratio vs. forward
current.
Figure 6. Collector current vs. collector-emitter
voltage.
Figure 7. Relative current transfer ratio vs. tem-
perature.
Figure 8. Collector-emitter saturation voltage
vs. temperature.
Figure 9. Collector dark current vs. temperature.
1
VF – FORWARD VOLTAGE – V
2.0
3.0
10
5
500
1.0
0
TA = 75 C
0.5
1.5
2.5
2
20
50
100
200
TA = 50 C
TA = 25 C
TA = 0 C
TA = -25 C
0
VCE – COLLECTOR-EMITTER VOLTAGE – V
69
40
20
50
3
0
PC (MAX.)
TA = 25 C
IF = 30 mA
IF = 25 mA
IF = 10 mA
IF = 5 mA
30
10
IF = 20 mA
IF = 15 mA
12
4
5
78
0
IF – FORWARD CURRENT – mA
10
50
40
200
2
1
20
60
120
140
160
VCE = 5 V
TA = 25 C
80
100
180
520
0
100
50
150
VCE = 2 V
IF = 5 mA
TA – AMBIENT TEMPERATURE – C
80
40
60
100
20
0
0.06
0.02
0.10
IC = 1 mA
IF = 20 mA
TA – AMBIENT TEMPERATURE – °C
60
4 0
8 0
100
20
0.04
0.08
AMBIENT TEMPERATURE - oC
20
40
60
80
100
VCE =20V
1
10
10000
1000
100
0.1
RL– LOAD RESISTANCE – kΩ
0.1
5
1
0.5
0.2
0.5
500
0.2
2
10
0.05
2
VCE = 2 V
IC = 2 mA
TA = 25°C
tf
tr
1
5
10
20
50
100
200
ts
td
f – FREQUENCY – kHz
120
500
5
20
10
210
50
0.5
0
100 200
RL = 10 kΩ
RL = 1 kΩ
RL = 100 Ω
VCE = 2 V
IC = 2 mA
TA = 25 C


同様の部品番号 - HCPL-181-06DE

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-181-060E HP-HCPL-181-060E Datasheet
74Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181-060E AVAGO-HCPL-181-060E Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06AE AVAGO-HCPL-181-06AE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06BE AVAGO-HCPL-181-06BE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06CE AVAGO-HCPL-181-06CE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
More results

同様の説明 - HCPL-181-06DE

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181 AVAGO-HCPL-181 Datasheet
356Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
Agilent(Hewlett-Packard...
HCPL-181 HP-HCPL-181 Datasheet
74Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181-06AE AVAGO-HCPL-181-06AE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06BE AVAGO-HCPL-181-06BE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06CE AVAGO-HCPL-181-06CE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
Agilent(Hewlett-Packard...
HCPL-354 HP-HCPL-354 Datasheet
75Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-354-00AE AVAGO-HCPL-354-00AE Datasheet
299Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354 AVAGO-HCPL-354 Datasheet
312Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354-06AE AVAGO-HCPL-354-06AE Datasheet
330Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com