データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1BE データシート(PDF) 2 Page - Micro Commercial Components

部品番号 GS1BE
部品情報  1.0 Amp Silicon Rectifier 50 to 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GS1BE データシート(HTML) 2 Page - Micro Commercial Components

  GS1BE Datasheet HTML 1Page - Micro Commercial Components GS1BE Datasheet HTML 2Page - Micro Commercial Components GS1BE Datasheet HTML 3Page - Micro Commercial Components GS1BE Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GS1AE thru GS1ME
Figure 4
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
1
2
6
10
20
100
Junction Capacitance - pFversus
Reverse Junction Potential (Applied V + 0.7 Volts) - Volts
pF
Volts
1
10
100
6
12
18
24
30
36
Figure 2
Maximum Forward Surge Current
-
Peak Forward Current - Amperesversus
Number of Cycles at 60Hz
Amps
Cycles
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 3
Forward Derating Curve
020
40
60
80 100 120 140 160 180
0
.2
.4
.6
.8
1.0
1.2
1.4
Resistive or
Inductive Load
Amps
°C
200
60
40
4
400
1000
Typical
Distribution
Median
Figure 1
Typical Forward Characteristics
MCC
Revision: D
2013/04/30
TM
Micro Commercial Components
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
10
1.0
0.1
1.2
1.0
0.8
0.6
0.4
0.01
TJ = 150°C
100
°C 25°C
−40
°C
Amps
www.mccsemi.com
2 of 4


同様の部品番号 - GS1BE

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
GS1BE MCC-GS1BE Datasheet
252Kb / 4P
   1.0 Amp Silicon Rectifier 50 to 1000 Volts
GS1BE MCC-GS1BE Datasheet
296Kb / 4P
   1.0 Amp Silicon Rectifier 50 to 1000 Volts
GS1BE-TPS05 MCC-GS1BE-TPS05 Datasheet
421Kb / 4P
   1.0 Amp Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com