データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU-00244-0 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 BU-00244-0
部品情報  Solderless Banana Plug-Hex Design
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

BU-00244-0 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-00244-0 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Solderless Banana Plug-Hex Design
• Material: Banana Plug: nickel-plated brass body; Spring: nickel-plated
phosphor bronze; Insulator: ABS
• Length: 1.89” (48.1 mm)
• *Std. Colors: -0 Black, -2 Red
• Rating: 15 Amps
RoHS Compliant
Part Number:
BU-00244- *
Description:
Solderless Banana Plug-Hex Design
3507


同様の部品番号 - BU-00244-0

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BU-00243-0 ETC2-BU-00243-0 Datasheet
49Kb / 1P
   Solderless Banana Plug
BU-00243-2 ETC2-BU-00243-2 Datasheet
49Kb / 1P
   Solderless Banana Plug
BU-00245-0 ETC2-BU-00245-0 Datasheet
47Kb / 1P
   Set Screw Banana Plug
BU-00245-2 ETC2-BU-00245-2 Datasheet
47Kb / 1P
   Set Screw Banana Plug
BU-00246-0 ETC2-BU-00246-0 Datasheet
49Kb / 1P
   Tapered Handle Banana Plug
More results

同様の説明 - BU-00244-0

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BU-00243-0 ETC2-BU-00243-0 Datasheet
49Kb / 1P
   Solderless Banana Plug
BU-P1825-0 ETC2-BU-P1825-0 Datasheet
201Kb / 1P
   SOLDERLESS STACKABLE BANANA PLUG
logo
Pomona Electronics
2944 POMONA-2944 Datasheet
28Kb / 1P
   Miniature Solderless Stackup Banana Plug
logo
3M Electronics
1825-7 3M-1825-7 Datasheet
163Kb / 1P
   Standard Banana Plug, Solderless and Stackable
logo
Pomona Electronics
5406-0 POMONA-5406-0 Datasheet
75Kb / 1P
   Standard Banana Plug, Solderless and Stackable
1325-8 POMONA-1325-8 Datasheet
75Kb / 1P
   Standard Banana Plug, Solderless and Stackable
logo
Emerson Network Power
108-0313-001 EMERSON-NETWORKPOWER-108-0313-001 Datasheet
277Kb / 1P
   Banana Plug - Insulated Solderless Tapered Handle
logo
3M Electronics
1825-5 3M-1825-5 Datasheet
76Kb / 1P
   Standard Banana Plug, Solderless and Stackable
logo
Pomona Electronics
2945 POMONA-2945 Datasheet
34Kb / 1P
   Miniature Solderless Stackup Banana Plug With Safety Collar
1325-6 POMONA-1325-6 Datasheet
27Kb / 2P
   Do-It-Yourself Banana Plug, Solderless Stackable Type For Standard Banana Jacks
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com