データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLR110ATF データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 IRLR110ATF
部品情報  $GYDQFHG 3RZHU 026)(7
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRLR110ATF データシート(HTML) 3 Page - Fairchild Semiconductor

  IRLR110ATF Datasheet HTML 1Page - Fairchild Semiconductor IRLR110ATF Datasheet HTML 2Page - Fairchild Semiconductor IRLR110ATF Datasheet HTML 3Page - Fairchild Semiconductor IRLR110ATF Datasheet HTML 4Page - Fairchild Semiconductor IRLR110ATF Datasheet HTML 5Page - Fairchild Semiconductor IRLR110ATF Datasheet HTML 6Page - Fairchild Semiconductor IRLR110ATF Datasheet HTML 7Page - Fairchild Semiconductor IRLR110ATF Datasheet HTML 8Page - Fairchild Semiconductor IRLR110ATF Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRLR/U110A
10
-1
10
0
10
1
10
-1
10
0
10
1
@ Notes :
1. 250
µs Pulse Test
2. T
C
= 25
oC
V
GS
Top :
7.0V
6.0V
5.5V
5.0V
4.5V
4.0V
3.5V
Bottom :
3.0V
V
DS
, Drain-Source Voltage [V]
0
5
10
15
20
0.0
0.2
0.4
0.6
0.8
@ Note : T
J
= 25
oC
V
GS
= 10 V
V
GS
= 5 V
I
D
, Drain Current [A]
0
246
0
2
4
6
V
DS
= 80 V
V
DS
= 50 V
V
DS
= 20 V
@ Notes : I
D
= 5.6 A
Q
G
, Total Gate Charge [nC]
02468
10
10
-1
10
0
10
1
25
oC
150
oC
- 55
oC
@ Notes :
1. V
GS
= 0 V
2. V
DS
= 40 V
3. 250
µs Pulse Test
V
GS
, Gate-Source Voltage [V]
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10
-1
10
0
10
1
150
oC
25
oC
@ Notes:
1.V
GS = 0 V
2.250
µs PulseTest
V
SD
, Source-Drain Voltage [V]
10
0
10
1
0
70
140
210
280
350
C
iss
= C
gs
+ C
gd
( C
ds
= shorted )
C
oss= Cds+ Cgd
C
rss= Cgd
@ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS
, Drain-Source Voltage [V]
3
1&+$11(/
32:(5 026)(7
Fig 1. Output Characteristics
Fig 2. Transfer Characteristics
Fig 6. Gate Charge vs. Gate-Source Voltage
Fig 5. Capacitance vs. Drain-Source Voltage
Fig 4. Source-Drain Diode Forward Voltage
Fig 3. On-Resistance vs. Drain Current


同様の部品番号 - IRLR110ATF

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
IRLR110A FAIRCHILD-IRLR110A Datasheet
272Kb / 9P
   Advanced Power MOSFET
logo
Inchange Semiconductor ...
IRLR110A ISC-IRLR110A Datasheet
373Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - IRLR110ATF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFP254A IRF-IRFP254A Datasheet
247Kb / 7P
   $GYDQFHG 3RZHU 026)(7
logo
CTS Corporation
026T419S101A1A1 CTS-026T419S101A1A1 Datasheet
2Mb / 4P
   Series 026 Data Sheet Rotary Potentiometer
logo
Molex Electronics Ltd.
1050170001 MOLEX11-1050170001 Datasheet
143Kb / 3P
   0.65mm (.026") Pitch Micro-USB B Receptacle
logo
Vishay Siliconix
CHPHR VISHAY-CHPHR Datasheet
112Kb / 7P
   ESCC 4001/026 Qualified High Stability Thick Film Resistor Chips
Revision: 19-Nov-14
logo
Molex Electronics Ltd.
0473460001 MOLEX6-0473460001 Datasheet
114Kb / 3P
   0.65mm (.026") Pitch Micro-USB B Receptacle, Bottom Mount, SMT, Lead Free
0475310011 MOLEX6-0475310011 Datasheet
114Kb / 3P
   2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 0.67mm (.026"), with Mylar, 4 Circuits
logo
Vishay Siliconix
CHPFR VISHAY-CHPFR Datasheet
111Kb / 7P
   ESCC 4001/026 Qualified R Failure Rate High Precision Thick Film Chip Resistors
Revision: 19-Nov-14
logo
Molex Electronics Ltd.
0475900001 MOLEX6-0475900001 Datasheet
137Kb / 3P
   0.65mm (.026") Pitch Micro-USB AB Receptacle, Right Angle, Top Mount, SMT, Lead Free
0475890001 MOLEX6-0475890001 Datasheet
145Kb / 3P
   0.65mm (.026") Pitch Micro-USB AB Receptacle, Right Angle, Bottom Mount, SMT, Lead Free
0476150001 MOLEX6-0476150001 Datasheet
131Kb / 3P
   2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 0.67mm (.026"), 4 Circuits, Lead-free
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com