データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC849B データシート(PDF) 4 Page - NXP Semiconductors

部品番号 BC849B
部品情報  NPN general purpose transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC849B データシート(HTML) 4 Page - NXP Semiconductors

  BC849B Datasheet HTML 1Page - NXP Semiconductors BC849B Datasheet HTML 2Page - NXP Semiconductors BC849B Datasheet HTML 3Page - NXP Semiconductors BC849B Datasheet HTML 4Page - NXP Semiconductors BC849B Datasheet HTML 5Page - NXP Semiconductors BC849B Datasheet HTML 6Page - NXP Semiconductors BC849B Datasheet HTML 7Page - NXP Semiconductors BC849B Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2004 Jan 16
4
NXP Semiconductors
Product data sheet
NPN general purpose transistors
BC849; BC850
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Notes
1.
VBEsat decreases by about 1.7 mV/K with increasing temperature.
2.
VBE decreases by about 2 mV/K with increasing temperature.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = 30 V
15
nA
IE = 0; VCB = 30 V; Tj = 150 °C
5
μA
IEBO
emitter cut-off current
IC = 0; VEB = 5 V
100
nA
hFE
DC current gain
IC = 10 μA; VCE = 5 V;
see Figs 2 and 3
BC849B; BC850B
240
BC849C; BC850C
450
DC current gain
IC = 2 mA; VCE = 5 V;
see Figs 2 and 3
BC849B; BC850B
200
290
450
BC849C; BC850C
420
520
800
VCEsat
collector-emitter saturation
voltage
IC = 10 mA; IB = 0.5 mA
90
250
mV
IC = 100 mA; IB = 5 mA
200
600
mV
VBEsat
base-emitter saturation voltage
IC = 10 mA; IB = 0.5 mA; note 1
700
mV
IC = 100 mA; IB = 5 mA; note 1
900
mV
VBE
base-emitter voltage
IC = 2 mA; VCE = 5 V; note 2
580
660
700
mV
IC = 10 mA; VCE = 5 V; note 2
770
mV
Cc
collector capacitance
IE = ie = 0; VCB = 10 V; f = 1 MHz
2.5
pF
Ce
emitter capacitance
IC = ic = 0; VEB = 500 mV; f = 1 MHz −
11
pF
fT
transition frequency
IC = 10 mA; VCE = 5 V; f = 100 MHz
100
MHz
F
noise figure
IC = 200 μA; VCE = 5 V; RS = 2 kΩ;
f = 10 Hz to 15.7 kHz
4
dB
IC = 200 μA; VCE = 5 V; RS = 2 kΩ;
f = 1 kHz; B = 200 Hz
4
dB


同様の部品番号 - BC849B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BC849B PHILIPS-BC849B Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 08
logo
Micro Commercial Compon...
BC849B MCC-BC849B Datasheet
226Kb / 2P
   NPN Plastic-Encapsulate Transistors
logo
Zowie Technology Corpor...
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Guangdong Kexin Industr...
BC849B KEXIN-BC849B Datasheet
1Mb / 3P
   NPN Transistors
logo
Siemens Semiconductor G...
BC849B SIEMENS-BC849B Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

同様の説明 - BC849B

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com