データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJ データシート(PDF) 1 Page - EUROQUARTZ limited

部品番号 MJ
部品情報  5 x 3.2 x 0.9mm SMD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EUROQUARTZ [EUROQUARTZ limited]
ホームページ  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

MJ データシート(HTML) 1 Page - EUROQUARTZ limited

  MJ Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
DESCRIPTION
MJ crystals are miniature surface-mount crystals produced with a
ceramic substrate and seam-welded metal lid. Their compact size and
low mass make hem an ideal crystal for high-density applications.
Miniature size: 5.0mm x 3.2mm x 1.0mm height
Gold-plated ceramic base with metal seam-welded lid
To minimize EMI the whole crystal may be grounded
High shock and vibration resistance
Ideal for PDAs, GPS, PCMCIA, Wirless LAN etc.
FEATURES
OUTLINE & DIMENSIONS
Frequency Range:
AT-Cut Fundamental:
7.0MHz to 50.0MHz
AT-Cut 3rd Overtone:
40.0MHz to 125.0MHz
Calibration Tolerance at 25ºC:
from ±5ppm
(±10, ±20 or ±30ppm standard)
Frequency stability
-10° to +60°C
from ±5ppm
-20° to +70°C
from ±10ppm
-40° to +85°C
from ±15ppm
Storage Temperature:
-50°~+105°C
Effective Series Resistance and Mode
7.0MHz to 50.0MHz:
50Ω max., AT-Cut Fundamental
40.0MHz to 125.0MHz:
80Ω max., AT-Cut 3rd Overtone
Operating Temperature Range:
from 0° ~ +50°C
to -55° ~ +105°
Shunt Capacitance (C0):
2pF to 4pF typical, 5pF maximum
Load Capacitance (CL):
Series or from 10pF to 32pF
(
)
Ageing:
<±3ppm per year at +25°C
Drive level:
100 mW maximum
Reflow Soldering:
10s maximum at 260°C twice
or 180s at 230°C, once.
Package:
Ceramic base, metal (Kovar) lid,
Hermetic seal
Packaging:
12mm EIA tape and reel
1000 pieces per reel
SPECIFICATION
MJ CRYSTALS
PART NUMBER GENERATION
Part numbers for MJ crystals are generated as follows:
12.000MHz MJ/20/30/-10+60/18pF/60R
Example:
Nominal Frequency
Package MJ
Calibration Tolerance
at 25°C (±ppm)
Temperature Stability
over temp. range (±ppm)
Operating Temp. Range (°C)
Load Capacitance
Equivalent Series Resistance
RoHS Status:
Compliant
Gross Leak:
1kg pressurized water immersion
test as per Euroquartz procedures.
Fine Leak:
<5x10-8 atm cc/s -helium leak test
Shock:
±5ppm max. Free drop 3 times
from 75cm height onto a hard
wooden board or half sine wave
acceleration of 100g peak
amplitude for 11 ms duration, 3
cycles each plane.
Vibration:
±5ppm max., frequency 10 to
55Hz, amplitude 1.5mm or
10g rms. Duration 6 hours.
Solderability:
MIL-STD-883, Method 2003
Humidity:
48 hours at 85°C, relative
humidity, non-condensing
Thermal Shock:
Temperature cycling: Exposed to
-40°C for 30 minutes then to
+85°C for 30 minutes,
- duration 5 days.
ENVIRONMENTAL SPECIFICATION
5 x 3.2 x 0.9mm SMD
7.0MHz to 125MHz


同様の説明 - MJ

メーカー部品番号データシート部品情報
logo
EUROQUARTZ limited
MJ2 EUROQUARTZ-MJ2 Datasheet
148Kb / 1P
   5.0 x 3.2 x 0.9mm SMD
G324 EUROQUARTZ-G324 Datasheet
115Kb / 2P
   3.2 x 2.5 x 0.9mm 4 pad SMD
XON-3200VHG EUROQUARTZ-XON-3200VHG Datasheet
175Kb / 1P
   3.2 x 2.5 x 0.9mm SMD - Clipped Sinewave
MJ20 EUROQUARTZ-MJ20 Datasheet
235Kb / 1P
   5 x 3.2 x 1.0mm SMD
MB53T EUROQUARTZ-MB53T Datasheet
177Kb / 1P
   5 x 3.2 x 2.2mm SMD HCMOS
EQ156 EUROQUARTZ-EQ156 Datasheet
297Kb / 1P
   3.2 x 1.5 x 0.9mm Ultra-miniature 32.768kHz Crystal
logo
OptoSupply Internationa...
OSXX5630C1A-60MA OPTOSUPPLY-OSXX5630C1A-60MA Datasheet
491Kb / 9P
   5.6 x 3.0 x 0.9mm SMD
OSXX5630C1A-150MA OPTOSUPPLY-OSXX5630C1A-150MA Datasheet
496Kb / 9P
   5.6 x 3.0 x 0.9mm SMD
logo
EUROQUARTZ limited
XO22 EUROQUARTZ-XO22 Datasheet
222Kb / 2P
   2.5 x 2.0 x 0.9mm SMD HCMOS
G534 EUROQUARTZ-G534 Datasheet
237Kb / 1P
   5 x 3.2 x 1.2mm 4 pad SMD
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com