データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N6288 データシート(PDF) 3 Page - Dc Components

部品番号 1N6288
部品情報  TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DCCOM [Dc Components]
ホームページ  http://www.dccomponents.com
Logo DCCOM - Dc Components

1N6288 データシート(HTML) 3 Page - Dc Components

  1N6288 Datasheet HTML 1Page - Dc Components 1N6288 Datasheet HTML 2Page - Dc Components 1N6288 Datasheet HTML 3Page - Dc Components 1N6288 Datasheet HTML 4Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
R
DC COMPONENTS CO., LTD.
1.5KW (1500W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
1.5KE6.8
1N6267
6.12
7.48
10
5.50
1000
139
10.8
1.5KE6.8A
1N6267A
6.45
7.14
10
5.80
1000
142
10.5
1.5KE7.5
1N6268
6.75
8.25
10
6.05
500
128
11.7
1.5EK7.5A
1N6268A
7.13
7.88
10
6.40
500
132
11.3
1.5KE8.2
1N6269
7.38
9.02
10
6.63
200
120
12.5
1.5KE8.2A
1N6269A
7.79
8.61
10
7.02
200
124
12.1
1.5KE9.1
1N6270
8.19
10.0
1.0
7.37
50
109
13.8
1.5KE9.1A
1N6270A
8.65
9.55
1.0
7.78
50
112
13.4
1.5KE10
1N6271
9.00
11.0
1.0
8.10
10
100
15.0
1.5EK10A
1N6271A
9.50
10.5
1.0
8.55
10
103
14.5
1.5KE11
1N6272
9.90
12.1
1.0
8.92
5.0
93.0
16.2
1.5KE11A
1N6272A
10.5
11.6
1.0
9.40
5.0
96.0
15.6
1.5KE12
1N6273
10.8
13.2
1.0
9.72
5.0
87.0
17.3
1.5KE12A
1N6273A
11.4
12.6
1.0
10.2
5.0
90.0
16.7
1.5KE13
1N6274
11.7
14.3
1.0
10.5
5.0
79.0
19.0
1.5KE13A
1N6274A
12.4
13.7
1.0
11.1
5.0
82.0
18.2
1.5KE15
1N6275
13.5
16.5
1.0
12.1
5.0
68.0
22.0
15.KE15A
1N6275A
14.3
15.8
1.0
12.8
5.0
71.0
21.2
1.5KE16
1N6276
14.3
17.6
1.0
12.9
5.0
64.0
23.5
1.5KE16A
1N6276A
15.2
16.8
1.0
13.6
5.0
67.0
22.5
1.5KE18
1N6277
16.2
19.8
1.0
14.5
5.0
56.5
26.5
1.5KE18A
1N6277A
17.1
18.9
1.0
15.3
5.0
59.5
25.2
1.5KE20
1N6278
18.0
22.0
1.0
16.2
5.0
51.5
29.1
1.5KE20A
1N6278A
19.0
21.0
1.0
17.1
5.0
54.0
27.7
1.5KE22
1N6279
19.8
24.2
1.0
17.8
5.0
47.0
31.9
1.5KE22A
1N6279A
20.9
23.1
1.0
18.8
5.0
49.0
30.6
1.5KE24
1N6280
21.6
26.4
1.0
19.4
5.0
43.0
34.7
1.5KE24A
1N6280A
22.8
25.2
1.0
20.5
5.0
45.0
33.2
1.5KE27
1N6281
24.3
29.7
1.0
21.8
5.0
38.5
39.1
1.5KE27A
1N6281A
25.7
28.4
1.0
23.1
5.0
40.0
37.5
1.5KE30
1N6282
27.0
33.0
1.0
24.3
5.0
35.5
43.5
1.5KE30A
1N6282A
28.5
31.5
1.0
25.6
5.0
36.0
41.4
1.5KE33
1N6283
29.7
36.3
1.0
26.8
5.0
31.5
47.7
1.5KE33A
1N6283A
31.4
34.7
1.0
28.2
5.0
33.0
45.7
1.5KE36
1N6284
32.4
39.6
1.0
29.1
5.0
29.0
52.0
1.5KE36A
1N6284A
34.2
37.8
1.0
30.8
5.0
30.0
49.9
1.5KE39
1N6285
35.1
42.9
1.0
31.6
5.0
26.5
56.4
1.5KE39A
1N6285A
37.1
41.0
1.0
33.3
5.0
28.0
53.9
1.5.KE43
1N6286
38.7
47.3
1.0
34.8
5.0
24.0
61.9
1.5.KE43A
1N6286A
40.9
45.2
1.0
36.8
5.0
25.3
59.3
1.5KE47
1N6287
42.3
51.7
1.0
38.1
5.0
22.2
67.8
1.5KE47A
1N6287A
44.7
49.4
1.0
40.2
5.0
23.2
64.8
1.5KE51
1N6288
45.9
56.1
1.0
41.3
5.0
20.4
73.5
1.5KE51A
1N6288A
48.5
53.6
1.0
43.6
5.0
21.4
70.1
JEDEC
PART
NUMBER
178
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


同様の部品番号 - 1N6288

メーカー部品番号データシート部品情報
logo
Transys Electronics
1N6288 TRSYS-1N6288 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
1N6288 CHONGQING-1N6288 Datasheet
62Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1N6288 LUGUANG-1N6288 Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
EIC discrete Semiconduc...
1N6288 EIC-1N6288 Datasheet
27Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
GOOD-ARK Electronics
1N6288 GOOD-ARK-1N6288 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
More results

同様の説明 - 1N6288

メーカー部品番号データシート部品情報
logo
Dc Components
5KP50 DCCOM-5KP50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
5KP110A JINGHENG-5KP110A Datasheet
84Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P4KE6.8 GXELECTRONICS-P4KE6.8 Datasheet
334Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SA50 DCCOM-SA50 Datasheet
792Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
P6KE68 DCCOM-P6KE68 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
P4KE440 JINGHENG-P4KE440 Datasheet
88Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SMCJ50 DCCOM-SMCJ50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50 DCCOM-SMBJ50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 DCCOM-P4KE6.8 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPERESSOR
logo
Rectron Semiconductor
ESD5.0XM3 RECTRON-ESD5.0XM3 Datasheet
162Kb / 3P
   Low Clamping Voltage of Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com