データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LK212568NM-T データシート(PDF) 8 Page - Taiyo Yuden (U.S.A.), Inc

部品番号 LK212568NM-T
部品情報  Notice for TAIYO YUDEN products
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
ホームページ  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LK212568NM-T データシート(HTML) 8 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LK212568NM-T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LK212568NM-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LK212568NM-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LK212568NM-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LK212568NM-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LK212568NM-T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LK212568NM-T Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LK212568NM-T Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LK212568NM-T Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_mlci_pack_e-E02R01
Embossed Tape (8mm wide)
Type
Thickness
mm(inch)
Chip cavity
Insertion Pitch
Tape Thickness
K
T
CK2125(0805)
1.25(0.049)
1.5±0.2
(0.059±0.008)
2.3±0.2
(0.091±0.008)
4.0±0.1
(0.157±0.004)
2.0
(0.079)
0.3
(0.012)
CKS2125(0805)
1.25(0.049)
1.5±0.2
(0.059±0.008)
2.3±0.2
(0.091±0.008)
4.0±0.1
(0.157±0.004)
2.0
(0.079)
0.3
(0.012)
CKP2012(0805)
0.9 (0.035)
1.55±0.2
(0.061±0.008)
2.3±0.2
(0.091±0.008)
4.0±0.1
(0.157±0.004)
1.3
(0.051)
0.3
(0.012)
CKP2016(0806)
0.9 (0.035)
1.8±0.1
(0.071±0.004)
2.2±0.1
(0.087±0.004)
4.0±0.1
(0.157±0.004)
1.3
(0.051)
0.25
(0.01)
CKP2520(1008)
0.7 (0.028)
2.3±0.1
(0.091±0.004)
2.8±0.1
(0.110±0.004)
4.0±0.1
(0.157±0.004)
1.4
(0.055)
0.3
(0.012)
0.9 (0.035)
1.4
(0.055)
1.1 (0.043)
1.7
(0.067)
NM2012(0805)
0.9 (0.035)
1.55±0.2
(0.061±0.008)
2.3±0.2
(0.091±0.008)
4.0±0.1
(0.157±0.004)
1.3
(0.051)
0.3
(0.012)
NM2520(1008)
0.9 (0.035)
2.3±0.1
(0.091±0.004)
2.8±0.1
(0.110±0.004)
4.0±0.1
(0.157±0.004)
1.4
(0.055)
0.3
(0.012)
1.1 (0.043)
1.7
(0.067)
LK2125(0805)
1.25(0.049)
1.5±0.2
(0.059±0.008)
2.3±0.2
(0.091±0.008)
4.0±0.1
(0.157±0.004)
2.0
(0.079)
0.3
(0.012)
HK2125(0805)
0.85(0.033)
1.5±0.2
(0.059±0.008)
2.3±0.2
(0.091±0.008)
4.0±0.1
(0.157±0.004)
1.5
(0.059)
0.3
(0.012)
1.0 (0.039)
2.0
(0.079)
BK2125(0805)
1.25(0.049)
1.5±0.2
(0.059±0.008)
2.3±0.2
(0.091±0.008)
4.0±0.1
(0.157±0.004)
2.0
(0.079)
0.3
(0.012)
BK3216(1206)
0.8(0.031)
1.9±0.1
(0.075±0.004)
3.5±0.1
(0.138±0.004)
4.0±0.1
(0.157±0.004)
1.4
(0.055)
0.3
(0.012)
MCF0806(0302)
0.4 (0.016)
0.75±0.05
(0.030±0.002)
0.95±0.05
(0.037±0.002)
2.0±0.05
(0.079±0.002)
0.55
(0.022)
0.3
(0.012)
MCF1210(0504)
0.55(0.022)
1.15±0.05
(0.045±0.002)
1.40±0.05
(0.055±0.002)
4.0±0.1
(0.157±0.004)
0.65
(0.026)
0.3
(0.012)
MCF2010(0804)
0.45(0.018)
1.1±0.1
(0.043±0.004)
2.3±0.1
(0.091±0.004)
4.0±0.1
(0.157±0.004)
0.85
(0.033)
0.3
(0.012)
Unit : mm(inch)
Embossed Tape (4mm wide)
Type
Thickness
mm(inch)
Chip cavity
Insertion Pitch
Tape Thickness
K
T
HKQ0402(01005)
0.2 (0.008)
0.23
0.43
1.0±0.02
0.5max.
0.25max.
Unit : mm


同様の部品番号 - LK212568NM-T

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
LK212568NM-T TAIYO-YUDEN-LK212568NM-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
More results

同様の説明 - LK212568NM-T

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com