データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPV315YAT データシート(PDF) 3 Page - OPTEK Technologies

部品番号 OPV315YAT
部品情報  Vertical Cavity Surface Emitting Laser in ST Optical Sub-Assembly
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OPTEK [OPTEK Technologies]
ホームページ  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPV315YAT データシート(HTML) 3 Page - OPTEK Technologies

  OPV315YAT Datasheet HTML 1Page - OPTEK Technologies OPV315YAT Datasheet HTML 2Page - OPTEK Technologies OPV315YAT Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue 3
05/2011
Page 3 of 3
Vertical Cavity Surface Emitting Laser in ST
Optical Sub-Assembly
OPV315AT, OPV315BT, OPV315YAT, OPV315YBT
1
2
3
VCSEL
PD
Pin
Connection
1
VCSEL Anode
2
VCSEL Cathode/PD Anode
3
PD Cathode
OPV315AT, OPV315BT
Pin
Connection
1
VCSEL Cathode
2
VCSEL Anode/PD Cathode
3
PD Anode
OPV315YAT, OPV315YBT
1
2
3
VCSEL
PD
Normalized Output Power vs. Forward Current
Forward Current (mA)
0.573 [14.55]
0.290 [7.37] M ax.
0.410 [10.41]
0.500 [12.70]
0.400 [10.15]
Min.
0.375-24 U N F-2A
0.075 [1.91]
0.100 D ia.
Nom.
1
2
0.375 [9.53]
3
Invisible Light emits from this surface
2x 2-56 UNC-2B
Ø.101 x .15 Deep


同様の部品番号 - OPV315YAT

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
OPV315Y OPTEK-OPV315Y Datasheet
332Kb / 4P
   Technical Data
logo
TT Electronics.
OPV315YBT TTELEC-OPV315YBT Datasheet
769Kb / 3P
   Vertical Cavity Surface Emitting Laser in FC Optical Sub-Assembly
OPV315YF TTELEC-OPV315YF Datasheet
226Kb / 5P
   Vertical Cavity Surface Emitting Laser in FC Optical Sub-Assembly
More results

同様の説明 - OPV315YAT

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
OPV214T OPTEK-OPV214T Datasheet
168Kb / 4P
   Vertical Cavity Surface Emitting Laser in ST Optical Sub-Assembly
logo
TT Electronics.
OPV314F TTELEC-OPV314F Datasheet
226Kb / 5P
   Vertical Cavity Surface Emitting Laser in FC Optical Sub-Assembly
OPV314AT TTELEC-OPV314AT Datasheet
786Kb / 3P
   Vertical Cavity Surface Emitting Laser in FC Optical Sub-Assembly
OPV315AT TTELEC-OPV315AT Datasheet
769Kb / 3P
   Vertical Cavity Surface Emitting Laser in FC Optical Sub-Assembly
logo
OPTEK Technologies
OPV314AT OPTEK-OPV314AT Datasheet
284Kb / 4P
   Vertical Cavity Surface Emitting Laser
logo
TT Electronics.
OPV300 TTELEC-OPV300 Datasheet
849Kb / 7P
   Vertical Cavity Surface Emitting Laser
logo
OPTEK Technologies
OPV300 OPTEK-OPV300_14 Datasheet
284Kb / 4P
   Vertical Cavity Surface Emitting Laser
OPV215 OPTEK-OPV215 Datasheet
244Kb / 4P
   Vertical Cavity Surface Emitting Laser
OPV220 OPTEK-OPV220 Datasheet
232Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV222 OPTEK-OPV222 Datasheet
223Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com