データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

38BM-4-H-4-S データシート(PDF) 2 Page - Grayhill, Inc

部品番号 38BM-4-H-4-S
部品情報  Sub-Miniature Surface Mount Surface Mount Process Compatible
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GRAYHILL [Grayhill, Inc]
ホームページ  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

38BM-4-H-4-S データシート(HTML) 2 Page - Grayhill, Inc

  38BM-4-H-4-S Datasheet HTML 1Page - Grayhill, Inc 38BM-4-H-4-S Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Butt Contact Pushbutton Switches
Pushbutton
5
Series:38BM=SPST,Momentary,
SurfaceMount
38BC=SPDT,Momentary,
SurfaceMount
dimension "a":
0=0.020"4=0.215"
38BX-0-H-3-S
Seal:S=O-RingSeal
Contact Plating Material:
1=SolderDipoverGold(non-RoHS)
2=SolderDipoverSilver(non-RoHS)
3=Gold-RoHSCompliant
4=Silver-RoHSCompliant
Orientation:
H=HorizontaltoPCB
SPSt n.O.
SPSt–n.O.
CirCuitry
taPe and reeL PaCKaGinG
OrderinG inFOrMatiOn
SPdt–n.O.
N.O.
TERM.3
N.C.
TERM.1
COMM
TERM.2
SerieS 38BM and 38BC
Sub-Miniature Surface Mount
38BM-4-H-1-S
SHOWN FOR
REFERENCE
ONLY
SWITCHES AND COVER TAPE
NOT SHOWN FOR CLARITY
1.260±.012
(32.00±
0.3MM)
13
INCH
REEL
.630±.004
(16.00±0.1MM)
POCKET
CENTER
LINES
DIRECTION
OF FEED
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com


同様の部品番号 - 38BM-4-H-4-S

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
38B5 RENESAS-38B5 Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38B5 RENESAS-38B5 Datasheet
3Mb / 356P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38B5_M RENESAS-38B5_M Datasheet
3Mb / 356P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38B7 RENESAS-38B7 Datasheet
1Mb / 110P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38B7 RENESAS-38B7 Datasheet
4Mb / 415P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

同様の説明 - 38BM-4-H-4-S

メーカー部品番号データシート部品情報
logo
Anaren Microwave
XC0600B-03P ANAREN-XC0600B-03P Datasheet
1Mb / 6P
   PROCESS, SURFACE MOUNT
logo
TT Electronics.
OPR5200 TTELEC-OPR5200 Datasheet
1Mb / 3P
   Miniature Surface Mount
logo
CIT Relay & Switch
STS CIT-STS Datasheet
264Kb / 2P
   Surface Mount Process Sealed Tactile
Rev B 11/2022
logo
Tyco Electronics
MAFRIN0205 MACOM-MAFRIN0205 Datasheet
110Kb / 2P
   Miniature Surface Mount Isolators
logo
Cooper Bussmann, Inc.
UP1B-R47-R COOPER-UP1B-R47-R Datasheet
889Kb / 7P
   Miniature surface mount design
logo
Abracon Corporation
ABM2 ABRACON-ABM2 Datasheet
466Kb / 1P
   CERAMIC SURFACE MOUNT MINIATURE
logo
Tyco Electronics
MAFRIN0151 MACOM-MAFRIN0151 Datasheet
108Kb / 2P
   Miniature Surface Mount Circulators
logo
PCA ELECTRONICS INC.
EPA3806GE PCA-EPA3806GE Datasheet
41Kb / 1P
   Miniature Surface Mount Transformer
logo
International Rectifier
IRF9530NSPBF IRF-IRF9530NSPBF Datasheet
758Kb / 10P
   Advanced Process Technology Surface Mount
logo
CIT Relay & Switch
STR CIT-STR Datasheet
542Kb / 2P
   Surface Mount, Process Sealed Tactile
Rev A 2020/12
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com