データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP140A データシート(PDF) 3 Page - OPTEK Technologies

部品番号 OP140A
部品情報  Plastic Infrared Emitting Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OPTEK [OPTEK Technologies]
ホームページ  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP140A データシート(HTML) 3 Page - OPTEK Technologies

  OP140A Datasheet HTML 1Page - OPTEK Technologies OP140A Datasheet HTML 2Page - OPTEK Technologies OP140A Datasheet HTML 3Page - OPTEK Technologies OP140A Datasheet HTML 4Page - OPTEK Technologies OP140A Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
04/2012
Page 3 of 5
Plastic Infrared Emitting Diode
OP140, OP145 Series
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage and Operating Temperature Range
-40o C to +100o C
Reverse Voltage
2.0 V
Continuous Forward Current
50 mA
Peak Forward Current
3.0 A
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron](1)
260° C
Power Dissipation(2)
100 mW
Notes:
1. RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering. A maximum of 20 grams force
may be applied to the leads when soldering.
2. Derate linearly 1.33 mW/° C above 25° C.
3. EE(APT) is a measurement of the average apertured radiant energy incident upon a sensing area 0.180” (4.57 mm) in diameter
perpendicular to and centered on the mechanical axis of the lens and 0.653” (6.60 mm) from the lens tip. EE(APT) is not necessarily
uniform within the measured area.
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
EE (APT)
Apertured Radiant Incidence
OP140A, OP145A
OP140B, OP145B
OP140C, OP145C
OP140D, OP145D
0.40
0.30
0.20
0.10
-
-
-
-
-
0.55
0.40
-
mW/cm2
IF = 20 mA
(3)
VF
Forward Voltage
-
-
1.60
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR= 2.0 V
λP
Wavelength at Peak Emission
-
935
-
nm
IF = 10 mA
B
Spectral Bandwidth between Half Power
Points
-
50
-
nm
IF = 10 mA
∆λP /∆T
Spectral Shift with Temperature
-
±0.30
-
nm/°C IF = Constant
θHP
Emission Angle at Half Power Points
-
40
-
Degree IF = 20 mA
tr
Output Rise Time
-
1000
-
ns
tf
Output Fall Time
-
500
-
ns
IF(PK)=100 mA, PW=10 µs, and
D.C.=10.0%


同様の部品番号 - OP140A

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
OP140A OPTEK-OP140A Datasheet
236Kb / 2P
   GaAs Plastic Infrared Emitting Diodes
logo
TT Electronics.
OP140A TTELEC-OP140A Datasheet
845Kb / 5P
   Plastic Infrared Emitting Diode
More results

同様の説明 - OP140A

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
OP265 OPTEK-OP265_14 Datasheet
232Kb / 4P
   Plastic Infrared Emitting Diode
OP265 OPTEK-OP265_06 Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265FAA TTELEC-OP265FAA Datasheet
376Kb / 3P
   Plastic Infrared Emitting Diode
OP168F TTELEC-OP168F Datasheet
380Kb / 6P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP168 OPTEK-OP168_14 Datasheet
230Kb / 6P
   Plastic Infrared Emitting Diode
OP240 OPTEK-OP240_14 Datasheet
235Kb / 3P
   Plastic Infrared Emitting Diode
OP165 OPTEK-OP165_06 Datasheet
387Kb / 4P
   Plastic Infrared Emitting Diode
OP290 OPTEK-OP290 Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265WPS TTELEC-OP265WPS Datasheet
339Kb / 3P
   Plastic Infrared Emitting Diode
OP290 TTELEC-OP290 Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP165 OPTEK-OP165_14 Datasheet
277Kb / 4P
   Plastic Infrared Emitting Diode
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com