データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP132W データシート(PDF) 1 Page - OPTEK Technologies

部品番号 OP132W
部品情報  Hermetic Infrared Emitting Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OPTEK [OPTEK Technologies]
ホームページ  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP132W データシート(HTML) 1 Page - OPTEK Technologies

  OP132W Datasheet HTML 1Page - OPTEK Technologies OP132W Datasheet HTML 2Page - OPTEK Technologies OP132W Datasheet HTML 3Page - OPTEK Technologies OP132W Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue B
10/2012
Page 1 of 4
Hermetic Infrared Emitting Diode
OP130 Series
Description:
Each OP130 series device is a 935 nm gallium arsenide (GaAs) infrared LED mounted in a hermetically sealed TO
-46 package that provides an enhanced temperature range with a variety of power ranges The TO-46 housing
also offers high power dissipation and superior protection for hostile environments.
Each OP130 device has a narrow beam with an inclusive angle at half power points of 18°. Each OP130W series
device has a broad irradiance pattern of 50° at half power points, providing relatively even illumination over a large
area. These devices are designed to efficiently operate with OP800, OP593, OP598 and OP599 phototransistors
or the OP830 photodarlington.
Please refer to Application Bulletins 208 and 210 for additional design information and reliability (degradation) data.
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for
more information.
Features:
TO-46 hermetically sealed package
Focused and non-focused optical light pattern
Enhanced temperature range
Mechanically and spectrally matched to other OPTEK devices
Choice of power ranges
Choice of narrow or wide irradiance pattern
Applications:
Non-contact reflective object sensor
Assembly line automation
Machine automation
Machine safety
End of travel sensor
Door sensor
“W”
Ordering Information
Part
Number
LED Peak
Wavelength
Output Power
(mW/cm
2)
Min / Max
Lens
Type
Total Beam
Angle
Lead
Length
(Min)
OP130
1.0 / NA
Dome
18°
0.50"
OP131
3.0 / NA
OP132
4.0 / NA
OP133
5.0 / NA
OP130W
1.0 / NA
Flat
50°
OP131W
3.0 / NA
OP132W
4.0 / NA
OP133W
5.0 / NA
935 nm
RoHS


同様の部品番号 - OP132W

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
OP132W OPTEK-OP132W Datasheet
195Kb / 1P
   GaAs Hermetic Infrared Emitting Diodes
OP132W OPTEK-OP132W Datasheet
264Kb / 4P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP132W TTELEC-OP132W Datasheet
900Kb / 4P
   Hermetic Infrared Diode
More results

同様の説明 - OP132W

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
OP235 OPTEK-OP235_14 Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
OP230 OPTEK-OP230_14 Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP230 TTELEC-OP230 Datasheet
344Kb / 6P
   Hermetic Infrared Emitting Diode
OP215 TTELEC-OP215 Datasheet
837Kb / 3P
   Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP123 OPTEK-OP123_14 Datasheet
396Kb / 4P
   Hermetic Infrared Emitting Diode
OP130 OPTEK-OP130_06 Datasheet
264Kb / 4P
   Hermetic Infrared Emitting Diode
OP215A OPTEK-OP215A_14 Datasheet
241Kb / 3P
   Hermetic Infrared Emitting Diode
OP223 OPTEK-OP223_14 Datasheet
396Kb / 4P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP123 TTELEC-OP123 Datasheet
343Kb / 4P
   Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP235TX OPTEK-OP235TX_14 Datasheet
119Kb / 3P
   High Reliability Hermetic Infrared Emitting Diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com